データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SL3S30 データシート(PDF) 6 Page - NXP Semiconductors

部品番号 SL3S30
部品情報  UCODE HSL
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  PHILIPS [NXP Semiconductors]
ホームページ  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SL3S30 データシート(HTML) 6 Page - NXP Semiconductors

  SL3S30 Datasheet HTML 1Page - NXP Semiconductors SL3S30 Datasheet HTML 2Page - NXP Semiconductors SL3S30 Datasheet HTML 3Page - NXP Semiconductors SL3S30 Datasheet HTML 4Page - NXP Semiconductors SL3S30 Datasheet HTML 5Page - NXP Semiconductors SL3S30 Datasheet HTML 6Page - NXP Semiconductors SL3S30 Datasheet HTML 7Page - NXP Semiconductors SL3S30 Datasheet HTML 8Page - NXP Semiconductors SL3S30 Datasheet HTML 9Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
Philips Semiconductors
Short Form Specification, Revision 3.0 October 2003
UCODE HSL
SL3ICS30 01
6
2 BLOCK DIAGRAM
32 Bit
Analogue RF Interface
Digital Control
EEPROM
Sequencer
Charge Pump
VDD
Data
In
Data
Out
R/W
Anticollision
Read/Write
Control
Access
Control
EEPROM Interface
Control
RF Interface
Control
PAD
VREG
V
RECT
DEMOD
MOD
PAD
Figure 1: Tag IC Block Diagram
3 FEATURES
3.1 RF Interface
Contactless transmission of data and supply energy (no battery needed)
Operating distance, depending on antenna geometry and local regulations, up to 8.4 m for a single
antenna.
Operating frequency within the released operating bands from 860 MHz to 960 MHz and 2.4 GHz to
2.5 GHz.
High data integrity: 16 bit CRC, framing
True aniticollision for collision arbitration
Write distance 70% of reading distance


同様の部品番号 - SL3S30

メーカー部品番号データシート部品情報
logo
NXP Semiconductors
SL3S1002AC0 NXP-SL3S1002AC0 Datasheet
1Mb / 56P
   512-bit user memory (G2XM only)
Rev. 3.6-10 March 2011
SL3S1002AC2 NXP-SL3S1002AC2 Datasheet
1Mb / 56P
   512-bit user memory (G2XM only)
Rev. 3.6-10 March 2011
SL3S1002FTB1 NXP-SL3S1002FTB1 Datasheet
1Mb / 56P
   512-bit user memory (G2XM only)
Rev. 3.6-10 March 2011
SL3S1002FTB1 NXP-SL3S1002FTB1 Datasheet
254Kb / 51P
   UCODE G2XM and G2XL
Rev. 3.7-9 October 2012
SL3S1002FTB1,115 NXP-SL3S1002FTB1,115 Datasheet
254Kb / 51P
   UCODE G2XM and G2XL
Rev. 3.7-9 October 2012
More results

同様の説明 - SL3S30

メーカー部品番号データシート部品情報
logo
NXP Semiconductors
SL3ICS3001 NXP-SL3ICS3001 Datasheet
550Kb / 54P
   UCODE HSL
Rev. 3.1-9 July 2012
SFS069730 PHILIPS-SFS069730 Datasheet
58Kb / 9P
   UCODE HSL
October 2003
SL3S1204 NXP-SL3S1204 Datasheet
347Kb / 40P
   UCODE 7
Rev. 4.0-5 March 2019
SL3S4011 NXP-SL3S4011 Datasheet
314Kb / 30P
   UCODE I2C
Rev.3.5-18 September 2018
SL3S1214 NXP-SL3S1214 Datasheet
308Kb / 34P
   UCODE 7m
Rev. 3.4-6 March 2019
SL3S1004 NXP-SL3S1004 Datasheet
591Kb / 33P
   UCODE 7xm and UCODE 7xm
Rev. 3.2-27 July 2016
SL3S10X4 NXP-SL3S10X4 Datasheet
336Kb / 39P
   UCODE 7xm-1k, UCODE 7xm-2k and UCODE 7xm
Rev. 3.4 - 16 June 2020
SL3S1203_1213 NXP-SL3S1203_1213 Datasheet
461Kb / 22P
   UCODE G2iL and G2iL
Rev. 3.2-9 November 2010
SL3S1203 NXP-SL3S1203 Datasheet
364Kb / 42P
   UCODE G2iL and G2iL
Rev. 4.5-12 February 2019
SL3S1205-15 NXP-SL3S1205-15 Datasheet
389Kb / 38P
   UCODE 8/8m
More results


Html Pages

1 2 3 4 5 6 7 8 9


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com