データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SN74AUC2G86 データシート(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
部品番号 SN74AUC2G86
部品情報  DUAL 2-INPUT EXCLUSIVE-OR GATE
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI - Texas Instruments

SN74AUC2G86 データシート(HTML) 6 Page - Texas Instruments

Back Button SN74AUC2G86 Datasheet HTML 2Page - Texas Instruments SN74AUC2G86 Datasheet HTML 3Page - Texas Instruments SN74AUC2G86 Datasheet HTML 4Page - Texas Instruments SN74AUC2G86 Datasheet HTML 5Page - Texas Instruments SN74AUC2G86 Datasheet HTML 6Page - Texas Instruments SN74AUC2G86 Datasheet HTML 7Page - Texas Instruments SN74AUC2G86 Datasheet HTML 8Page - Texas Instruments SN74AUC2G86 Datasheet HTML 9Page - Texas Instruments SN74AUC2G86 Datasheet HTML 10Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
MECHANICAL DATA
MPDS049B – MAY 1999 – REVISED OCTOBER 2002
1
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
DCT (R-PDSO-G8)
PLASTIC SMALL-OUTLINE PACKAGE
0,60
0,20
0,25
0
° – 8°
0,15 NOM
Gage Plane
4188781/C 09/02
4,25
5
0,30
0,15
2,90
3,75
2,70
8
4
3,15
2,75
1
0,10
0,00
1,30 MAX
Seating Plane
0,10
M
0,13
0,65
PIN 1
INDEX AREA
NOTES: A. All linear dimensions are in millimeters.
B. This drawing is subject to change without notice.
C. Body dimensions do not include mold flash or protrusion
D. Falls within JEDEC MO-187 variation DA.


同様の部品番号 - SN74AUC2G86

メーカー部品番号データシート部品情報
logo
Texas Instruments
SN74AUC2G86 TI-SN74AUC2G86 Datasheet
551Kb / 13P
[Old version datasheet]   DUAL 2-INPUT EXCLUSIVE-OR GATE
SN74AUC2G86DCTR TI-SN74AUC2G86DCTR Datasheet
551Kb / 13P
[Old version datasheet]   DUAL 2-INPUT EXCLUSIVE-OR GATE
SN74AUC2G86DCTRE4 TI-SN74AUC2G86DCTRE4 Datasheet
551Kb / 13P
[Old version datasheet]   DUAL 2-INPUT EXCLUSIVE-OR GATE
SN74AUC2G86DCTRG4 TI-SN74AUC2G86DCTRG4 Datasheet
551Kb / 13P
[Old version datasheet]   DUAL 2-INPUT EXCLUSIVE-OR GATE
SN74AUC2G86DCUR TI-SN74AUC2G86DCUR Datasheet
551Kb / 13P
[Old version datasheet]   DUAL 2-INPUT EXCLUSIVE-OR GATE
More results

同様の説明 - SN74AUC2G86

メーカー部品番号データシート部品情報
logo
NXP Semiconductors
74LVC2G86 NXP-74LVC2G86 Datasheet
87Kb / 15P
   Dual 2-input EXCLUSIVE-OR gate
Rev. 05-7 September 2007
logo
Nexperia B.V. All right...
74LVC2G86 NEXPERIA-74LVC2G86 Datasheet
285Kb / 18P
   Dual 2-input EXCLUSIVE-OR gate
Rev. 15 - 21 June 2022
logo
NXP Semiconductors
74HC2G86 PHILIPS-74HC2G86 Datasheet
85Kb / 17P
   Dual 2-input exclusive-OR gate
2003 Jul 28
74LVC2G86 PHILIPS-74LVC2G86 Datasheet
82Kb / 15P
   Dual 2-input exclusive-OR gate
Rev. 03-7 February 2005
logo
Texas Instruments
SN74LVC2G86 TI1-SN74LVC2G86 Datasheet
918Kb / 17P
[Old version datasheet]   Dual 2-Input Exclusive-OR Gate
logo
ON Semiconductor
NLX2G86 ONSEMI-NLX2G86 Datasheet
133Kb / 5P
   Dual 2-Input Exclusive-OR Gate
April, 2009 ??Rev. 0
logo
Nexperia B.V. All right...
74LVC2G86-Q100 NEXPERIA-74LVC2G86-Q100 Datasheet
785Kb / 14P
   Dual 2-input EXCLUSIVE-OR gate
logo
ON Semiconductor
NL27WZ86 ONSEMI-NL27WZ86_V01 Datasheet
353Kb / 9P
   Dual 2-Input Exclusive-OR Gate
October, 2020 - Rev. 9
logo
Diodes Incorporated
74LVC2G86 DIODES-74LVC2G86 Datasheet
510Kb / 11P
   DUAL 2-INPUT EXCLUSIVE-OR GATE
logo
STMicroelectronics
74V2G86 STMICROELECTRONICS-74V2G86 Datasheet
132Kb / 7P
   DUAL 2-INPUT EXCLUSIVE OR GATE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com