データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TPP7XGJERC000E2G データシート(PDF) 1 Page - OPLINK Communications Inc.

部品番号 TPP7XGJERC000E2G
部品情報  1550nm 40km SFP Transceivers
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  OPLINK [OPLINK Communications Inc.]
ホームページ  http://www.oplink.com
Logo OPLINK - OPLINK Communications Inc.

TPP7XGJERC000E2G データシート(HTML) 1 Page - OPLINK Communications Inc.

  TPP7XGJERC000E2G Datasheet HTML 1Page - OPLINK Communications Inc. TPP7XGJERC000E2G Datasheet HTML 2Page - OPLINK Communications Inc. TPP7XGJERC000E2G Datasheet HTML 3Page - OPLINK Communications Inc. TPP7XGJERC000E2G Datasheet HTML 4Page - OPLINK Communications Inc. TPP7XGJERC000E2G Datasheet HTML 5Page - OPLINK Communications Inc. TPP7XGJERC000E2G Datasheet HTML 6Page - OPLINK Communications Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
S0510. Rev.01 (web) 2015-08-21
Pb
Product Description
Features
Absolute Maximum Ratings
TPP7XGJERxG
The TPP7XGJERxG is an enhanced small form factor pluggable (SFP+) fiber
optic transceiver with digital diagnostics monitoring functionality (DDM).
Supporting Ethernet and Fiber Channel standards makes it ideally suited for
10Gbps data-com and storage area network applications. DDM functionality
(alarm and warning features) is integrated into the design via an I2C serial
interface per the Multi-Source Agreement (MSA) SFF-8472, Rev. 11.3.
The transceiver supports data rates ranging from 11.3Gbps down to 8Gbps.
It provides an excellent solution for data transmission at 1550nm over up
to 40km single mode fiber. The low power consumption and excellent EMI
performance enable system design with high port density. The product is
RoHS compliant and is designed and tested in accordance with industry
safety standards. The transceiver is Class 1 Laser product per U.S. FDA/CDRH
and international IEC-60825 standards.
The TPP7XGJERxG transceiver connects to standard 20-pad SFP+ connectors
for hot plug capability. This allows the system designer to make configuration
changes or maintenance by simply plugging in different transceivers without
removing the power supply from the host system.The transmitter and receiver
DATA interfaces are internally AC-coupled. LV-TTL Transmitter Disable control
input and Loss of Signal (LOS) output interfaces are also provided.
The transceiver has bail-type latch, which offers an easy and convenient way
to release the modules. The latch is compliant with the SFP MSA.
The transceiver operates from a single +3.3V power supply over an operating
case temperature range of -5°C to +70°C (commercial), or -5°C to +85°C
(extended) or -40°C to +85°C (industrial) . The housing is made of metal for
EMI immunity.
Multi-rate for Ethernet & Fiber Channel
Transmission distance up to 40km (SM fiber)
Low power consumption
Wide case operating temperature range
Compliant with SFP+ Electrical MSA SFF-8431
Compliant with SFP+ Mechanical MSA SFF-8432
Compliant with 10GBASE-E specifications
Digital Diagnostics Monitoring (DDM) through
Serial Interface comply with SFF-8472, Rev. 11.3
RoHS 6/6 Compliant
Laser Class 1 IEC/CDRH compliant
Parameter
Symbol
Minimum
Maximum
Units
Storage Temperature Range
T
ST
- 40
+ 85
°C
Operating Case Temperature 1
“Commercial”
T
OP
- 5
+ 70
°C
“Extended”
- 5
+ 85
“Industrial”
- 40
+ 85
Operating Relative Humidity 2
RH
0
85
%
Supply Voltage Range
V
CC
- 0.5
+ 3.6
V
1
Measured on top side of SFP+ module at the front center vent hole of the cage.
2
Non condensing
1550nm 40km SFP+ Transceivers


同様の部品番号 - TPP7XGJERC000E2G

メーカー部品番号データシート部品情報
logo
Wuxi Unigroup Microelec...
TPP70R190C WUMC-TPP70R190C Datasheet
908Kb / 10P
   700V Super-Junction Power MOSFET
TPP70R1K5C WUMC-TPP70R1K5C Datasheet
1Mb / 13P
   700V Super-Junction Power MOSFET
TPP70R450C WUMC-TPP70R450C Datasheet
1Mb / 12P
   700V Super-Junction Power MOSFET
TPP70R450C WUMC-TPP70R450C Datasheet
1Mb / 12P
   700V Super-Junction Power MOSFET
TPP70R450C WUMC-TPP70R450C Datasheet
1Mb / 12P
   700V Super-Junction Power MOSFET
More results

同様の説明 - TPP7XGJERC000E2G

メーカー部品番号データシート部品情報
logo
OPLINK Communications I...
TPP1XGJERXG-0985 OPLINK-TPP1XGJERXG-0985 Datasheet
266Kb / 6P
   1550nm 40km SFP Transceiver
TPC1XGJERXG OPLINK-TPC1XGJERXG Datasheet
508Kb / 7P
   CWDM 40km SFP Transceivers
TPD1XGJERXX OPLINK-TPD1XGJERXX Datasheet
625Kb / 9P
   DWDM 40km SFP Transceivers
TPD1XGJERXX-S0217 OPLINK-TPD1XGJERXX-S0217 Datasheet
347Kb / 9P
   DWDM 40km SFP Transceivers
TPC1XGJERXG-S0218 OPLINK-TPC1XGJERXG-S0218 Datasheet
325Kb / 7P
   CWDM 40km SFP Transceivers
logo
Level One
SFP-7421 LVL1-SFP-7421 Datasheet
255Kb / 4P
   155M Single-mode BIDI SFP Transceiver 40km TX/RX over 1310/1550nm
logo
Source Photonics, Inc.
SP-GB-EX-CDA SOURCE-SP-GB-EX-CDA Datasheet
485Kb / 7P
   40km GbE SFP Transceiver
logo
OPLINK Communications I...
TPP1XGKZRXG-S0226 OPLINK-TPP1XGKZRXG-S0226 Datasheet
344Kb / 6P
   1550nm 80km SFP Transceiver
logo
Source Photonics, Inc.
SP-4F-04-CDA SOURCE-SP-4F-04-CDA Datasheet
461Kb / 7P
   4.25Gb/s 40km SFP Transceiver
logo
Pulse A Technitrol Comp...
SFPPT-ER4-01 PULSE-SFPPT-ER4-01 Datasheet
318Kb / 9P
   10Gb/s 1550nm SFP 40kmTransceiver
More results


Html Pages

1 2 3 4 5 6


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com