データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MVTD36BF360M003A00 データシート(PDF) 4 Page - Vicor Corporation

部品番号 MVTD36BF360M003A00
部品情報  PRM짰 and VTM짰 Customer Evaluation Boards
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  VICOR [Vicor Corporation]
ホームページ  http://www.vicorpower.com
Logo VICOR - Vicor Corporation

MVTD36BF360M003A00 データシート(HTML) 4 Page - Vicor Corporation

  MVTD36BF360M003A00 Datasheet HTML 1Page - Vicor Corporation MVTD36BF360M003A00 Datasheet HTML 2Page - Vicor Corporation MVTD36BF360M003A00 Datasheet HTML 3Page - Vicor Corporation MVTD36BF360M003A00 Datasheet HTML 4Page - Vicor Corporation MVTD36BF360M003A00 Datasheet HTML 5Page - Vicor Corporation MVTD36BF360M003A00 Datasheet HTML 6Page - Vicor Corporation MVTD36BF360M003A00 Datasheet HTML 7Page - Vicor Corporation MVTD36BF360M003A00 Datasheet HTML 8Page - Vicor Corporation MVTD36BF360M003A00 Datasheet HTML 9Page - Vicor Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
UG:003
vicorpower.com
Applications Engineering: 800 927.9474
Page 4
Initial Set Up
To test the PRM® mounted to the board it is necessary to configure the switch bank (Item 5) as shown
on the silk screen in Figure 3. Placing the switch bank in this state connects a fixed resistor between
OS and SG of the PRM that sets the output voltage of the PRM to the nominal value indicated on its
respective data sheet.
Failure to configure the switch bank in this state prior to testing may result in improper
output or no output.
Baseline Test Procedure - PRM-CB (Refer to Figure 3)
1.0
Recommended Equipment
1.1
DC power supply – 0-100 V; 500 W.
1.2
DC electronic load – pulse capable; 0-100 V; 100 A minimum.
1.3
DMM.
1.4
Oscilloscope.
1.5
Appropriately sized interconnect cables.
1.6
Fastening hardware.
1.7
Fan (if the PRM is to be operated for extended periods of time or at an elevated
ambient temperature we recommend the supplied heat sink be installed).
1.8
Safety glasses.
1.9
Data sheet for the requisite PRM.
Figure 3
PRM Customer Board Layout
switch reference
(silk screen)
switch bank
(Item 5)


同様の部品番号 - MVTD36BF360M003A00

メーカー部品番号データシート部品情報
logo
List of Unclassifed Man...
MVT-2510 ETC1-MVT-2510 Datasheet
422Kb / 1P
   5.08 and 6.35mm Pin Spacing ??Fixed PCB Blocks
MVT-2511 ETC1-MVT-2511 Datasheet
422Kb / 1P
   5.08 and 6.35mm Pin Spacing ??Fixed PCB Blocks
MVT-2512 ETC1-MVT-2512 Datasheet
422Kb / 1P
   5.08 and 6.35mm Pin Spacing ??Fixed PCB Blocks
MVT-2513 ETC1-MVT-2513 Datasheet
422Kb / 1P
   5.08 and 6.35mm Pin Spacing ??Fixed PCB Blocks
MVT-2514 ETC1-MVT-2514 Datasheet
422Kb / 1P
   5.08 and 6.35mm Pin Spacing ??Fixed PCB Blocks
More results

同様の説明 - MVTD36BF360M003A00

メーカー部品番号データシート部品情報
logo
Vicor Corporation
MP028F036M12AL-CB VICOR-MP028F036M12AL-CB Datasheet
507Kb / 9P
   PRM짰 and VTM짰 Customer Evaluation Boards
V048F080T030-CB VICOR-V048F080T030-CB Datasheet
507Kb / 9P
   PRM짰 and VTM짰 Customer Evaluation Boards
MV036F011M100-CB VICOR-MV036F011M100-CB Datasheet
507Kb / 9P
   PRM짰 and VTM짰 Customer Evaluation Boards
P045F048T32AL-CB VICOR-P045F048T32AL-CB Datasheet
507Kb / 9P
   PRM짰 and VTM짰 Customer Evaluation Boards
VTD48EF480T006A00 VICOR-VTD48EF480T006A00 Datasheet
507Kb / 9P
   PRM짰 and VTM짰 Customer Evaluation Boards
MV036F015M080-CB VICOR-MV036F015M080-CB Datasheet
507Kb / 9P
   PRM짰 and VTM짰 Customer Evaluation Boards
V048F060T040-CB VICOR-V048F060T040-CB Datasheet
507Kb / 9P
   PRM짰 and VTM짰 Customer Evaluation Boards
VTD48EF020T080A00 VICOR-VTD48EF020T080A00 Datasheet
507Kb / 9P
   PRM짰 and VTM짰 Customer Evaluation Boards
VTD48EH015T050A00 VICOR-VTD48EH015T050A00 Datasheet
507Kb / 9P
   PRM짰 and VTM짰 Customer Evaluation Boards
MV036F120M010-CB VICOR-MV036F120M010-CB Datasheet
507Kb / 9P
   PRM짰 and VTM짰 Customer Evaluation Boards
More results


Html Pages

1 2 3 4 5 6 7 8 9


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com