データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MV036F090M013 データシート(PDF) 4 Page - Vicor Corporation

部品番号 MV036F090M013
部品情報  MV036 SERIES
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  VICOR [Vicor Corporation]
ホームページ  http://www.vicorpower.com
Logo VICOR - Vicor Corporation

MV036F090M013 データシート(HTML) 4 Page - Vicor Corporation

  MV036F090M013 Datasheet HTML 1Page - Vicor Corporation MV036F090M013 Datasheet HTML 2Page - Vicor Corporation MV036F090M013 Datasheet HTML 3Page - Vicor Corporation MV036F090M013 Datasheet HTML 4Page - Vicor Corporation MV036F090M013 Datasheet HTML 5Page - Vicor Corporation MV036F090M013 Datasheet HTML 6Page - Vicor Corporation MV036F090M013 Datasheet HTML 7Page - Vicor Corporation MV036F090M013 Datasheet HTML 8Page - Vicor Corporation MV036F090M013 Datasheet HTML 9Page - Vicor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
MIL-COTS Chip Transformer
Rev 2.9
vicorpower.com
Page 4 of 10
01/2014
800 927.9474
End of Life - Please see First Page
MV036 SERIES
Figure 1 — Representative input reflected ripple current at full load
(MV036F120M010).
Efficiency vs. Output Current
86
88
90
92
94
96
98
0
1.5
3
4.5
6
7.5
9 10.5
12 13.5
15
Output Current (A)
Figure 3 — Representative efficiency vs. output current
(MV036F120M010).
Power Dissipation
2
4
6
8
10
12
0
1.5
3
4.5
6
7.5
9
10.5
12
13.5
15
Output Current (A)
Figure 4 — Example power dissipation vs. output current
(MV036F120M010).
Waveforms
Figure 6 — Sample output voltage ripple at full load with 4.7 µF ceramic
POL bypass capacitance and 20 nH distribution inductance
(MV036F120M010).
Figure 5 — Sample output voltage ripple at full load; with no POL bypass
capacitance (MV036F120M010).
Ripple vs. Output Current
40
60
80
100
120
140
160
01.5
3
4.5
6
7.5
9
10.5
12
13.5
15
Output Current (A)
Figure 2 — Sample output voltage ripple vs. output current with no POL
bypass capacitance (MV036F120M010).
Electrical Specifications (continued)


同様の部品番号 - MV036F090M013

メーカー部品番号データシート部品情報
logo
Vicor Corporation
MV036F090M013 VICOR-MV036F090M013 Datasheet
678Kb / 10P
   VTM Current Multiplier
MV036F090M013 VICOR-MV036F090M013 Datasheet
711Kb / 10P
   Transformer
MV036F090M013 VICOR-MV036F090M013 Datasheet
1Mb / 10P
   High density
More results

同様の説明 - MV036F090M013

メーカー部品番号データシート部品情報
logo
Riedon Powertron
101-500RB RIEDON-101-500RB Datasheet
318Kb / 2P
   100 Series / SM Series / PC Series
logo
Fairchild Semiconductor
FOD617CSD FAIRCHILD-FOD617CSD Datasheet
723Kb / 12P
   FOD814 Series, FOD817 Series FOD814 Series, FOD817 Series Phototransistor Optocouplers
logo
Littelfuse
SPFR LITTELFUSE-SPFR Datasheet
547Kb / 1P
   SPFR Series and SPFRHV Series
Rev: 071013
logo
Hamamatsu Corporation
C10507-11_ETC_KACC1142E07 HAMAMATSU-C10507-11_ETC_KACC1142E07 Datasheet
898Kb / 9P
   C10507-11 series C10751 series
logo
Texas Instruments
BQ40Z50 TI1-BQ40Z50 Datasheet
943Kb / 30P
[Old version datasheet]   1-Series, 2-Series, 3-Series, and 4-Series Li-Ion Battery Pack Manager
logo
List of Unclassifed Man...
F-CBS-F2 ETC2-F-CBS-F2 Datasheet
45Kb / 1P
   Heat sink is prepared in TUNS100 series, CBS series, DHS200 series and DHS250 series.
logo
Texas Instruments
BQ40Z50-R2 TI1-BQ40Z50-R2 Datasheet
1Mb / 51P
[Old version datasheet]   1-Series, 2-Series, 3-Series, and 4-Series Li-Ion Battery Pack Manager
BQ29330DBTRG4 TI-BQ29330DBTRG4 Datasheet
1Mb / 29P
[Old version datasheet]   2-SERIES, 3-SERIES, AND 4-SERIES CELL LITHIUM-ION
logo
Extech Instruments Corp...
MA435T EXTECH-MA435T Datasheet
364Kb / 1P
   MA430 Series 400A MA430 Series 400A
logo
RF Micro Devices
AN0013 RFMD-AN0013 Datasheet
40Kb / 4P
   NBB Series and NDA Series Reliability
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com