データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

2SC2216 データシート(PDF) 1 Page - Jiangsu Changjiang Electronics Technology Co., Ltd

部品番号 2SC2216
部品情報  TO-92 Plastic-Encapsulate Transistors
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  JIANGSU [Jiangsu Changjiang Electronics Technology Co., Ltd]
ホームページ  http://www.cj-elec.com/en/
Logo JIANGSU - Jiangsu Changjiang Electronics Technology Co., Ltd

2SC2216 データシート(HTML) 1 Page - Jiangsu Changjiang Electronics Technology Co., Ltd

  2SC2216 Datasheet HTML 1Page - Jiangsu Changjiang Electronics Technology Co., Ltd 2SC2216 Datasheet HTML 2Page - Jiangsu Changjiang Electronics Technology Co., Ltd 2SC2216 Datasheet HTML 3Page - Jiangsu Changjiang Electronics Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
JIANGSU CHANGJIANG ELECTRONICS TECHNOLOGY CO., LTD
TO-92 Plastic-Encapsulate Transistors
2SC2216 TRANSISTOR (NPN)
FEATURES
Amplifier
Dissipation NPN Silicon
MAXIMUM RATINGS (Ta=25
℃ unless otherwise noted)
ELECTRICAL CHARACTERISTICS (Ta=25
℃ unless otherwise specified)
Parameter
Symbol
Test
conditions
Min
Typ
Max
Unit
Collector-base breakdown voltage
V(BR)CBO
IC= 100μA, IE=0
50
V
Collector-emitter breakdown voltage
V(BR)CEO
IC= 10 mA , IB=0
45
V
Emitter-base breakdown voltage
V(BR)EBO
IE= 100μA, IC=0
4
V
Collector cut-off current
ICBO
VCB=50 V
IE=0
0.1
μA
Emitter cut-off current
IEBO
VEB= 3 V, IC=0
0.1
μA
DC current gain
hFE
VCE=12.5V, IC=12.5 mA
40
140
Collector-emitter saturation voltage
VCE (sat)
IC= 15mA, IB=1.5 mA
0.2
V
Bass-emitter saturation voltage
VBE (sat)
IC= 15mA, IB=1.5 mA
1.5
V
Transition frequency
fT
VCE=12.5 V, IC=12.5mA
300
MHz
Collector output capacitance
Cob
VCB=10V,IE=0,
f=30MHz
2.0
pF
Symbol
Parameter
Value
Units
VCBO
Collector-Base Voltage
50
V
VCEO
Collector-Emitter Voltage
45
V
VEBO
Emitter-Base Voltage
4
V
IC
Collector Current -Continuous
50
mA
PC
Collector Dissipation
300
mW
TJ
Junction Temperature
125
Tstg
Storage Temperature
-55-125
TO-92
1. BASE
2. EMITTER
3. COLLECTOR
www.cj-elec.com
1
C,Dec,2015


同様の部品番号 - 2SC2216

メーカー部品番号データシート部品情報
logo
Toshiba Semiconductor
2SC2216 TOSHIBA-2SC2216 Datasheet
176Kb / 3P
   TRANSISTOR (TV FINAL PICTURE IF AMPLIFIER APPLICATIONS)
logo
SeCoS Halbleitertechnol...
2SC2216 SECOS-2SC2216 Datasheet
257Kb / 2P
   NPN Plastic Encapsulated Transistor
logo
Micro Commercial Compon...
2SC2216 MCC-2SC2216 Datasheet
203Kb / 2P
   NPN Silicon Plastic-Encapsulate Transistor
logo
SHENZHEN YONGERJIA INDU...
2SC2216 WINNERJOIN-2SC2216 Datasheet
123Kb / 1P
   TRANSISTOR (NPN)
logo
Foshan Blue Rocket Elec...
2SC2216 FOSHAN-2SC2216 Datasheet
957Kb / 6P
   Silicon NPN transistor in a TO-92 Plastic Package
More results

同様の説明 - 2SC2216

メーカー部品番号データシート部品情報
logo
Tiger Electronic Co.,Lt...
MCR100-6 TGS-MCR100-6 Datasheet
132Kb / 2P
   TO-92 Plastic-Encapsulate Transistors (TO-92)
logo
Avic Technology
AV42 AVICTEK-AV42 Datasheet
148Kb / 2P
   TO-92 Plastic-Encapsulate Transistors
AV1015 AVICTEK-AV1015 Datasheet
423Kb / 3P
   TO-92 Plastic-Encapsulate Transistors
AV1815 AVICTEK-AV1815 Datasheet
404Kb / 3P
   TO-92 Plastic-Encapsulate Transistors
AV4401 AVICTEK-AV4401 Datasheet
478Kb / 3P
   TO-92 Plastic-Encapsulate Transistors
logo
Jiangsu Changjiang Elec...
2SC2001 JIANGSU-2SC2001 Datasheet
802Kb / 5P
   TO-92 Plastic-Encapsulate Transistors
logo
Jiangsu High diode Semi...
S9014-TO-92 HDSEMI-S9014-TO-92 Datasheet
2Mb / 4P
   TO-92 Plastic-Encapsulate Transistors
logo
Jiangsu Changjiang Elec...
2SD1513 JIANGSU-2SD1513 Datasheet
422Kb / 3P
   TO-92 Plastic-Encapsulate Transistors
2SD1835 JIANGSU-2SD1835 Datasheet
1Mb / 4P
   TO-92 Plastic-Encapsulate Transistors
BC237 JIANGSU-BC237 Datasheet
1Mb / 4P
   TO-92 Plastic-Encapsulate Transistors
BC327 JIANGSU-BC327 Datasheet
534Kb / 4P
   TO-92 Plastic-Encapsulate Transistors
More results


Html Pages

1 2 3


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com