データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

2SC2551 データシート(PDF) 1 Page - Jiangsu Changjiang Electronics Technology Co., Ltd

部品番号 2SC2551
部品情報  TO-92 Plastic-Encapsulate Transistors
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  JIANGSU [Jiangsu Changjiang Electronics Technology Co., Ltd]
ホームページ  http://www.cj-elec.com/en/
Logo JIANGSU - Jiangsu Changjiang Electronics Technology Co., Ltd

2SC2551 データシート(HTML) 1 Page - Jiangsu Changjiang Electronics Technology Co., Ltd

  2SC2551 Datasheet HTML 1Page - Jiangsu Changjiang Electronics Technology Co., Ltd 2SC2551 Datasheet HTML 2Page - Jiangsu Changjiang Electronics Technology Co., Ltd 2SC2551 Datasheet HTML 3Page - Jiangsu Changjiang Electronics Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
JIANGSU CHANGJIANG ELECTRONICS TECHNOLOGY CO., LTD
TO-92
Plastic-Encapsulate Transistors
2SC2551
TRANSISTOR (NPN)
FEATURES
High voltage
Low saturation voltage
Small collector output capacitance
Complementary to 2SA1091
MAXIMUM RATINGS (TA=25
℃ unless otherwise noted)
Symbol
Parameter
Value
Unit
VCBO
Collector-Base Voltage
300
V
VCEO
Collector-Emitter Voltage
300
V
VEBO
Emitter-Base Voltage
6
V
IC
Collector Current -Continuous
100
mA
PC
Collector power dissipation
400
mW
Tj
Junction Temperature
150
Tstg
Storage Temperature
-55-150
ELECTRICAL CHARACTERISTICS (Tamb=25
℃ unless otherwise specified)
Parameter
Symbol
Test
conditions
Min
Typ
Max
Unit
Collector-base breakdown voltage
V(BR)CBO
Ic=100uA, IE=0
300
V
Collector-emitter breakdown voltage
V(BR)CEO
Ic=1mA, IB=0
300
V
Emitter-base breakdown voltage
V(BR)EBO
IE=100μA, IC=0
6
V
Collector cut-off current
ICBO
VCB=300V, IE=0
0.1
μA
Emitter cut-off current
IEBO
VEB=6V, IC=0
0.1
μA
hFE(1)
VCE=10V, IC=20mA
30
150
DC current gain
hFE(2)
VCE=10V, IC=1mA
20
Collector-emitter saturation voltage
VCE(sat)
IC=20mA, IB=2mA
0.5
V
Base-emitter saturation voltage
VBE(sat)
IC=20mA, IB=2mA
1.2
V
Transition frequency
fT
VCE=10V, IC=20mA
80
MHz
Collector output capacitance
Cob
VCB=20V,IE=0,f=1MHz
4
pF
CLASSIFICATION OF hFE(1)
Rank
R
O
Range
30-90
50-150
TO-92
1. EMITTER
2. COLLECTOR
3. BASE
www.cj-elec.com
1
C,Dec,2015


同様の部品番号 - 2SC2551

メーカー部品番号データシート部品情報
logo
Toshiba Semiconductor
2SC2551 TOSHIBA-2SC2551 Datasheet
220Kb / 3P
   TRANSISTOR (HIGHT VOLTAGE CONTROL, PLASMA DISPLAY, NIXIE TUBE DRIVER, CATHODE RAY TUBE BRIGHTNESS CONTROL APPLICATIONS)
2SC2551 TOSHIBA-2SC2551 Datasheet
641Kb / 4P
   TOSHIBA Transistor Silicon NPN Epitaxial Type (PCT process)
logo
SeCoS Halbleitertechnol...
2SC2551 SECOS-2SC2551 Datasheet
772Kb / 3P
   NPN Plastic Encapsulated Transistor
logo
Nanjing International G...
2SC2551 DGNJDZ-2SC2551 Datasheet
1Mb / 4P
   TO-92 Plastic-Encapsulate Transistors
logo
Inchange Semiconductor ...
2SC2551 ISC-2SC2551 Datasheet
315Kb / 3P
   isc Silicon NPN Power Transistor
More results

同様の説明 - 2SC2551

メーカー部品番号データシート部品情報
logo
Tiger Electronic Co.,Lt...
MCR100-6 TGS-MCR100-6 Datasheet
132Kb / 2P
   TO-92 Plastic-Encapsulate Transistors (TO-92)
logo
Avic Technology
AV42 AVICTEK-AV42 Datasheet
148Kb / 2P
   TO-92 Plastic-Encapsulate Transistors
AV1015 AVICTEK-AV1015 Datasheet
423Kb / 3P
   TO-92 Plastic-Encapsulate Transistors
AV1815 AVICTEK-AV1815 Datasheet
404Kb / 3P
   TO-92 Plastic-Encapsulate Transistors
AV4401 AVICTEK-AV4401 Datasheet
478Kb / 3P
   TO-92 Plastic-Encapsulate Transistors
logo
Jiangsu Changjiang Elec...
2SC2001 JIANGSU-2SC2001 Datasheet
802Kb / 5P
   TO-92 Plastic-Encapsulate Transistors
logo
Jiangsu High diode Semi...
S9014-TO-92 HDSEMI-S9014-TO-92 Datasheet
2Mb / 4P
   TO-92 Plastic-Encapsulate Transistors
logo
Jiangsu Changjiang Elec...
2SD1513 JIANGSU-2SD1513 Datasheet
422Kb / 3P
   TO-92 Plastic-Encapsulate Transistors
2SD1835 JIANGSU-2SD1835 Datasheet
1Mb / 4P
   TO-92 Plastic-Encapsulate Transistors
BC237 JIANGSU-BC237 Datasheet
1Mb / 4P
   TO-92 Plastic-Encapsulate Transistors
BC327 JIANGSU-BC327 Datasheet
534Kb / 4P
   TO-92 Plastic-Encapsulate Transistors
More results


Html Pages

1 2 3


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com