データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

2SC4375 データシート(PDF) 1 Page - Jiangsu Changjiang Electronics Technology Co., Ltd

部品番号 2SC4375
部品情報  SOT-89-3L Plastic-Encapsulate Transistors
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  JIANGSU [Jiangsu Changjiang Electronics Technology Co., Ltd]
ホームページ  http://www.cj-elec.com/en/
Logo JIANGSU - Jiangsu Changjiang Electronics Technology Co., Ltd

2SC4375 データシート(HTML) 1 Page - Jiangsu Changjiang Electronics Technology Co., Ltd

  2SC4375 Datasheet HTML 1Page - Jiangsu Changjiang Electronics Technology Co., Ltd 2SC4375 Datasheet HTML 2Page - Jiangsu Changjiang Electronics Technology Co., Ltd 2SC4375 Datasheet HTML 3Page - Jiangsu Changjiang Electronics Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
SOT-89-3L
1. BASE
2. COLLECTOR
3. EMITTER
JIANGSU CHANGJIANG ELECTRONICS TECHNOLOGY CO., LTD
SOT-89-3L Plastic-Encapsulate Transistors
2SC4375
TRANSISTOR (NPN)
FEATURES
Small Flat Package
Low Collector- Emitter Saturation Voltage
MAXIMUM RATINGS (Ta=25
℃ unless otherwise noted)
ELECTRICAL CHARACTERISTICS (Ta=25
℃ unless otherwise specified)
Parameter
Symbol
Test conditions
Min
Typ
Max
Unit
Collector-base breakdown voltage
V(BR)CBO
IC=1mA,IE=0
30
V
Collector-emitter breakdown voltage
V(BR)CEO
IC=10mA,IB=0
30
V
Emitter-base breakdown voltage
V(BR)EBO
IE=1mA,IC=0
5
V
Collector cut-off current
ICBO
VCB=30V,IE=0
0.1
µA
Emitter cut-off current
IEBO
VEB=5V,IC=0
0.1
µA
DC current gain
hFE
VCE=2V, IC=500mA
100
320
Collector-emitter saturation voltage
VCE(sat)
IC=1.5A,IB=30mA
2
V
Base-emitter voltage
VBE
VCE=2V, IC=500mA
1
V
Transition frequency
fT
VCE=2V,IC=500mA
120
MHz
Collector output capacitance
Cob
VCB=10V, IE=0, f=1MHz
40
pF
CLASSIFICATION OF hFE
RANK
O
Y
RANGE
100–200
160–320
MARKING
GO
GY
Symbol
Parameter
Value
Unit
VCBO
Collector-Base Voltage
30
V
VCEO
Collector-Emitter Voltage
30
V
VEBO
Emitter-Base Voltage
5
V
IC
Collector Current
1.5
A
PC
Collector Power Dissipation
500
mW
RθJA
Thermal Resistance From Junction To Ambient
250
℃/W
Tj
Junction Temperature
150
Tstg
Storage Temperature
-55~+150
www.cj-elec.com
1
www.cj-elec.com
C,Oct,2015


同様の部品番号 - 2SC4375

メーカー部品番号データシート部品情報
logo
SeCoS Halbleitertechnol...
2SC4375 SECOS-2SC4375 Datasheet
88Kb / 1P
   NPN Plastic-Encapsulate Transistor
logo
Shenzhen Jin Yu Semicon...
2SC4375 HTSEMI-2SC4375 Datasheet
339Kb / 1P
   TRANSISTOR (NPN)
logo
Tiger Electronic Co.,Lt...
2SC4375 TGS-2SC4375 Datasheet
128Kb / 1P
   SOT-89-3L Plastic-Encapsulate Transistors
logo
Nanjing International G...
2SC4375 DGNJDZ-2SC4375 Datasheet
228Kb / 1P
   SOT-89-3L Plastic-Encapsulate Transistors
logo
DONGGUAN YOU FENG WEI E...
2SC4375 YFWDIODE-2SC4375 Datasheet
795Kb / 2P
   NPN Transistor
More results

同様の説明 - 2SC4375

メーカー部品番号データシート部品情報
logo
Jiangsu Changjiang Elec...
2SB1386 JIANGSU-2SB1386 Datasheet
1Mb / 4P
   SOT-89-3L Plastic-Encapsulate Transistors
2SB1424 JIANGSU-2SB1424 Datasheet
1Mb / 4P
   SOT-89-3L Plastic-Encapsulate Transistors
2SC2881 JIANGSU-2SC2881 Datasheet
1Mb / 4P
   SOT-89-3L Plastic-Encapsulate Transistors
2SC5785 JIANGSU-2SC5785 Datasheet
1Mb / 3P
   SOT-89-3L Plastic-Encapsulate Transistors
2SD1766 JIANGSU-2SD1766 Datasheet
1Mb / 4P
   SOT-89-3L Plastic-Encapsulate Transistors
2SA1013 JIANGSU-2SA1013 Datasheet
11Mb / 4P
   SOT-89-3L Plastic-Encapsulate Transistors
BCX54 JIANGSU-BCX54 Datasheet
2Mb / 5P
   SOT-89-3L Plastic-Encapsulate Transistors
BCX69 JIANGSU-BCX69 Datasheet
1Mb / 3P
   SOT-89-3L Plastic-Encapsulate Transistors
D882H JIANGSU-D882H Datasheet
1Mb / 4P
   SOT-89-3L Plastic-Encapsulate Transistors
BCX55 JIANGSU-BCX55 Datasheet
2Mb / 5P
   SOT-89-3L Plastic-Encapsulate Transistors
BSR33 JIANGSU-BSR33 Datasheet
1Mb / 3P
   SOT-89-3L Plastic-Encapsulate Transistors
More results


Html Pages

1 2 3


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com