データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

STK14C88-3RF45 データシート(PDF) 3 Page - List of Unclassifed Manufacturers

部品番号 STK14C88-3RF45
部品情報  32K x 8 AutoStore??nvSRAM QuantumTrap CMOS Nonvolatile StaticRAM
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ETC [List of Unclassifed Manufacturers]
ホームページ  
Logo ETC - List of Unclassifed Manufacturers

STK14C88-3RF45 データシート(HTML) 3 Page - List of Unclassifed Manufacturers

  STK14C88-3RF45 Datasheet HTML 1Page - List of Unclassifed Manufacturers STK14C88-3RF45 Datasheet HTML 2Page - List of Unclassifed Manufacturers STK14C88-3RF45 Datasheet HTML 3Page - List of Unclassifed Manufacturers STK14C88-3RF45 Datasheet HTML 4Page - List of Unclassifed Manufacturers STK14C88-3RF45 Datasheet HTML 5Page - List of Unclassifed Manufacturers STK14C88-3RF45 Datasheet HTML 6Page - List of Unclassifed Manufacturers STK14C88-3RF45 Datasheet HTML 7Page - List of Unclassifed Manufacturers STK14C88-3RF45 Datasheet HTML 8Page - List of Unclassifed Manufacturers STK14C88-3RF45 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
STK14C88-3
November 2003
3
Document Control # ML0015 rev 0.3
SRAM READ CYCLES #1 & #2
(VCC = 3.0V-3.6V)e
Note g: W and HSB must be high during SRAM READ cycles.
Note h: I/O state asumes E and G < VIL and W > VIH; device is continuously selected.
Note i:
Measured
± 200mV from steady state output voltage.
SRAM READ CYCLE #1: Address Controlledg, h
SRAM READ CYCLE #2: E Controlledg
NO.
SYMBOLS
PARAMETER
STK14C88-3-35 STK14C88-3-45 STK14C88-3-55
UNITS
#1, #2
Alt.
MIN
MAX
MIN
MAX
MIN
MAX
1tELQV
tACS
Chip Enable Access Time
35
45
55
ns
2tAVAVg
tRC
Read Cycle Time
35
45
55
ns
3tAVQVh
tAA
Address Access Time
35
45
55
ns
4tGLQV
tOE
Output Enable to Data Valid
15
20
25
ns
5tAXQXh
tOH
Output Hold after Address Change
5
5
5
ns
6tELQX
tLZ
Chip Enable to Output Active
5
5
5
ns
7tEHQZi
tHZ
Chip Disable to Output Inactive
13
15
20
ns
8tGLQX
tOLZ
Output Enable to Output Active
0
0
0
ns
9tGHQZi
tOHZ
Output Disable to Output Inactive
13
15
20
ns
10
tELICCHf
tPA
Chip Enable to Power Active
0
0
0
ns
11
tEHICCLf
tPS
Chip Disable to Power Standby
35
45
55
ns
DATA VALID
5
tAXQX
3
tAVQV
DQ (DATA OUT)
ADDRESS
2
tAVAV
6
tELQX
STANDBY
DATA VALID
4
tGLQV
DQ (DATA OUT)
E
ADDRESS
2
tAVAV
G
ICC
ACTIVE
10
tELICCH
11
tEHICCL
7
tEHQZ
8
tGLQX
1
tELQV
9
tGHQZ


同様の部品番号 - STK14C88-3RF45

メーカー部品番号データシート部品情報
logo
Simtek Corporation
STK14C88-3 SIMTEK-STK14C88-3 Datasheet
492Kb / 17P
   32Kx8 AutoStore nvSRAM
STK14C88-3 SIMTEK-STK14C88-3 Datasheet
425Kb / 18P
   32Kx8 AutoStore nvSRAM
logo
Cypress Semiconductor
STK14C88-3 CYPRESS-STK14C88-3 Datasheet
618Kb / 17P
   256 Kbit (32K x 8) AutoStore nvSRAM
STK14C88-3 CYPRESS-STK14C88-3 Datasheet
1Mb / 18P
   256 Kbit (32K x 8) AutoStore nvSRAM Unlimited Read/Write endurance
logo
Simtek Corporation
STK14C88-3NF35 SIMTEK-STK14C88-3NF35 Datasheet
492Kb / 17P
   32Kx8 AutoStore nvSRAM
More results

同様の説明 - STK14C88-3RF45

メーカー部品番号データシート部品情報
logo
List of Unclassifed Man...
STK14C88 ETC-STK14C88 Datasheet
386Kb / 13P
   32K x 8 AutoStore nvSRAM QuantumTrap CMOS Nonvolatile Static RAM
logo
Simtek Corporation
STK25C48 SIMTEK-STK25C48 Datasheet
310Kb / 10P
   2K x 8 AutoStore??nvSRAM QuantumTrap??CMOS Nonvolatile Static RAM
logo
List of Unclassifed Man...
STK22C48 ETC1-STK22C48 Datasheet
297Kb / 11P
   2K x 8 AutoStore??nvSRAM QuantumTrap??CMOS Nonvolatile Static RAM
logo
Simtek Corporation
STK15C68 SIMTEK-STK15C68 Datasheet
382Kb / 10P
   8K x 8 AutoStore??nvSRAM QuantumTrap??CMOS Nonvolatile Static RAM
logo
List of Unclassifed Man...
STK12C68 ETC-STK12C68 Datasheet
388Kb / 13P
   8K x 8 AutoStore??nvSRAM QuantumTrap??CMOS Nonvolatile Static RAM
STK14D88 ETC-STK14D88 Datasheet
216Kb / 15P
   32K x 8 AutoStore nvSRAM CMOS Nonvolatile Static RAM
STK16C88 ETC1-STK16C88 Datasheet
197Kb / 10P
   32K x 8 AutoStorePlus nvSRAM QuantumTrap CMOS Nonvolatile Static RAM
logo
Simtek Corporation
STK11C88-3 SIMTEK-STK11C88-3 Datasheet
366Kb / 10P
   32K x 8 nvSRAM 3.3V QuantumTrap??CMOS Nonvolatile Static RAM
logo
List of Unclassifed Man...
STK16C88-3 ETC1-STK16C88-3 Datasheet
319Kb / 11P
   32K x 8 AutoStorePlus nvSRAM 3.3V QuantumTrap CMOS Nonvolatile Static RAM
logo
Simtek Corporation
STK17T88 SIMTEK-STK17T88 Datasheet
581Kb / 28P
   32K x 8 AutoStore nvSRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com