データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TL7702BCD データシート(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
部品番号 TL7702BCD
部品情報  SUPPLY-VOLTAGE SUPERVISORS
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI - Texas Instruments

TL7702BCD データシート(HTML) 8 Page - Texas Instruments

  TL7702BCD Datasheet HTML 1Page - Texas Instruments TL7702BCD Datasheet HTML 2Page - Texas Instruments TL7702BCD Datasheet HTML 3Page - Texas Instruments TL7702BCD Datasheet HTML 4Page - Texas Instruments TL7702BCD Datasheet HTML 5Page - Texas Instruments TL7702BCD Datasheet HTML 6Page - Texas Instruments TL7702BCD Datasheet HTML 7Page - Texas Instruments TL7702BCD Datasheet HTML 8Page - Texas Instruments TL7702BCD Datasheet HTML 9Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
TL7702B, TL7705B, TL7733B
SUPPLY-VOLTAGE SUPERVISORS
SLVS037M – SEPTEMBER 1989 – REVISED MAY 2003
8
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS
Figure 4
14
10
8
6
02
4
6
8
10
18
20
ASSERTION TIME
vs
LOAD RESISTANCE
16
12
RL – Load Resistance – kΩ
VCC = 5 V
CT = 0.1 µF
CL = 10 pF
TA = 25°C
RESET tr
RESET tf
Figure 5
400
200
100
0
02
4
6
8
10
600
700
DEASSERTION TIME
vs
LOAD RESISTANCE
500
300
RL – Load Resistance – kΩ
VCC = 5 V
CT = 0.1 µF
CL = 10 pF
TA = 25°C
RESET tf
RESET tr
RESET tr
RESET tf
Figure 6
24
18
12
6
0
25
50
75
100
125
30
36
ASSERTION TIME
vs
LOAD CAPACITANCE
150
175
200
VCC = 5 V
CT = 0.1 µF
RL = 4.7 kΩ
TA = 25°C
RESET tr
RESET tf
CL – Load Capacitance – pF
Figure 7
0.9
0.7
0.5
0.3
0
25
50
75
100
125
1.1
1.3
DEASSERTION TIME
vs
LOAD CAPACITANCE
150
175
200
1.7
1.5
1.9
2.1
VCC = 5 V
CT = 0.1 µF
RL = 4.7 kΩ
TA = 25°C
RESET tf and RESET tr
CL – Load Capacitance – pF
† For proper operation, both RESET and RESET should be terminated with resistors of similar value. Failure to do so may cause unwanted
plateauing in either output waveform during switching.
The TL7705BM is obsolete
and no longer is supplied.


同様の部品番号 - TL7702BCD

メーカー部品番号データシート部品情報
logo
Texas Instruments
TL7702BCD TI-TL7702BCD Datasheet
159Kb / 11P
[Old version datasheet]   SUPPLY-VOLTAGE SUPERVISORS
TL7702BCD TI-TL7702BCD Datasheet
388Kb / 18P
[Old version datasheet]   SUPPLY-VOLTAGE SUPERVISORS
TL7702BCD TI-TL7702BCD Datasheet
577Kb / 20P
[Old version datasheet]   SUPPLY-VOLTAGE SUPERVISORS
TL7702BCDE4 TI-TL7702BCDE4 Datasheet
388Kb / 18P
[Old version datasheet]   SUPPLY-VOLTAGE SUPERVISORS
TL7702BCDE4 TI-TL7702BCDE4 Datasheet
577Kb / 20P
[Old version datasheet]   SUPPLY-VOLTAGE SUPERVISORS
More results

同様の説明 - TL7702BCD

メーカー部品番号データシート部品情報
logo
Texas Instruments
TL7702B TI-TL7702B_06 Datasheet
388Kb / 18P
[Old version datasheet]   SUPPLY-VOLTAGE SUPERVISORS
TL7759 TI-TL7759_06 Datasheet
257Kb / 12P
[Old version datasheet]   SUPPLY-VOLTAGE SUPERVISORS
TL7702A TI-TL7702A Datasheet
140Kb / 10P
[Old version datasheet]   SUPPLY-VOLTAGE SUPERVISORS
TL7702B TI-TL7702B Datasheet
159Kb / 11P
[Old version datasheet]   SUPPLY-VOLTAGE SUPERVISORS
TL7702A TI-TL7702A_10 Datasheet
552Kb / 21P
[Old version datasheet]   SUPPLY-VOLTAGE SUPERVISORS
TL7702B TI-TL7702B_08 Datasheet
577Kb / 20P
[Old version datasheet]   SUPPLY-VOLTAGE SUPERVISORS
TL7702A TI-TL7702A_03 Datasheet
346Kb / 17P
[Old version datasheet]   SUPPLY-VOLTAGE SUPERVISORS
logo
STMicroelectronics
TL7700A STMICROELECTRONICS-TL7700A Datasheet
50Kb / 7P
   SUPPLY VOLTAGE SUPERVISORS
logo
Texas Instruments
TL7759 TI-TL7759 Datasheet
87Kb / 6P
[Old version datasheet]   SUPPLY-VOLTAGE SUPERVISORS
logo
STMicroelectronics
TL7700 STMICROELECTRONICS-TL7700 Datasheet
67Kb / 7P
   SUPPLY VOLTAGE SUPERVISORS
More results


Html Pages

1 2 3 4 5 6 7 8 9


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com