データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

GS81314PD19GK-933I データシート(PDF) 6 Page - GSI Technology

部品番号 GS81314PD19GK-933I
部品情報  Burst of 4 Single-Bank ECCRAM
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  GSI [GSI Technology]
ホームページ  http://www.gsitechnology.com
Logo GSI - GSI Technology

GS81314PD19GK-933I データシート(HTML) 6 Page - GSI Technology

Back Button GS81314PD19GK-933I Datasheet HTML 2Page - GSI Technology GS81314PD19GK-933I Datasheet HTML 3Page - GSI Technology GS81314PD19GK-933I Datasheet HTML 4Page - GSI Technology GS81314PD19GK-933I Datasheet HTML 5Page - GSI Technology GS81314PD19GK-933I Datasheet HTML 6Page - GSI Technology GS81314PD19GK-933I Datasheet HTML 7Page - GSI Technology GS81314PD19GK-933I Datasheet HTML 8Page - GSI Technology GS81314PD19GK-933I Datasheet HTML 9Page - GSI Technology GS81314PD19GK-933I Datasheet HTML 10Page - GSI Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 39 page
background image
GS81314PD19/37GK-933/800
Specifications cited are subject to change without notice. For latest documentation see http://www.gsitechnology.com.
Rev: 1.02 3/2016
6/39
© 2015, GSI Technology
Initialization Summary
Prior to functional use, these devices must first be initialized and configured. The steps described below will ensure that the
internal logic has been properly reset, and that functional timing parameters have been configured.
Flow Chart
Power-Up
Reset SRAM
Training
Required?
Address / Control
Input Training
Read Data
Output Training
Write Data
Input Training
Normal Operation
Train
Again?
Yes
No
No
Yes
Enable PLL,
Wait for Lock
Additional
Wait for Calibrations
Configuration
Notes:
1. MZT and PZT[1:0] mode pins are used to set the default ODT state of all input
groups at power-up, and whenever RST is asserted High. The ODT state for
each input group can be changed any time thereafter using Register Write Mode
to program certain bits in the Configuration Registers.
2. Calibrations are performed for driver impedance, ODT impedance, and the PLL
current source immediately after RST is de-asserted Low. The calibrations can
take up to 384K cycles total. See the Power-Up and Reset Requirements section
for more information.
3. The PLL can be enabled by the PLL pin, or by the PLL Enable (PLE) bit in the
Configuration Registers. See the PLL Operation section for more information.
4. If the PLE register bit is used to enable the PLL, then Register Write Mode will
likely have to be utilized in the “Asynchronous, Pre-Input Training” method in
order to change the state of the bit, since Address / Control Input Training has
not yet been performed. See the Configuration Registers section for more infor-
mation.
5. It can take up to 64K cycles for the PLL to lock after it has been enabled.
6. Special Loopback Modes are available in these devices to perform Address /
Control Input Training; they are selected and enabled via the Loopback Mode
Select (LBK[1:0]) and Loopback Mode Enable (LBKE) bits in the Configuration
Registers.
7. If Loopback Modes are used to perform Address / Control Input Training, then
Register Write Mode will likely have to be utilized in the “Asynchronous,
Pre-Input Training” method in order to change the states of the LBK[1:0] and
LBKE register bits.
8. Loopback Modes can also be used for Read Data Output Training, if desired.
See the Signal Timing Training and Loopback Mode sections for more informa-
tion.
9. “Additional Configuration” includes programming the Read Latency to 5 cycles
(which is required by these devices), and any other configuration changes
required by the system. Since this step is performed after Address / Control Input
Training, Register Write Mode can be utilized in the “Asynchronous, Post-Input
Training” method (or perhaps the “Synchronous” method, if the synchronous tim-
ing requirements can be met at the particular operating frequency).
10. It is up to the system to determine if/when re-training is necessary.


同様の部品番号 - GS81314PD19GK-933I

メーカー部品番号データシート部品情報
logo
GSI Technology
GS81314PD19GK-933 GSI-GS81314PD19GK-933 Datasheet
487Kb / 39P
   Burst of 4 Single-Bank ECCRAM
More results

同様の説明 - GS81314PD19GK-933I

メーカー部品番号データシート部品情報
logo
GSI Technology
GS81314LD19GK-800 GSI-GS81314LD19GK-800 Datasheet
487Kb / 39P
   Burst of 4 Single-Bank ECCRAM
GS81314PD19GK-800 GSI-GS81314PD19GK-800 Datasheet
487Kb / 39P
   Burst of 4 Single-Bank ECCRAM
GS81314LD37GK-933I GSI-GS81314LD37GK-933I Datasheet
487Kb / 39P
   Burst of 4 Single-Bank ECCRAM
GS81314PD37GK-800I GSI-GS81314PD37GK-800I Datasheet
487Kb / 39P
   Burst of 4 Single-Bank ECCRAM
GS81314LD19GK-933 GSI-GS81314LD19GK-933 Datasheet
487Kb / 39P
   Burst of 4 Single-Bank ECCRAM
GS81314LD37GK-800 GSI-GS81314LD37GK-800 Datasheet
487Kb / 39P
   Burst of 4 Single-Bank ECCRAM
GS81314PD37GK-933I GSI-GS81314PD37GK-933I Datasheet
487Kb / 39P
   Burst of 4 Single-Bank ECCRAM
GS81314PD19GK-933 GSI-GS81314PD19GK-933 Datasheet
487Kb / 39P
   Burst of 4 Single-Bank ECCRAM
GS81314LQ19GK-800 GSI-GS81314LQ19GK-800 Datasheet
482Kb / 39P
   Burst of 2 Single-Bank ECCRAM
GS81314PQ19GK-800I GSI-GS81314PQ19GK-800I Datasheet
484Kb / 39P
   Burst of 2 Single-Bank ECCRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com