データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

2SD1047 データシート(PDF) 2 Page - Jiangsu Changjiang Electronics Technology Co., Ltd

部品番号 2SD1047
部品情報  TO-3P Plastic-Encapsulate Transistors
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  JIANGSU [Jiangsu Changjiang Electronics Technology Co., Ltd]
ホームページ  http://www.cj-elec.com/en/
Logo JIANGSU - Jiangsu Changjiang Electronics Technology Co., Ltd

2SD1047 データシート(HTML) 2 Page - Jiangsu Changjiang Electronics Technology Co., Ltd

  2SD1047 Datasheet HTML 1Page - Jiangsu Changjiang Electronics Technology Co., Ltd 2SD1047 Datasheet HTML 2Page - Jiangsu Changjiang Electronics Technology Co., Ltd 2SD1047 Datasheet HTML 3Page - Jiangsu Changjiang Electronics Technology Co., Ltd 2SD1047 Datasheet HTML 4Page - Jiangsu Changjiang Electronics Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
ELECTRICAL CHARACTERISTICS (Ta=25
℃ unless otherwise specified)
Parameter
Symbol
Test
conditions
Min
Typ
Max
Unit
Collector-base breakdown voltage
V(BR)CBO
IC=5mA,IE=0
160
V
Collector-emitter breakdown voltage
V(BR)CEO
IC=50mA,IB=0
140
V
Emitter-base breakdown voltage
V(BR)EBO
IE=5mA,IC=0
6
V
Collector cut-off current
ICBO
VCB=160V,IE=0
100
μA
Emitter cut-off current
IEBO
VEB=4V,IC=0
100
μA
hFE(1)
*
VCE=5V, IC=1A
60
200
DC current gain
hFE(2)
*
VCE=5V, IC=6A
20
Collector-emitter saturation voltage
VCE(sat)
*
IC=5A,IB=0.5A
2
V
Base-emitter voltage
VBE
VCE=5V, IC=1A
1.5
V
Collector output capacitance
Cob
VCB=10V,IE=0, f=1MHz
150
pF
Transition frequency
fT
*
VCE=5V,IC=1A
10
MHz
Notes: Pulse Test : Pulse Width≤300µs, duty cycle ≤2%.
CLASSIFICATION OF hFE
RANK
D
E
RANGE
60-120
100-200
www.cj-elec.com
2
A-
2,May,2015


同様の部品番号 - 2SD1047

メーカー部品番号データシート部品情報
logo
Mospec Semiconductor
2SD1047 MOSPEC-2SD1047 Datasheet
130Kb / 3P
   POWER TRANSISTORS(12A,140V,100W)
logo
Wing Shing Computer Com...
2SD1047 WINGS-2SD1047 Datasheet
48Kb / 1P
   NPN PLANAR SILICON TRANSISTOR(AUDIO POWER AMPLIFIER DC TO DC CONVERTER)
logo
Sanyo Semicon Device
2SD1047 SANYO-2SD1047 Datasheet
116Kb / 4P
   140V/12A, AF 60W Output Applications??????
logo
Savantic, Inc.
2SD1047 SAVANTIC-2SD1047 Datasheet
199Kb / 4P
   Silicon NPN Power Transistors
logo
Inchange Semiconductor ...
2SD1047 ISC-2SD1047 Datasheet
187Kb / 4P
   Silicon NPN Power Transistors
More results

同様の説明 - 2SD1047

メーカー部品番号データシート部品情報
logo
Jiangsu Changjiang Elec...
3DA5200C JIANGSU-3DA5200C Datasheet
379Kb / 2P
   TO-3P Plastic-Encapsulate Transistors
KTD998 JIANGSU-KTD998 Datasheet
367Kb / 2P
   TO-3P Plastic-Encapsulate Transistors
2SC5200 JIANGSU-2SC5200 Datasheet
377Kb / 2P
   TO-3P Plastic-Encapsulate Transistors
2SA1943 JIANGSU-2SA1943 Datasheet
420Kb / 2P
   TO-3P Plastic-Encapsulate Transistors
2SD1037 JIANGSU-2SD1037 Datasheet
372Kb / 2P
   TO-3P Plastic-Encapsulate Transistors
2SC5198 JIANGSU-2SC5198 Datasheet
368Kb / 2P
   TO-3P Plastic-Encapsulate Transistors
2SD718 JIANGSU-2SD718 Datasheet
367Kb / 2P
   TO-3P Plastic-Encapsulate Transistors
2SB688 JIANGSU-2SB688 Datasheet
367Kb / 2P
   TO-3P Plastic-Encapsulate Transistors
3DA5200A JIANGSU-3DA5200A Datasheet
367Kb / 2P
   TO-3P Plastic-Encapsulate Transistors
2SB817 JIANGSU-2SB817 Datasheet
588Kb / 4P
   TO-3P Plastic-Encapsulate Transistors
More results


Html Pages

1 2 3 4


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com