データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TPIC5302 データシート(PDF) 6 Page - Texas Instruments

部品番号 TPIC5302
部品情報  3-CHANNEL INDEPENDENT POWER DMOS ARRAY
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI - Texas Instruments

TPIC5302 データシート(HTML) 6 Page - Texas Instruments

Back Button TPIC5302 Datasheet HTML 2Page - Texas Instruments TPIC5302 Datasheet HTML 3Page - Texas Instruments TPIC5302 Datasheet HTML 4Page - Texas Instruments TPIC5302 Datasheet HTML 5Page - Texas Instruments TPIC5302 Datasheet HTML 6Page - Texas Instruments TPIC5302 Datasheet HTML 7Page - Texas Instruments TPIC5302 Datasheet HTML 8Page - Texas Instruments TPIC5302 Datasheet HTML 9Page - Texas Instruments TPIC5302 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
TPIC5302
3-CHANNEL INDEPENDENT POWER DMOS ARRAY
SLIS029B – APRIL 1994 – REVISED SEPTEMBER 1995
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
6
TYPICAL CHARACTERISTICS
0.1
1
0.01
0.1
1
10
STATIC DRAIN-TO-SOURCE ON-STATE RESISTANCE
vs
DRAIN CURRENT
VGS = 15 V
VGS = 10 V
ID – Drain Current – A
TJ = 25°C
DRAIN CURRENT
vs
DRAIN-TO-SOURCE VOLTAGE
1
0
2
3
12
3
4
4
5
6
789
10
0
5
VDS – Drain-to-Source Voltage – V
nVGS = 0.2 V
TJ = 25°C
Unless Otherwise
Noted
VGS = 5 V
VGS = 3 V
VGS = 4 V
15 V
Figure 7
Figure 8
0.15
0.05
0.4
0
0.3
0.2
0.35
DISTRIBUTION OF
FORWARD TRANSCONDUCTANCE
0.5
0.45
0.25
0.1
2.5
2
1
0.5
0
4.5
1.5
0
1
2345
6
3.5
3
4
DRAIN CURRENT
vs
GATE-TO-SOURCE VOLTAGE
5
78
9
10
TJ = 125°C
TJ = – 40°C
TJ = 25°C
TJ = 75°C
TJ = 150°C
VGS – Gate-to-Source Voltage – V
Total Number of Units = 819
TJ = 25°C
gfs – Forward Transconductance – S
Figure 9
Figure 10


同様の部品番号 - TPIC5302

メーカー部品番号データシート部品情報
logo
Texas Instruments
TPIC5302D TI1-TPIC5302D Datasheet
211Kb / 12P
[Old version datasheet]   3-CHANNEL INDEPENDENT POWER DMOS ARRAY
More results

同様の説明 - TPIC5302

メーカー部品番号データシート部品情報
logo
Texas Instruments
TPIC5302D TI1-TPIC5302D Datasheet
211Kb / 12P
[Old version datasheet]   3-CHANNEL INDEPENDENT POWER DMOS ARRAY
TPIC5303 TI1-TPIC5303 Datasheet
264Kb / 14P
[Old version datasheet]   3-CHANNEL INDEPENDENT GATE-PROTECTED POWER DMOS ARRAY
TPIC5322L TI1-TPIC5322L Datasheet
228Kb / 12P
[Old version datasheet]   3-CHANNEL INDEPENDENT LOGIC-LEVEL POWER DMOS ARRAY
TPIC5323L TI1-TPIC5323L Datasheet
251Kb / 13P
[Old version datasheet]   3-CHANNEL INDEPENDENT GATE-PROTECTED LOGIC-LEVEL POWER DMOS ARRAY
TPIC5203 TI1-TPIC5203 Datasheet
261Kb / 13P
[Old version datasheet]   2-CHANNEL INDEPENDENT GATE-PROTECTED POWER DMOS ARRAY
TPIC5403 TI-TPIC5403 Datasheet
295Kb / 14P
[Old version datasheet]   4-CHANNEL INDEPENDENT GATE-PROTECTED POWER DMOS ARRAY
TPIC5423L TI-TPIC5423L Datasheet
199Kb / 11P
[Old version datasheet]   4-CHANNEL INDEPENDENT GATE-PROTECTED LOGIC-LEVEL POWER DMOS ARRAY
TPIC5223L TI-TPIC5223L Datasheet
285Kb / 13P
[Old version datasheet]   2-CHANNEL INDEPENDENT GATE-PROTECTED LOGIC-LEVEL POWER DMOS ARRAY
TPIC5223L TI1-TPIC5223L_11 Datasheet
268Kb / 13P
[Old version datasheet]   2-CHANNEL INDEPENDENT GATE-PROTECTED LOGIC-LEVEL POWER DMOS ARRAY
TPIC3302 TI-TPIC3302 Datasheet
170Kb / 11P
[Old version datasheet]   3-CHANNEL COMMON-DRAIN POWER DMOS ARRAY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com