データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

GS8673EQ18BK-725IS データシート(PDF) 11 Page - GSI Technology

部品番号 GS8673EQ18BK-725IS
部品情報  For use with GSI SRAM Port IP
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  GSI [GSI Technology]
ホームページ  http://www.gsitechnology.com
Logo GSI - GSI Technology

GS8673EQ18BK-725IS データシート(HTML) 11 Page - GSI Technology

Back Button GS8673EQ18BK-725IS Datasheet HTML 7Page - GSI Technology GS8673EQ18BK-725IS Datasheet HTML 8Page - GSI Technology GS8673EQ18BK-725IS Datasheet HTML 9Page - GSI Technology GS8673EQ18BK-725IS Datasheet HTML 10Page - GSI Technology GS8673EQ18BK-725IS Datasheet HTML 11Page - GSI Technology GS8673EQ18BK-725IS Datasheet HTML 12Page - GSI Technology GS8673EQ18BK-725IS Datasheet HTML 13Page - GSI Technology GS8673EQ18BK-725IS Datasheet HTML 14Page - GSI Technology GS8673EQ18BK-725IS Datasheet HTML 15Page - GSI Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 25 page
background image
I/O Capacitance
Parameter
Symbol
Min
Max
Units
Notes
Input Capacitance
CIN
5.0
pF
1, 3
Output Capacitance
COUT
5.5
pF
2, 3
Notes:
1. VIN = VDDQ/2.
2. VOUT = VDDQ/2.
3. TA = 25°C, f = 1 MHz.
Input Electrical Characteristics when MVQ = 0
Parameter
Symbol
Min
Max
Units
Notes
DC Input Reference Voltage
VREFdc
0.48 * VDDQ
0.52 * VDDQ
V
DC Input High Voltage
VIH1dc
VREF + 0.08
VDDQ + 0.15
V
4
DC Input Low Voltage
VIL1dc
–0.15
VREF – 0.08
V
4
DC Input High Voltage
VIH2dc
0.75 * VDDQ
VDDQ + 0.15
V
5
DC Input Low Voltage
VIL2dc
–0.15
0.25 * VDDQ
V
5
AC Input Reference Voltage
VREFac
0.47 * VDDQ
0.53 * VDDQ
V
1
AC Input High Voltage
VIH1ac
VREF + 0.15
VDDQ + 0.25
V
2, 3, 4
AC Input Low Voltage
VIL1ac
–0.25
VREF – 0.15
V
2, 3, 4
AC Input High Voltage
VIH2ac
VDDQ – 0.2
VDDQ + 0.25
V
2, 5
AC Input Low Voltage
VIL2ac
– 0.25
0.2
V
2, 5
Notes:
1. VREFac is equal to VREFdc plus noise.
2. VIH max and VIL min apply for pulse widths less than one-quarter of the cycle time.
3. Input rise and fall times must be a minimum of 1 V/ns, and within 10% of each other.
4. Applies to: CK, CK, KD, KD, SA, R, W, D.
5. Applies to: RST, MVQ, MZT, PZT.
GS8673EQ18/36BK-725S/625S/550S
Specifications cited are subject to change without notice. For latest documentation see http://www.gsitechnology.com.
Rev: 1.03 6/2014
11/25
© 2012, GSI Technology


同様の部品番号 - GS8673EQ18BK-725IS

メーカー部品番号データシート部品情報
logo
GSI Technology
GS8673EQ18BK-725S GSI-GS8673EQ18BK-725S Datasheet
368Kb / 25P
   For use with GSI SRAM Port IP
More results

同様の説明 - GS8673EQ18BK-725IS

メーカー部品番号データシート部品情報
logo
GSI Technology
GS8673EQ36BGK-625S GSI-GS8673EQ36BGK-625S Datasheet
368Kb / 25P
   For use with GSI SRAM Port IP
GS8673EQ36BK-725S GSI-GS8673EQ36BK-725S Datasheet
368Kb / 25P
   For use with GSI SRAM Port IP
GS8673ED18BGK-725IS GSI-GS8673ED18BGK-725IS Datasheet
359Kb / 25P
   For use with GSI SRAM Port IP
GS8673EQ18BK-625IS GSI-GS8673EQ18BK-625IS Datasheet
368Kb / 25P
   For use with GSI SRAM Port IP
GS8673EQ18BK-550S GSI-GS8673EQ18BK-550S Datasheet
368Kb / 25P
   For use with GSI SRAM Port IP
GS8673ED18BGK-550S GSI-GS8673ED18BGK-550S Datasheet
359Kb / 25P
   For use with GSI SRAM Port IP
GS8673EQ18BGK-550IS GSI-GS8673EQ18BGK-550IS Datasheet
368Kb / 25P
   For use with GSI SRAM Port IP
GS8673EQ18BK-725S GSI-GS8673EQ18BK-725S Datasheet
368Kb / 25P
   For use with GSI SRAM Port IP
GS8673EQ36BGK-725IS GSI-GS8673EQ36BGK-725IS Datasheet
368Kb / 25P
   For use with GSI SRAM Port IP
GS8673EQ36BGK-550S GSI-GS8673EQ36BGK-550S Datasheet
368Kb / 25P
   For use with GSI SRAM Port IP
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com