データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

GS81313LD36GK-833I データシート(PDF) 11 Page - GSI Technology

部品番号 GS81313LD36GK-833I
部品情報  4Mb x 36 and 8Mb x 18 organizations available
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  GSI [GSI Technology]
ホームページ  http://www.gsitechnology.com
Logo GSI - GSI Technology

GS81313LD36GK-833I データシート(HTML) 11 Page - GSI Technology

Back Button GS81313LD36GK-833I Datasheet HTML 7Page - GSI Technology GS81313LD36GK-833I Datasheet HTML 8Page - GSI Technology GS81313LD36GK-833I Datasheet HTML 9Page - GSI Technology GS81313LD36GK-833I Datasheet HTML 10Page - GSI Technology GS81313LD36GK-833I Datasheet HTML 11Page - GSI Technology GS81313LD36GK-833I Datasheet HTML 12Page - GSI Technology GS81313LD36GK-833I Datasheet HTML 13Page - GSI Technology GS81313LD36GK-833I Datasheet HTML 14Page - GSI Technology GS81313LD36GK-833I Datasheet HTML 15Page - GSI Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 26 page
background image
GS81313LD18/36GK-833/714/625
Specifications cited are subject to change without notice. For latest documentation see http://www.gsitechnology.com.
Rev: 1.13 7/2016
11/26
© 2014, GSI Technology
Absolute Maximum Ratings
Parameter
Symbol
Rating
Units
Notes
Core Supply Voltage
VDD
-0.3 to +1.4
V
I/O Supply Voltage
VDDQ
-0.3 to VDD
V
Input Voltage (HS)
VIN1
-0.3 to VDDQ + 0.3
V
2
VIN2
VDDQ - 1.5 to +1.7
Input Voltage (LS)
VIN3
-0.3 to VDDQ + 0.3
V
3
Junction Temperature
TJ
0 to 125
C
Storage Temperature
TSTG
-55 to 125
C
Notes:
1. Permanent damage to the device may occur if the Absolute Maximum Ratings are exceeded. Operation should be restricted to Recom-
mended Operating Conditions. Exposure to conditions exceeding the Recommended Operating Conditions for an extended period of time
may affect reliability of this component.
2. Parameters apply to High Speed Inputs: CK, CK, KD, KD, SA, D, R, W. VIN1 and VIN2 must both be met.
3. Parameters apply to Low Speed Inputs: RST, PLL, MZT, PZT.
Recommended Operating Conditions
Parameter
Symbol
Min
Typ
Max
Units
Notes
Core Supply Voltage
VDD
1.2
1.25
1.35
V
I/O Supply Voltage
VDDQ
1.15
1.2
VDD
V
Commercial Junction Temperature
TJC
0
85
C
Industrial Junction Temperature
TJI
-40
100
C
Note: For reliability purposes, power supplies must power up simultaneously, or in the following sequence:
VSS, VDD, VDDQ, VREF, and Inputs.
Power supplies must power down simultaneously, or in the reverse sequence.
Thermal Impedances
Package
JA (C°/W)
Airflow = 0 m/s
 JA (C°/W)
Airflow = 1 m/s
 JA (C°/W)
Airflow = 2 m/s
JB (C°/W)
 JC (C°/W)
FBGA
13.67
10.28
9.31
3.08
0.13


同様の部品番号 - GS81313LD36GK-833I

メーカー部品番号データシート部品情報
logo
GSI Technology
GS81313LD36GK-625 GSI-GS81313LD36GK-625 Datasheet
369Kb / 26P
   4Mb x 36 and 8Mb x 18 organizations available
GS81313LD36GK-625I GSI-GS81313LD36GK-625I Datasheet
357Kb / 25P
   4Mb x 36 and 8Mb x 18 organizations available
GS81313LD36GK-714I GSI-GS81313LD36GK-714I Datasheet
357Kb / 26P
   4Mb x 36 and 8Mb x 18 organizations available
More results

同様の説明 - GS81313LD36GK-833I

メーカー部品番号データシート部品情報
logo
GSI Technology
GS81313LQ18GK-600 GSI-GS81313LQ18GK-600 Datasheet
352Kb / 26P
   4Mb x 36 and 8Mb x 18 organizations available
GS81313LD36GK-714I GSI-GS81313LD36GK-714I Datasheet
357Kb / 26P
   4Mb x 36 and 8Mb x 18 organizations available
GS81313LQ18GK-800I GSI-GS81313LQ18GK-800I Datasheet
352Kb / 26P
   4Mb x 36 and 8Mb x 18 organizations available
GS81313LD36GK-625 GSI-GS81313LD36GK-625 Datasheet
369Kb / 26P
   4Mb x 36 and 8Mb x 18 organizations available
GS81313LD36GK-625I GSI-GS81313LD36GK-625I Datasheet
357Kb / 25P
   4Mb x 36 and 8Mb x 18 organizations available
GS81313LQ18GK-714 GSI-GS81313LQ18GK-714 Datasheet
352Kb / 26P
   4Mb x 36 and 8Mb x 18 organizations available
GS82583ED18GK-500 GSI-GS82583ED18GK-500 Datasheet
470Kb / 26P
   8Mb x 36 and 16Mb x 18 organizations available
GS82583EQ18GK-500I GSI-GS82583EQ18GK-500I Datasheet
463Kb / 26P
   8Mb x 36 and 16Mb x 18 organizations available
GS82583EQ36GK-500 GSI-GS82583EQ36GK-500 Datasheet
463Kb / 26P
   8Mb x 36 and 16Mb x 18 organizations available
GS82583EQ18GK-400I GSI-GS82583EQ18GK-400I Datasheet
463Kb / 26P
   8Mb x 36 and 16Mb x 18 organizations available
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com