データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

GS82583EQ18GK-400 データシート(PDF) 11 Page - GSI Technology

部品番号 GS82583EQ18GK-400
部品情報  8Mb x 36 and 16Mb x 18 organizations available
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  GSI [GSI Technology]
ホームページ  http://www.gsitechnology.com
Logo GSI - GSI Technology

GS82583EQ18GK-400 データシート(HTML) 11 Page - GSI Technology

Back Button GS82583EQ18GK-400 Datasheet HTML 7Page - GSI Technology GS82583EQ18GK-400 Datasheet HTML 8Page - GSI Technology GS82583EQ18GK-400 Datasheet HTML 9Page - GSI Technology GS82583EQ18GK-400 Datasheet HTML 10Page - GSI Technology GS82583EQ18GK-400 Datasheet HTML 11Page - GSI Technology GS82583EQ18GK-400 Datasheet HTML 12Page - GSI Technology GS82583EQ18GK-400 Datasheet HTML 13Page - GSI Technology GS82583EQ18GK-400 Datasheet HTML 14Page - GSI Technology GS82583EQ18GK-400 Datasheet HTML 15Page - GSI Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 26 page
background image
GS82583EQ18/36GK-500/450/400
Specifications cited are subject to change without notice. For latest documentation see http://www.gsitechnology.com.
Rev: 1.06 8/2017
11/26
© 2014, GSI Technology
I/O Capacitance
Parameter
Symbol
Min
Max
Units
Notes
Input Capacitance
CIN
5.0
pF
1, 3
Output Capacitance
COUT
5.5
pF
2, 3
Notes:
1. VIN = VDDQ/2.
2. VOUT = VDDQ/2.
3. TA = 25C, f = 1 MHz.
Input Electrical Characteristics - 1.2V or 1.3V I/O (MVQ = 0)
Parameter
Symbol
Min
Typ
Max
Units
Notes
DC Input Reference Voltage
VREFdc
0.48 * VDDQ
0.50 * VDDQ
0.52 * VDDQ
V
DC Input High Voltage (HS)
VIH1dc
VREF + 0.08
0.80 * VDDQ
VDDQ + 0.15
V
1, 6
DC Input Low Voltage (HS)
VIL1dc
-0.15
0.20 * VDDQ
VREF - 0.08
V
2, 6
DC Input High Voltage (LS)
VIH2dc
0.75 * VDDQ
VDDQ
VDDQ + 0.15
V
7
DC Input Low Voltage (LS)
VIL2dc
-0.15
0
0.25 * VDDQ
V
7
AC Input Reference Voltage
VREFac
0.47 * VDDQ
0.50 * VDDQ
0.53 * VDDQ
V
3
AC Input High Voltage (HS)
VIH1ac
VREF + 0.15
0.80 * VDDQ
VDDQ + 0.25
V
1, 4~6
AC Input Low Voltage (HS)
VIL1ac
-0.25
0.20 * VDDQ
VREF - 0.15
V
2, 4~6
AC Input High Voltage (LS)
VIH2ac
VDDQ - 0.2
VDDQ
VDDQ + 0.25
V
4, 7
AC Input Low Voltage (LS)
VIL2ac
-0.25
0
0.2
V
4, 7
Notes:
1. “Typ” parameter applies when Controller ROUTH = 40 and SRAM RINH = RINL = 120.
2. “Typ” parameter applies when Controller ROUTL = 40 and SRAM RINH = RINL = 120.
3. VREFac is equal to VREFdc plus noise.
4. VIH max and VIL min apply for pulse widths less than one-quarter of the cycle time.
5. Input rise and fall times must be a minimum of 1V/ns, and within 10% of each other.
6. Parameters apply to High Speed Inputs: CK, CK, KD, KD, SA, D, R, W.
7. Parameters apply to Low Speed Inputs: RST, DLL, MZT, PZT, MVQ.


同様の部品番号 - GS82583EQ18GK-400

メーカー部品番号データシート部品情報
logo
GSI Technology
GS82583EQ18GK-400I GSI-GS82583EQ18GK-400I Datasheet
463Kb / 26P
   8Mb x 36 and 16Mb x 18 organizations available
More results

同様の説明 - GS82583EQ18GK-400

メーカー部品番号データシート部品情報
logo
GSI Technology
GS82583ED18GK-500 GSI-GS82583ED18GK-500 Datasheet
470Kb / 26P
   8Mb x 36 and 16Mb x 18 organizations available
GS82583ED18GK-550I GSI-GS82583ED18GK-550I Datasheet
470Kb / 26P
   8Mb x 36 and 16Mb x 18 organizations available
GS82583ED18GK-675 GSI-GS82583ED18GK-675 Datasheet
470Kb / 26P
   8Mb x 36 and 16Mb x 18 organizations available
GS82583EQ18GK-500I GSI-GS82583EQ18GK-500I Datasheet
463Kb / 26P
   8Mb x 36 and 16Mb x 18 organizations available
GS82583EQ36GK-500 GSI-GS82583EQ36GK-500 Datasheet
463Kb / 26P
   8Mb x 36 and 16Mb x 18 organizations available
GS82583EQ18GK-400I GSI-GS82583EQ18GK-400I Datasheet
463Kb / 26P
   8Mb x 36 and 16Mb x 18 organizations available
GS82583ED18GK-550 GSI-GS82583ED18GK-550 Datasheet
470Kb / 26P
   8Mb x 36 and 16Mb x 18 organizations available
GS82583ED18GK-625 GSI-GS82583ED18GK-625 Datasheet
470Kb / 26P
   8Mb x 36 and 16Mb x 18 organizations available
GS82583ED18GK-675I GSI-GS82583ED18GK-675I Datasheet
470Kb / 26P
   8Mb x 36 and 16Mb x 18 organizations available
GS82583EQ18GK-450 GSI-GS82583EQ18GK-450 Datasheet
463Kb / 26P
   8Mb x 36 and 16Mb x 18 organizations available
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com