データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

GS82583EQ18GK-450 データシート(PDF) 1 Page - GSI Technology

部品番号 GS82583EQ18GK-450
部品情報  8Mb x 36 and 16Mb x 18 organizations available
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  GSI [GSI Technology]
ホームページ  http://www.gsitechnology.com
Logo GSI - GSI Technology

GS82583EQ18GK-450 データシート(HTML) 1 Page - GSI Technology

  GS82583EQ18GK-450 Datasheet HTML 1Page - GSI Technology GS82583EQ18GK-450 Datasheet HTML 2Page - GSI Technology GS82583EQ18GK-450 Datasheet HTML 3Page - GSI Technology GS82583EQ18GK-450 Datasheet HTML 4Page - GSI Technology GS82583EQ18GK-450 Datasheet HTML 5Page - GSI Technology GS82583EQ18GK-450 Datasheet HTML 6Page - GSI Technology GS82583EQ18GK-450 Datasheet HTML 7Page - GSI Technology GS82583EQ18GK-450 Datasheet HTML 8Page - GSI Technology GS82583EQ18GK-450 Datasheet HTML 9Page - GSI Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 26 page
background image
GS82583EQ18/36GK-500/450/400
288Mb SigmaQuad-IIIe™
Burst of 2 SRAM
Up to 500 MHz
1.3V VDD
1.2V, 1.3V, or 1.5V VDDQ
Rev: 1.06 8/2017
1/26
© 2014, GSI Technology
Specifications cited are subject to change without notice. For latest documentation see http://www.gsitechnology.com.
260-Pin BGA
Commercial Temp
Industrial Temp
Features
• 8Mb x 36 and 16Mb x 18 organizations available
• 500 MHz maximum operating frequency
• 1.0 BT/s peak transaction rate (in billions per second)
• 72 Gb/s peak data bandwidth (in x36 devices)
• Separate I/O DDR Data Buses
• Non-multiplexed DDR Address Bus
• Two operations - Read and Write - per clock cycle
• Burst of 2 Read and Write operations
• 3 cycle Read Latency
• 1.3V nominal core voltage
• 1.2V, 1.3V, or 1.5V HSTL I/O interface
• Configurable ODT (on-die termination)
• ZQ pin for programmable driver impedance
• ZT pin for programmable ODT impedance
• IEEE 1149.1 JTAG-compliant Boundary Scan
• 260-pin, 14 mm x 22 mm, 1 mm ball pitch, 6/6 RoHS-
compliant BGA package
SigmaQuad-IIIe™ Family Overview
SigmaQuad-IIIe SRAMs are the Separate I/O half of the
SigmaQuad-IIIe/SigmaDDR-IIIe family of high performance
SRAMs. Although very similar to GSI's second generation of
networking SRAMs (the SigmaQuad-II/SigmaDDR-II family),
these third generation devices offer several new features that
help enable significantly higher performance.
Clocking and Addressing Schemes
The GS82583EQ18/36GK SigmaQuad-IIIe SRAMs are
synchronous devices. They employ three pairs of positive and
negative input clocks; one pair of master clocks, CK and CK,
and two pairs of write data clocks, KD[1:0] and KD[1:0]. All
six input clocks are single-ended; that is, each is received by a
dedicated input buffer.
CK and CK are used to latch address and control inputs, and to
control all output timing. KD[1:0] and KD[1:0] are used solely
to latch data inputs.
Each internal read and write operation in a SigmaQuad-IIIe B2
SRAM is two times wider than the device I/O bus. An input
data bus de-multiplexer is used to accumulate incoming data
before it is simultaneously written to the memory array. An
output data multiplexer is used to capture the data produced
from a single memory array read and then route it to the
appropriate output drivers as needed. Therefore, the address
field of a SigmaQuad-IIIe B2 SRAM is always one address pin
less than the advertised index depth (e.g. the 16M x 18 has 8M
addressable index).
Parameter Synopsis
Speed Grade
Max Operating Frequency
Read Latency
VDD
-500
500 MHz
3 cycles
1.25V to 1.35V
-450
450 MHz
3 cycles
1.25V to 1.35V
-400
400 MHz
3 cycles
1.25V to 1.35V


同様の部品番号 - GS82583EQ18GK-450

メーカー部品番号データシート部品情報
logo
GSI Technology
GS82583EQ18GK-450I GSI-GS82583EQ18GK-450I Datasheet
463Kb / 26P
   8Mb x 36 and 16Mb x 18 organizations available
More results

同様の説明 - GS82583EQ18GK-450

メーカー部品番号データシート部品情報
logo
GSI Technology
GS82583ED18GK-500 GSI-GS82583ED18GK-500 Datasheet
470Kb / 26P
   8Mb x 36 and 16Mb x 18 organizations available
GS82583ED18GK-550I GSI-GS82583ED18GK-550I Datasheet
470Kb / 26P
   8Mb x 36 and 16Mb x 18 organizations available
GS82583ED18GK-675 GSI-GS82583ED18GK-675 Datasheet
470Kb / 26P
   8Mb x 36 and 16Mb x 18 organizations available
GS82583EQ18GK-400 GSI-GS82583EQ18GK-400 Datasheet
463Kb / 26P
   8Mb x 36 and 16Mb x 18 organizations available
GS82583EQ18GK-500I GSI-GS82583EQ18GK-500I Datasheet
463Kb / 26P
   8Mb x 36 and 16Mb x 18 organizations available
GS82583EQ36GK-500 GSI-GS82583EQ36GK-500 Datasheet
463Kb / 26P
   8Mb x 36 and 16Mb x 18 organizations available
GS82583EQ18GK-400I GSI-GS82583EQ18GK-400I Datasheet
463Kb / 26P
   8Mb x 36 and 16Mb x 18 organizations available
GS82583ED18GK-550 GSI-GS82583ED18GK-550 Datasheet
470Kb / 26P
   8Mb x 36 and 16Mb x 18 organizations available
GS82583ED18GK-625 GSI-GS82583ED18GK-625 Datasheet
470Kb / 26P
   8Mb x 36 and 16Mb x 18 organizations available
GS82583ED18GK-675I GSI-GS82583ED18GK-675I Datasheet
470Kb / 26P
   8Mb x 36 and 16Mb x 18 organizations available
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com