データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TS5A1066 データシート(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
部品番号 TS5A1066
部品情報  10 OHM SPST ANALOG SWITCH
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI - Texas Instruments

TS5A1066 データシート(HTML) 1 Page - Texas Instruments

  TS5A1066 Datasheet HTML 1Page - Texas Instruments TS5A1066 Datasheet HTML 2Page - Texas Instruments TS5A1066 Datasheet HTML 3Page - Texas Instruments TS5A1066 Datasheet HTML 4Page - Texas Instruments TS5A1066 Datasheet HTML 5Page - Texas Instruments TS5A1066 Datasheet HTML 6Page - Texas Instruments TS5A1066 Datasheet HTML 7Page - Texas Instruments TS5A1066 Datasheet HTML 8Page - Texas Instruments TS5A1066 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
TS5A1066
10 W SPST ANALOG SWITCH
SCDS185A − JANUARY 2005 − REVISED JANUARY 2005
Description
The TS5A1066 is a single-pole single-throw (SPST)
analog switch that is designed to operate from 1.65 V
to 5.5 V. This device can handle both digital and analog
signals, and signals up to V+ (peak) can be transmitted
in either direction.
Applications
D Sample-and-Hold Circuits
D Battery-Powered Equipment
D Audio and Video Signal Routing
D Communication Circuits
SOT-23 OR SC-70 PACKAGE
(TOP VIEW)
1
2
3
5
4
NO
COM
GND
IN
V+
TS5A1066
FUNCTION TABLE
IN
NO TO COM,
COM TO NO
L
OFF
H
ON
Features
D Low ON-State Resistance (10 W)
D Control Inputs Are 5.5-V Tolerant
D Low Charge Injection
D Low Total Harmonic Distortion (THD)
D 1.65-V to 5.5-V Single-Supply Operation
D Latch-Up Performance Exceeds 100 mA Per
JESD 78, Class II
D ESD Performance Tested Per JESD 22
− 2000-V Human-Body Model
(A114-B, Class II)
− 1000-V Charged-Device Model (C101)
Summary of Characteristics
V+ = 5 V, TA = 25°C
Configuration
Single-Pole, Single-Throw
Demultiplexer
(1
SPST)
Number of channels
1
ON-state resistance (ron)
7.5
ON-state resistance flatness (ron(flat))
2.5
Turn on/turn off time (tON/tOFF)
9.5 ns/2 ns
Charge injection (QC)
1 pC
Bandwidth (BW)
400 MHz
OFF isolation (OISO)
−68 dB at 10 MHz
Total harmonic distortion (THD)
0.14%
Leakage current (ICOM(OFF)
±0.1 µA
Power-supply current (I+)
0.05
µA
Package option
5-pin DSBGA, SOT-23,
or SC-70
PRODUCTION DATA information is current as of publication date. Products
conform to specifications per the terms of Texas Instruments standard warranty.
Production processing does not necessarily include testing of all parameters.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas Instruments
semiconductor products and disclaimers thereto appears at the end of this data sheet.
www.ti.com
Copyright
 2005, Texas Instruments Incorporated


同様の部品番号 - TS5A1066

メーカー部品番号データシート部品情報
logo
Texas Instruments
TS5A1066 TI-TS5A1066 Datasheet
600Kb / 26P
[Old version datasheet]   10-W SPST ANALOG SWITCH
TS5A1066DBVR TI-TS5A1066DBVR Datasheet
600Kb / 26P
[Old version datasheet]   10-W SPST ANALOG SWITCH
TS5A1066DBVRE4 TI-TS5A1066DBVRE4 Datasheet
600Kb / 26P
[Old version datasheet]   10-W SPST ANALOG SWITCH
TS5A1066DBVRG4 TI-TS5A1066DBVRG4 Datasheet
600Kb / 26P
[Old version datasheet]   10-W SPST ANALOG SWITCH
TS5A1066DCKR TI-TS5A1066DCKR Datasheet
600Kb / 26P
[Old version datasheet]   10-W SPST ANALOG SWITCH
More results

同様の説明 - TS5A1066

メーカー部品番号データシート部品情報
logo
Texas Instruments
MAX4596 TI-MAX4596 Datasheet
148Kb / 13P
[Old version datasheet]   SINGLE-CHANNEL 10-ohm SPST ANALOG SWITCH
MAX4596DCKRG4 TI1-MAX4596DCKRG4 Datasheet
679Kb / 16P
[Old version datasheet]   SINGLE-CHANNEL 10-OHM SPST ANALOG SWITCH
MAX4594DCKRG4 TI1-MAX4594DCKRG4 Datasheet
679Kb / 16P
[Old version datasheet]   SINGLE-CHANNEL 10 OHM SPST ANALOG SWITCH
logo
National Semiconductor ...
TS5A3166 NSC-TS5A3166 Datasheet
375Kb / 21P
   0.9-OHM SPST ANALOG SWITCH
logo
Texas Instruments
TS5A3167 TI-TS5A3167 Datasheet
270Kb / 20P
[Old version datasheet]   0.9 OHM SPST ANALOG SWITCH
TS5A1066 TI-TS5A1066_15 Datasheet
922Kb / 30P
[Old version datasheet]   10-廓 SPST ANALOG SWITCH
TS5A1066 TI-TS5A1066_10 Datasheet
600Kb / 26P
[Old version datasheet]   10-W SPST ANALOG SWITCH
TS5A4597 TI-TS5A4597 Datasheet
157Kb / 14P
[Old version datasheet]   SINGLE-CHANNEL 8-ohm SPST ANALOG SWITCH
logo
Pericom Semiconductor C...
PI5A3166 PERICOM-PI5A3166 Datasheet
349Kb / 9P
   Low Voltage SPST 0.8(ohm) Analog Switch
logo
Texas Instruments
TS5A4594 TI-TS5A4594 Datasheet
157Kb / 14P
[Old version datasheet]   SINGLE-CHANNEL 8-ohm SPST ANALOG SWITCH
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com