データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TSC2200 データシート(PDF) 3 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation. Click here to check the latest version.
部品番号 TSC2200
部品情報  PDA ANALOG INTERFACE CIRCUIT
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  BURR-BROWN [Burr-Brown (TI)]
ホームページ  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

TSC2200 データシート(HTML) 3 Page - Burr-Brown (TI)

  TSC2200 Datasheet HTML 1Page - Burr-Brown (TI) TSC2200 Datasheet HTML 2Page - Burr-Brown (TI) TSC2200 Datasheet HTML 3Page - Burr-Brown (TI) TSC2200 Datasheet HTML 4Page - Burr-Brown (TI) TSC2200 Datasheet HTML 5Page - Burr-Brown (TI) TSC2200 Datasheet HTML 6Page - Burr-Brown (TI) TSC2200 Datasheet HTML 7Page - Burr-Brown (TI) TSC2200 Datasheet HTML 8Page - Burr-Brown (TI) TSC2200 Datasheet HTML 9Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 40 page
background image
3
www.ti.com
TSC2200
SBAS191F
ELECTRICAL CHARACTERISTICS
At –40
°C to +85°C, +V
DD = +2.7V, internal VREF = +2.5V, conversion clock = 2MHz, and 12-bit mode, unless otherwise noted.
TSC2200IPW
TSC2200IRHB
PARAMETER
CONDITIONS
MIN
TYP
MAX
MIN
TYP
MAX
UNITS
AUXILIARY ANALOG INPUT
Input Voltage Range
0
+VREF
✻✻
V
Input Capacitance
25
pF
Input Leakage Current
±1
µA
BATTERY MONITOR INPUT
Input Voltage Range
0.5
6.0
✻✻
V
Input Capacitance
25
pF
Input Leakage Current
±1
µA
Accuracy
–3+3
✻✻
%
TEMPERATURE MEASUREMENT
Temperature Range
–40
+85
✻✻
°C
Temperature Resolution
0.3
°C
Accuracy
±2
°C
A/D CONVERTER
Resolution
Programmable: 8-, 10-, or 12-Bits
12
Bits
No Missing Codes
12-Bit Resolution
11
Bits
Integral Linearity
±2
±3LSB
Offset Error
±6
LSB
Gain Error
Excluding Reference Error
±6
LSB
Noise
30
µVrms
Power-Supply Rejection
80
dB
D/A CONVERTER
Output Current Range
Set by Resistor from ARNG to GND
650
500
µA
Resolution
8
Bits
Integral Linearity
±2
LSB
VOLTAGE REFERENCE
Voltage Range
Internal 2.5V
2.45
2.5
2.55
✻✻
V
Internal 1.25V
1.225
1.25
1.275
✻✻
1.285
V
Reference Drift
20
ppm/
°C
External Reference Input Range
1.0
VDD
✻✻
V
Current Drain
20
µA
DIGITAL INPUT/OUTPUT
Internal Clock Frequency
8
MHz
Logic Family
CMOS
Logic Levels: VIH
IIH = +5µA0.7VDD
V
VIL
IIL = +5µA
–0.3
0.3VDD
✻✻
V
VOH
IOH = 2 TTL Loads
0.8VDD
V
VOL
IOL = 2 TTL Loads
0.4
V
POWER-SUPPLY REQUIREMENTS
Power-Supply Voltage, +VDD
Specified Performance
2.7
3.6
✻✻
V
Quiescent Current
See Note (1)
1.25
2.3
2.5
mA
See Note (2)
500
µA
Power-Down
3
µA
TEMPERATURE RANGE
Specified Performance
–40
+85
✻✻
°C
✻ Specifications same as TSC2200IPW.
NOTES: (1) AUX1 conversion, no averaging, no REF power down, 50
µs conversion. (2) AUX1 conversion, no averaging, external reference, 50µs conversion.


同様の部品番号 - TSC2200

メーカー部品番号データシート部品情報
logo
Texas Instruments
TSC2200 TI1-TSC2200 Datasheet
1Mb / 45P
[Old version datasheet]   PDA ANALOG INTERFACE CIRCUIT
TSC2200IPW TI1-TSC2200IPW Datasheet
1Mb / 45P
[Old version datasheet]   PDA ANALOG INTERFACE CIRCUIT
TSC2200IPWG4 TI1-TSC2200IPWG4 Datasheet
1Mb / 45P
[Old version datasheet]   PDA ANALOG INTERFACE CIRCUIT
TSC2200IPWR TI1-TSC2200IPWR Datasheet
1Mb / 45P
[Old version datasheet]   PDA ANALOG INTERFACE CIRCUIT
TSC2200IPWRG4 TI1-TSC2200IPWRG4 Datasheet
1Mb / 45P
[Old version datasheet]   PDA ANALOG INTERFACE CIRCUIT
More results

同様の説明 - TSC2200

メーカー部品番号データシート部品情報
logo
Texas Instruments
TSC2000 TI-TSC2000 Datasheet
498Kb / 34P
[Old version datasheet]   PDA ANALOG INTERFACE CIRCUIT
TSC2000 TI-TSC2000_08 Datasheet
514Kb / 35P
[Old version datasheet]   PDA ANALOG INTERFACE CIRCUIT
TSC2000 TI1-TSC2000_13 Datasheet
1Mb / 38P
[Old version datasheet]   PDA ANALOG INTERFACE CIRCUIT
TSC2200 TI1-TSC2200_16 Datasheet
1Mb / 45P
[Old version datasheet]   PDA ANALOG INTERFACE CIRCUIT
TLC32040M TI-TLC32040M Datasheet
202Kb / 30P
[Old version datasheet]   ANALOG INTERFACE CIRCUIT
TLC320AD56 TI1-TLC320AD56 Datasheet
218Kb / 42P
[Old version datasheet]   Sigma-Delta Analog Interface Circuit
TLC32047C TI-TLC32047C Datasheet
303Kb / 61P
[Old version datasheet]   Wide-Band Analog Interface Circuit
TLC320AC01C TI1-TLC320AC01C_15 Datasheet
449Kb / 92P
[Old version datasheet]   Single-Supply Analog Interface Circuit
TLC320AC02C TI1-TLC320AC02C_15 Datasheet
482Kb / 86P
[Old version datasheet]   Single-Supply Analog Interface Circuit
TLC32046CFN TI-TLC32046CFN Datasheet
247Kb / 56P
[Old version datasheet]   Wide-Band Analog Interface Circuit
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com