データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TS5A1066DCKR データシート(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
部品番号 TS5A1066DCKR
部品情報  10 OHM SPST ANALOG SWITCH
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI - Texas Instruments

TS5A1066DCKR データシート(HTML) 11 Page - Texas Instruments

Back Button TS5A1066DCKR Datasheet HTML 7Page - Texas Instruments TS5A1066DCKR Datasheet HTML 8Page - Texas Instruments TS5A1066DCKR Datasheet HTML 9Page - Texas Instruments TS5A1066DCKR Datasheet HTML 10Page - Texas Instruments TS5A1066DCKR Datasheet HTML 11Page - Texas Instruments TS5A1066DCKR Datasheet HTML 12Page - Texas Instruments TS5A1066DCKR Datasheet HTML 13Page - Texas Instruments TS5A1066DCKR Datasheet HTML 14Page - Texas Instruments TS5A1066DCKR Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 19 page
background image
TS5A1066
10 W SPST ANALOG SWITCH
SCDS185A − JANUARY 2005 − REVISED JANUARY 2005
www.ti.com
11
TYPICAL PERFORMANCE
Figure 1. ron vs VCOM
0
10
20
30
40
50
60
70
80
90
0
1234
5
VCC = 1.65 V
VCOM (V)
VCC = 2.3 V
VCC = 3 V
VCC = 4.5 V
0
2
4
6
8
10
12
14
Figure 2. ron vs VCOM (V+ = 3 V)
VCOM V
V+ = 3 V
85
5C
25
5C
–40
5C
0
0.5
1
1.5
2
2.5
3
3.5
0
1
2
3
4
5
6
7
8
9
V+ = 4.5 V
85
5C
25
5C
–40
5C
Figure 3. ron vs VCOM (V+ = 5 V)
VCOM (V)
0
0.5
1 1.5
2
2.5
3
3.5
4
4.5
5
Figure 4. Leakage Current vs Temperature
(V+ = 5.5 V)
TA (5C)
−1
0
1
2
3
4
5
−60
−40
−20
0
20
40
60
80
100
ICOM(ON) COM>NO
INO(ON) NO>COM
ICOM(OFF) NOLO
ICOM (OFF) NO HI
INO(OFF) COMLO
INO (OFF) COM HI
IIN_VIN ‘IN’ C-LO
IIN_VIN ‘IN’ C-HI
Figure 5. Charge Injection (QC) vs Bias Voltage
Bias Voltage (V)
3.5
3
2.5
2
1.5
1
0.5
0
0
0.5
1
1.5
2
2.5
3
3.5
V+ (V)
0
2
4
6
8
10
12
01
23
45
6
Figure 6. tON and tOFF vs Supply Voltage
TA = 25°C
tON
tOFF


同様の部品番号 - TS5A1066DCKR

メーカー部品番号データシート部品情報
logo
Texas Instruments
TS5A1066DCKR TI-TS5A1066DCKR Datasheet
600Kb / 26P
[Old version datasheet]   10-W SPST ANALOG SWITCH
TS5A1066DCKRE4 TI-TS5A1066DCKRE4 Datasheet
600Kb / 26P
[Old version datasheet]   10-W SPST ANALOG SWITCH
TS5A1066DCKRG4 TI-TS5A1066DCKRG4 Datasheet
600Kb / 26P
[Old version datasheet]   10-W SPST ANALOG SWITCH
More results

同様の説明 - TS5A1066DCKR

メーカー部品番号データシート部品情報
logo
Texas Instruments
MAX4596 TI-MAX4596 Datasheet
148Kb / 13P
[Old version datasheet]   SINGLE-CHANNEL 10-ohm SPST ANALOG SWITCH
MAX4596DCKRG4 TI1-MAX4596DCKRG4 Datasheet
679Kb / 16P
[Old version datasheet]   SINGLE-CHANNEL 10-OHM SPST ANALOG SWITCH
MAX4594DCKRG4 TI1-MAX4594DCKRG4 Datasheet
679Kb / 16P
[Old version datasheet]   SINGLE-CHANNEL 10 OHM SPST ANALOG SWITCH
logo
National Semiconductor ...
TS5A3166 NSC-TS5A3166 Datasheet
375Kb / 21P
   0.9-OHM SPST ANALOG SWITCH
logo
Texas Instruments
TS5A3167 TI-TS5A3167 Datasheet
270Kb / 20P
[Old version datasheet]   0.9 OHM SPST ANALOG SWITCH
TS5A1066 TI-TS5A1066_15 Datasheet
922Kb / 30P
[Old version datasheet]   10-廓 SPST ANALOG SWITCH
TS5A1066 TI-TS5A1066_10 Datasheet
600Kb / 26P
[Old version datasheet]   10-W SPST ANALOG SWITCH
TS5A4597 TI-TS5A4597 Datasheet
157Kb / 14P
[Old version datasheet]   SINGLE-CHANNEL 8-ohm SPST ANALOG SWITCH
logo
Pericom Semiconductor C...
PI5A3166 PERICOM-PI5A3166 Datasheet
349Kb / 9P
   Low Voltage SPST 0.8(ohm) Analog Switch
logo
Texas Instruments
TS5A4594 TI-TS5A4594 Datasheet
157Kb / 14P
[Old version datasheet]   SINGLE-CHANNEL 8-ohm SPST ANALOG SWITCH
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com