データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TSC2200IRHBR データシート(PDF) 2 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation. Click here to check the latest version.
部品番号 TSC2200IRHBR
部品情報  PDA ANALOG INTERFACE CIRCUIT
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  BURR-BROWN [Burr-Brown (TI)]
ホームページ  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

TSC2200IRHBR データシート(HTML) 2 Page - Burr-Brown (TI)

  TSC2200IRHBR Datasheet HTML 1Page - Burr-Brown (TI) TSC2200IRHBR Datasheet HTML 2Page - Burr-Brown (TI) TSC2200IRHBR Datasheet HTML 3Page - Burr-Brown (TI) TSC2200IRHBR Datasheet HTML 4Page - Burr-Brown (TI) TSC2200IRHBR Datasheet HTML 5Page - Burr-Brown (TI) TSC2200IRHBR Datasheet HTML 6Page - Burr-Brown (TI) TSC2200IRHBR Datasheet HTML 7Page - Burr-Brown (TI) TSC2200IRHBR Datasheet HTML 8Page - Burr-Brown (TI) TSC2200IRHBR Datasheet HTML 9Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 40 page
background image
2
www.ti.com
TSC2200
SBAS191F
ABSOLUTE MAXIMUM RATINGS(1)
VDD to GND ........................................................................ –0.3V to +6.0V
VBAT Input Voltage to GND ............................................... –0.3V to +6.0V
Analog Input Voltage to GND (except VBAT) ........... –0.3V to VDD + 0.3V
Digital Input Voltage to GND ................................... –0.3V to VDD + 0.3V
Operating Temperature Range ...................................... –40
°C to +105°C
Storage Temperature Range ......................................... –65
°C to +150°C
Junction Temperature (TJ Max) .................................................... +150°C
TSSOP Package
Power Dissipation .................................................... (TJ Max – TA)/θJA
θ
JA Thermal Impedance .......................................................... 90°C/W
Lead Temperature, Soldering
Vapor Phase (60s) ............................................................ +215
°C
Infrared (15s) ..................................................................... +220
°C
NOTE: (1) Stresses above those listed under “Absolute Maximum Ratings”
may cause permanent damage to the device. Exposure to absolute maximum
conditions for extended periods may affect device reliability.
INTEGRAL
SPECIFIED
LINEARITY
PACKAGE
TEMPERATURE
PACKAGE
ORDERING
TRANSPORT
PRODUCT
ERROR (LSB) PACKAGE-LEAD
DESIGNATOR(1)
RANGE
MARKING
NUMBER
MEDIA, QUANTITY
TSC2200
±2
TSSOP-28
PW
–40
°C to +85°C
TSC2200I
TSC2200IPW
Rails, 50
""
"
"
"
"
TSC2200IPWR
Tape and Reel, 2000
TSC2200
±2
QFN-32
RHB
–40
°C to +85°C
TSC2200I
TSC2200IRHB
Tubes, 72
""
"
"
"
"
TSC2200IRHBR
Tape and Reel, 2500
NOTE: (1) For the most current specifications and package information, refer to our web site at www.ti.com.
ELECTROSTATIC
DISCHARGE SENSITIVITY
This integrated circuit can be damaged by ESD. Texas
Instruments recommends that all integrated circuits be handled
with appropriate precautions. Failure to observe proper han-
dling and installation procedures can cause damage.
ESD damage can range from subtle performance degrada-
tion to complete device failure. Precision integrated circuits
may be more susceptible to damage because very small
parametric changes could cause the device not to meet its
published specifications.
TIMING DIAGRAM
All specifications typical at –40
°C to +85°C, +V
DD = +2.7V.
t
td
t
Lag
t
dis
t
Lead
t
sck
t
wsck
t
wsck
t
hi
t
su
t
ho
t
a
t
v
t
r
t
f
SS
SCLK
MSB OUT
MSB IN
LSB IN
LSB OUT
BIT 6 ... 1
BIT 6 ... 1
MISO
MOSI
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
SCLK Period
tsck
30
ns
Enable Lead Time
tLead
15
ns
Enable Lag Time
tLag
15
ns
Sequential Transfer Delay
ttd
30
ns
Data Setup Time
tsu
10
ns
Data Hold Time (inputs)
thi
10
ns
Data Hold Time (outputs)
tho
0ns
Slave Access Time
ta
15
ns
Slave DOUT Disable Time
tdis
15
ns
Data Valid
tv
10
ns
Rise Time
tr
30
ns
Fall Time
tf
30
ns
TIMING CHARACTERISTICS(1)(2)
At –40
°C to +85°C, +V
DD = +2.7V, VREF = +2.5V, unless otherwise noted.
TSC2200
NOTES: (1) All input signals are specified with tr = tf = 5ns (10% to 90% of VDD) and timed from a voltage level of (VIL + VIH)/2. (2) See timing diagram below.


同様の部品番号 - TSC2200IRHBR

メーカー部品番号データシート部品情報
logo
Texas Instruments
TSC2200IRHBR TI1-TSC2200IRHBR Datasheet
1Mb / 45P
[Old version datasheet]   PDA ANALOG INTERFACE CIRCUIT
More results

同様の説明 - TSC2200IRHBR

メーカー部品番号データシート部品情報
logo
Texas Instruments
TSC2000 TI-TSC2000 Datasheet
498Kb / 34P
[Old version datasheet]   PDA ANALOG INTERFACE CIRCUIT
TSC2000 TI-TSC2000_08 Datasheet
514Kb / 35P
[Old version datasheet]   PDA ANALOG INTERFACE CIRCUIT
TSC2000 TI1-TSC2000_13 Datasheet
1Mb / 38P
[Old version datasheet]   PDA ANALOG INTERFACE CIRCUIT
TSC2200 TI1-TSC2200_16 Datasheet
1Mb / 45P
[Old version datasheet]   PDA ANALOG INTERFACE CIRCUIT
TLC32040M TI-TLC32040M Datasheet
202Kb / 30P
[Old version datasheet]   ANALOG INTERFACE CIRCUIT
TLC320AD56 TI1-TLC320AD56 Datasheet
218Kb / 42P
[Old version datasheet]   Sigma-Delta Analog Interface Circuit
TLC32047C TI-TLC32047C Datasheet
303Kb / 61P
[Old version datasheet]   Wide-Band Analog Interface Circuit
TLC320AC01C TI1-TLC320AC01C_15 Datasheet
449Kb / 92P
[Old version datasheet]   Single-Supply Analog Interface Circuit
TLC320AC02C TI1-TLC320AC02C_15 Datasheet
482Kb / 86P
[Old version datasheet]   Single-Supply Analog Interface Circuit
TLC32046CFN TI-TLC32046CFN Datasheet
247Kb / 56P
[Old version datasheet]   Wide-Band Analog Interface Circuit
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com