データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

GS8673EQ36BGK-625IS データシート(PDF) 8 Page - GSI Technology

部品番号 GS8673EQ36BGK-625IS
部品情報  For use with GSI SRAM Port IP
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  GSI [GSI Technology]
ホームページ  http://www.gsitechnology.com
Logo GSI - GSI Technology

GS8673EQ36BGK-625IS データシート(HTML) 8 Page - GSI Technology

Back Button GS8673EQ36BGK-625IS Datasheet HTML 4Page - GSI Technology GS8673EQ36BGK-625IS Datasheet HTML 5Page - GSI Technology GS8673EQ36BGK-625IS Datasheet HTML 6Page - GSI Technology GS8673EQ36BGK-625IS Datasheet HTML 7Page - GSI Technology GS8673EQ36BGK-625IS Datasheet HTML 8Page - GSI Technology GS8673EQ36BGK-625IS Datasheet HTML 9Page - GSI Technology GS8673EQ36BGK-625IS Datasheet HTML 10Page - GSI Technology GS8673EQ36BGK-625IS Datasheet HTML 11Page - GSI Technology GS8673EQ36BGK-625IS Datasheet HTML 12Page - GSI Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 25 page
background image
GS8673EQ18/36BK-725S/625S/550S
Specifications cited are subject to change without notice. For latest documentation see http://www.gsitechnology.com.
Rev: 1.03 6/2014
8/25
© 2012, GSI Technology
Driver Impedance Control
Programmable Driver Impedance is implemented on the following output signals:
• CQ, CQ, Q, QVLD.
Driver impedance is programmed by connecting an external resistor RQ between the ZQ pin and VSS.
Driver impedance is set to the programmed value within 160K cycles after input clocks are operating within specification and RST
is de-asserted Low. It is updated periodically thereafter to compensate for temperature and voltage fluctuations in the system.
Output Signal
Pull-Down Impedance (ROUTL)
Pull-Up Impedance (ROUTH)
CQ, CQ, Q, QVLD
RQ*0.2
± 15%
RQ*0.2
± 15%
Notes:
1. ROUTL and ROUTH apply when 175Ω ≤ RQ ≤ 225Ω..
2. The mismatch between ROUTL and ROUTH is less than 10%, guaranteed by design.
ODT Impedance Control
Programmable ODT Impedance is implemented on the following input signals:
• CK, CK, KD, KD, SA, R, W, D.
ODT impedance is programmed by connecting an external resistor RT between the ZT pin and VSS.
ODT impedance is set to the programmed value within 160K cycles after input clocks are operating within specification and RST
is de-asserted Low. It is updated periodically thereafter to compensate for temperature and voltage fluctuations in the system
Input Signal
PZT[1:0]
MZT[1:0]
Pull-Down Impedance (RINL)
Pull-Up Impedance (RINH)
CK, CK, KD, KD
X0
XX
disabled
disabled
X1
01
RT
± 15%
RT
± 15%
10
RT*2
± 20%
RT*2
± 20%
SA, R, W
0X
XX
disabled
disabled
1X
01
RT
± 15%
RT
± 15%
10
RT*2
± 20%
RT*2
± 20%
D
XX
01
RT
± 15%
RT
± 15%
10
RT*2
± 20%
RT*2
± 20%
Notes:
1. When MZT[1:0] = 00, ODT is disabled on all inputs. MZT[1:0] = 11 is reserved for future use.
2. RINL and RINH apply when 105Ω ≤ RT ≤ 135Ω.
3. The mismatch between RINL and RINH is less than 10%, guaranteed by design.
4. All ODT is disabled during JTAG EXTEST and SAMPLE-Z instructions.
Note: When ODT impedance is enabled on a particular input, that input should always be driven High or Low; it should never be
tri-stated (i.e., in a High- Z state). If the input is tri-stated, the ODT will pull the signal to VDDQ / 2 (i.e., to the switch point of the
diff-amp receiver), which could cause the receiver to enter a meta-stable state and consume more power than it normally would.
This could result in the device’s operating currents being higher.


同様の部品番号 - GS8673EQ36BGK-625IS

メーカー部品番号データシート部品情報
logo
GSI Technology
GS8673EQ36BGK-625 GSI-GS8673EQ36BGK-625 Datasheet
451Kb / 31P
   On-Chip ECC with virtually zero SER
GS8673EQ36BGK-625S GSI-GS8673EQ36BGK-625S Datasheet
368Kb / 25P
   For use with GSI SRAM Port IP
More results

同様の説明 - GS8673EQ36BGK-625IS

メーカー部品番号データシート部品情報
logo
GSI Technology
GS8673EQ36BGK-625S GSI-GS8673EQ36BGK-625S Datasheet
368Kb / 25P
   For use with GSI SRAM Port IP
GS8673EQ36BK-725S GSI-GS8673EQ36BK-725S Datasheet
368Kb / 25P
   For use with GSI SRAM Port IP
GS8673ED18BGK-725IS GSI-GS8673ED18BGK-725IS Datasheet
359Kb / 25P
   For use with GSI SRAM Port IP
GS8673EQ18BK-625IS GSI-GS8673EQ18BK-625IS Datasheet
368Kb / 25P
   For use with GSI SRAM Port IP
GS8673EQ18BK-550S GSI-GS8673EQ18BK-550S Datasheet
368Kb / 25P
   For use with GSI SRAM Port IP
GS8673EQ18BK-725IS GSI-GS8673EQ18BK-725IS Datasheet
368Kb / 25P
   For use with GSI SRAM Port IP
GS8673ED18BGK-550S GSI-GS8673ED18BGK-550S Datasheet
359Kb / 25P
   For use with GSI SRAM Port IP
GS8673EQ18BGK-550IS GSI-GS8673EQ18BGK-550IS Datasheet
368Kb / 25P
   For use with GSI SRAM Port IP
GS8673EQ18BK-725S GSI-GS8673EQ18BK-725S Datasheet
368Kb / 25P
   For use with GSI SRAM Port IP
GS8673EQ36BGK-725IS GSI-GS8673EQ36BGK-725IS Datasheet
368Kb / 25P
   For use with GSI SRAM Port IP
GS8673EQ36BGK-550S GSI-GS8673EQ36BGK-550S Datasheet
368Kb / 25P
   For use with GSI SRAM Port IP
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com