データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

X1240V8I データシート(PDF) 2 Page - Xicor Inc.

部品番号 X1240V8I
部品情報  Real Time Clock/Calendar with EEPROM
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  XICOR [Xicor Inc.]
ホームページ  http://www.xicor.com
Logo XICOR - Xicor Inc.

X1240V8I データシート(HTML) 2 Page - Xicor Inc.

  X1240V8I Datasheet HTML 1Page - Xicor Inc. X1240V8I Datasheet HTML 2Page - Xicor Inc. X1240V8I Datasheet HTML 3Page - Xicor Inc. X1240V8I Datasheet HTML 4Page - Xicor Inc. X1240V8I Datasheet HTML 5Page - Xicor Inc. X1240V8I Datasheet HTML 6Page - Xicor Inc. X1240V8I Datasheet HTML 7Page - Xicor Inc. X1240V8I Datasheet HTML 8Page - Xicor Inc. X1240V8I Datasheet HTML 9Page - Xicor Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 19 page
background image
X1240
2
PIN CONFIGURATION
PIN DESCRIPTIONS
Serial Clock (SCL)
The SCL input is used to clock all data into and out of
the device. The input buffer on this pin is always active
(not gated).
Serial Data (SDA)
SDA is a bidirectional pin used to transfer data into
and out of the device. It has an open drain output and
may be wire ORed with other open drain or open col-
lector outputs. The input buffer is always active (not
gated).
An open drain output requires the use of a pull-up
resistor. The output circuitry controls the fall time of
the output signal with the use of a slope controlled
pull-down. The circuit is designed for 400kHz 2-wire
interface speeds.
VBACK
This input provides a backup supply voltage to the
device. VBACK supplies power to the device in the
event the VCC supply fails.
X1, X2
The X1 and X2 pins are the input and output, respec-
tively, of an inverting amplifier that can be configured
for use as an on-chip oscillator. A 32.768kHz quartz
crystal is used. Recommeded crystals are Sieko VT-200
or Epson C-002RX. The crystal supplies a timebase
for a clock/oscillator. The internal clock can be driven
by an external signal on X1, with X2 left unconnected.
Figure 1. Recommended Crystal connection
POWER CONTROL OPERATION
The Power control circuit accepts a VCC and a VBACK
input. The power control circuit will switch to VBACK
when VCC < VBACK - 0.2V. It will switch back to VCC
when VCC exceeds VBACK.
Figure 2. Power Control
REAL TIME CLOCK OPERATION
The Real Time Clock (RTC) uses an external, 32.768KHz
quartz crystal to maintain an accurate internal repre-
sentation of the year, month, day, date, hour, minute,
and seconds. The RTC has leap-year correction and a
century byte. The clock will also correct for months hav-
ing fewer than 31 days and will have a bit that controls
24 hour or AM/PM format. When the X1240 powers up
after the loss of both VCC and VBACK, the clock will not
increment until at least one byte is written to the clock
register.
Reading the Real Time Clock
The RTC is read by initiating a Read command and
specifying the address corresponding to the register of
the Real Time Clock. The RTC Registers can then be
read in a Sequential Read Mode. Since the clock runs
continuously and a read takes a finite amount of time,
there is the possibility that the clock could change dur-
ing the course of a read operation. In this device, the
time is latched by the read command (falling edge of
X1240
X1
X2
VBack
VCC
NC
SCL
SDA
VSS
1
2
3
4
7
8
6
5
8 pin TSSOP
X1240
X1
X2
VBack
VCC
NC
SCL
SDA
VSS
1
2
3
4
7
8
6
5
8 pin SOIC
X1
X2
43pF
18pF
220K
10M
VBACK
VCC = VBACK -0.2V
Internal
Voltage
VCC


同様の部品番号 - X1240V8I

メーカー部品番号データシート部品情報
logo
Xicor Inc.
X1243 XICOR-X1243 Datasheet
90Kb / 18P
   Real Time Clock/Calendar/Alarm with EEPROM
logo
Intersil Corporation
X1243 INTERSIL-X1243 Datasheet
293Kb / 17P
   Real Time Clock/Calendar/Alarm with EEPROM
logo
Renesas Technology Corp
X1243 RENESAS-X1243 Datasheet
713Kb / 17P
   16K (2K x 8), 2-Wire RTC Real Time Clock/Calendar/Alarm with EEPROM
April 28, 2005
logo
Texas Instruments
X1243BIGABL TI1-X1243BIGABL Datasheet
864Kb / 48P
[Old version datasheet]   Single-Chip 77- and 79-GHz FMCW Transceiver
X1243BIGABL TI1-X1243BIGABL Datasheet
864Kb / 49P
[Old version datasheet]   Single-Chip 77- and 79-GHz FMCW Transceiver
More results

同様の説明 - X1240V8I

メーカー部品番号データシート部品情報
logo
Intersil Corporation
ISL12027 INTERSIL-ISL12027_10 Datasheet
390Kb / 28P
   Real Time Clock/Calendar with EEPROM
ISL12027 INTERSIL-ISL12027 Datasheet
414Kb / 28P
   Real Time Clock/Calendar with EEPROM
logo
Renesas Technology Corp
ISL12027 RENESAS-ISL12027 Datasheet
1Mb / 29P
   Real Time Clock/Calendar with EEPROM
logo
Intersil Corporation
ISL12026 INTERSIL-ISL12026 Datasheet
381Kb / 24P
   Real Time Clock/Calendar with EEPROM
ISL12029 INTERSIL-ISL12029 Datasheet
426Kb / 28P
   Real Time Clock/Calendar with EEPROM
logo
Xicor Inc.
X1226 XICOR-X1226 Datasheet
420Kb / 24P
   Real Time Clock/Calendar with EEPROM
logo
Intersil Corporation
ISL12028 INTERSIL-ISL12028 Datasheet
423Kb / 28P
   Real Time Clock/Calendar with EEPROM
X1226 INTERSIL-X1226_06 Datasheet
372Kb / 25P
   Real Time Clock/Calendar with EEPROM
X1226 INTERSIL-X1226 Datasheet
388Kb / 25P
   Real Time Clock/Calendar with EEPROM
X1243 INTERSIL-X1243 Datasheet
293Kb / 17P
   Real Time Clock/Calendar/Alarm with EEPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com