データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

2SA1585 データシート(PDF) 1 Page - Jiangsu Changjiang Electronics Technology Co., Ltd

部品番号 2SA1585
部品情報  SOT-23 Plastic-Encapsulate Transistors
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  JIANGSU [Jiangsu Changjiang Electronics Technology Co., Ltd]
ホームページ  http://www.cj-elec.com/en/
Logo JIANGSU - Jiangsu Changjiang Electronics Technology Co., Ltd

2SA1585 データシート(HTML) 1 Page - Jiangsu Changjiang Electronics Technology Co., Ltd

  2SA1585 Datasheet HTML 1Page - Jiangsu Changjiang Electronics Technology Co., Ltd 2SA1585 Datasheet HTML 2Page - Jiangsu Changjiang Electronics Technology Co., Ltd 2SA1585 Datasheet HTML 3Page - Jiangsu Changjiang Electronics Technology Co., Ltd 2SA1585 Datasheet HTML 4Page - Jiangsu Changjiang Electronics Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
JIANGSU CHANGJIANG ELECTRONICS TECHNOLOGY CO., LTD
SOT-23 Plastic-Encapsulate Transistors
2SA1585
TRANSISTOR (PNP)
FEATURES
Low VCE(sat)
Excellent DC current gain characteristics. Power dissipation
MAXIMUM RATINGS* TA=25
℃ unless otherwise noted
Symbol
Parameter
Value
Units
VCBO
Collector-Base Voltage
-20
V
VCEO
Collector-Emitter Voltage
-20
V
VEBO
Emitter-Base Voltage
-6
V
IC
Collector Current -Continuous
-2
A
PC
Collector Power Dissipation
350
mW
Tj
Junction Temperature
150
Tstg
Storage Temperature Range
-55-150
ELECTRICAL CHARACTERISTICS (Tamb=25
℃ unless otherwise specified)
Parameter
Symbol
Test
conditions
MIN
TYP
MAX
UNIT
Collector-base breakdown voltage
V(BR)CBO
IC= -50µA , IE=0
-20
V
Collector-emitter breakdown voltage
V(BR)CEO
IC= -1 mA ,
IB=0
-20
V
Emitter-base breakdown voltage
V(BR)EBO
IE=- 50µA, IC=0
-6
V
Collector cut-off current
ICBO
VCB=-20V ,
IE=0
-0.1
µA
Emitter cut-off current
IEBO
VEB= -5V ,
IC=0
-0.1
µA
DC current gain
hFE
VCE=-2 V,
IC= -0.1A
120
390
Collector-emitter saturation voltage
VCEsat
IC= -2A,
IB=-0.1A
-0.5
V
Transition frequency
fT
VCE=-2V,
IC=-0.5A
f=100MHz
240
MHz
CLASSIFICATION OF hFE
Rank
Q
R
Range
120-
270
180-390
Marking
R
SOT-23
JC T
1. BASE
2. EMITTER
3. COLLECTOR
www.cj-elec.com
1
A,Jun,2014
www.cj-elec.com
C,Sep,2016


同様の部品番号 - 2SA1585

メーカー部品番号データシート部品情報
logo
Foshan Blue Rocket Elec...
2SA1585 FOSHAN-2SA1585 Datasheet
981Kb / 6P
   Silicon PNP transistor in a TO-92 Plastic Package
logo
Nanjing International G...
2SA1585 DGNJDZ-2SA1585 Datasheet
1Mb / 4P
   SOT-23 Plastic-Encapsulate Transistors
logo
Jiangsu Changjiang Elec...
2SA1585E JIANGSU-2SA1585E Datasheet
224Kb / 3P
   TRANSISTOR
logo
Micro Commercial Compon...
2SA1585S MCC-2SA1585S Datasheet
314Kb / 2P
   PNP Plastic-Encapsulate Transistor
logo
Rohm
2SA1585S ROHM-2SA1585S Datasheet
101Kb / 3P
   Low Vce(sat) Transistor (-20V, -3A)
More results

同様の説明 - 2SA1585

メーカー部品番号データシート部品情報
logo
List of Unclassifed Man...
S9014LT1 ETC-S9014LT1 Datasheet
1Mb / 2P
   SOT-23 Plastic-Encapsulate Transistors
logo
Avic Technology
AV9015LT1 AVICTEK-AV9015LT1 Datasheet
37Kb / 1P
   SOT-23 Plastic-Encapsulate Transistors
logo
Jiangsu High diode Semi...
2SC2412 HDSEMI-2SC2412 Datasheet
2Mb / 4P
   SOT-23 Plastic-Encapsulate Transistors
BC848 HDSEMI-BC848 Datasheet
2Mb / 5P
   SOT-23 Plastic-Encapsulate Transistors
S8550-SOT-23 HDSEMI-S8550-SOT-23 Datasheet
2Mb / 4P
   SOT-23 Plastic-Encapsulate Transistors
BC817B HDSEMI-BC817B Datasheet
2Mb / 4P
   SOT-23 Plastic-Encapsulate Transistors
BC847 HDSEMI-BC847 Datasheet
2Mb / 5P
   SOT-23 Plastic-Encapsulate Transistors
MMBTA06 HDSEMI-MMBTA06 Datasheet
2Mb / 4P
   SOT-23 Plastic-Encapsulate Transistors
S8050 HDSEMI-S8050 Datasheet
1Mb / 4P
   SOT-23 Plastic-Encapsulate Transistors
SS8050-SOT-23 HDSEMI-SS8050-SOT-23 Datasheet
2Mb / 4P
   SOT-23 Plastic-Encapsulate Transistors
logo
Jiangsu Changjiang Elec...
2SB709A JIANGSU-2SB709A Datasheet
662Kb / 4P
   SOT-23 Plastic-Encapsulate Transistors
More results


Html Pages

1 2 3 4


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com