データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

BCW61 データシート(PDF) 2 Page - Jiangsu Changjiang Electronics Technology Co., Ltd

部品番号 BCW61
部品情報  SOT-23 Plastic-Encapsulate Transistors
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  JIANGSU [Jiangsu Changjiang Electronics Technology Co., Ltd]
ホームページ  http://www.cj-elec.com/en/
Logo JIANGSU - Jiangsu Changjiang Electronics Technology Co., Ltd

BCW61 データシート(HTML) 2 Page - Jiangsu Changjiang Electronics Technology Co., Ltd

  BCW61 Datasheet HTML 1Page - Jiangsu Changjiang Electronics Technology Co., Ltd BCW61 Datasheet HTML 2Page - Jiangsu Changjiang Electronics Technology Co., Ltd BCW61 Datasheet HTML 3Page - Jiangsu Changjiang Electronics Technology Co., Ltd BCW61 Datasheet HTML 4Page - Jiangsu Changjiang Electronics Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
ELECTRICAL CHARACTERISTICS (Ta=25
℃ unless otherwise specified)
Parameter
Symbol
Test
conditions
Min
Typ
Max
Unit
Collector-base breakdown voltage
V(BR)CBO
IC=-10µA, IE=0
-32
V
Collector-emitter breakdown voltage
V(BR)CEO
IC=-1mA, IB=0
-32
V
Emitter-base breakdown voltage
V(BR)EBO
IE=-10µA, IC=0
-5
V
Collector cut-off current
ICBO
VCB=-32V, IE=0
-0.02
µA
Emitter cut-off current
IEBO
VEB=-4V, IC=0
-0.02
µA
BCW61B
30
BCW61C
40
hFE(1)
VCE=-5V, IC=-10μA
BCW61D
100
BCW61A
120
220
BCW61B
180
310
BCW61C
250
460
hFE(2)
VCE=-5V, IC=-2mA
BCW61D
380
630
BCW61A
60
BCW61B
80
BCW61C
100
DC current gain
hFE(3)
VCE=-1V, IC=-50mA
BCW61D
110
IC=-10mA, IB=-0.25mA
-60
-250
mV
Collector-emitter saturation voltage
VCE(sat)
IC=-50mA, IB=-1.25mA
-120
-550
mV
IC=-10mA, IB=-0.25mA
-0.6
-0.85
V
Base-emitter saturation voltage
VBE(sat)
IC=-50mA, IB=-1.25mA
-0.68
-1.05
V
Base-emitter voltage
VBE
VCE=-5V, IC=-2mA
-0.6
-0.75
V
Transition frequency
fT
VCE=-5V,IC=-10mA, f=100MHz
100
MHz
Collector output capacitance
Cob
VCB=-10V, IE=0, f=1MHz
4.5
pF
Emitter input capacitance
Cib
VEB=-0.5V, IC=0, f=1MHz
11
pF
www.cj-elec.com
2
A,Jun,2014
www.cj-elec.com
B,Oct,2014


同様の部品番号 - BCW61

メーカー部品番号データシート部品情報
logo
NXP Semiconductors
BCW61 PHILIPS-BCW61 Datasheet
42Kb / 8P
   PNP general purpose transistors
1999 Apr 12
logo
Siemens Semiconductor G...
BCW61 SIEMENS-BCW61 Datasheet
271Kb / 9P
   PNP Silicon AF Transistors (For AF input stages and driver applications High current gain)
logo
Infineon Technologies A...
BCW61 INFINEON-BCW61 Datasheet
88Kb / 9P
   PNP Silicon AF Transistor
Jul-10-2001
logo
Diotec Semiconductor
BCW61 DIOTEC-BCW61 Datasheet
183Kb / 2P
   Surface mount Si-Epitaxial PlanarTransistors
logo
Vishay Siliconix
BCW61 VISHAY-BCW61 Datasheet
40Kb / 3P
   Small Signal Transistors (PNP)
09-May-02
More results

同様の説明 - BCW61

メーカー部品番号データシート部品情報
logo
List of Unclassifed Man...
S9014LT1 ETC-S9014LT1 Datasheet
1Mb / 2P
   SOT-23 Plastic-Encapsulate Transistors
logo
Avic Technology
AV9015LT1 AVICTEK-AV9015LT1 Datasheet
37Kb / 1P
   SOT-23 Plastic-Encapsulate Transistors
logo
Jiangsu High diode Semi...
2SC2412 HDSEMI-2SC2412 Datasheet
2Mb / 4P
   SOT-23 Plastic-Encapsulate Transistors
BC848 HDSEMI-BC848 Datasheet
2Mb / 5P
   SOT-23 Plastic-Encapsulate Transistors
S8550-SOT-23 HDSEMI-S8550-SOT-23 Datasheet
2Mb / 4P
   SOT-23 Plastic-Encapsulate Transistors
BC817B HDSEMI-BC817B Datasheet
2Mb / 4P
   SOT-23 Plastic-Encapsulate Transistors
BC847 HDSEMI-BC847 Datasheet
2Mb / 5P
   SOT-23 Plastic-Encapsulate Transistors
MMBTA06 HDSEMI-MMBTA06 Datasheet
2Mb / 4P
   SOT-23 Plastic-Encapsulate Transistors
S8050 HDSEMI-S8050 Datasheet
1Mb / 4P
   SOT-23 Plastic-Encapsulate Transistors
SS8050-SOT-23 HDSEMI-SS8050-SOT-23 Datasheet
2Mb / 4P
   SOT-23 Plastic-Encapsulate Transistors
logo
Jiangsu Changjiang Elec...
2SB709A JIANGSU-2SB709A Datasheet
662Kb / 4P
   SOT-23 Plastic-Encapsulate Transistors
More results


Html Pages

1 2 3 4


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com