データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

6N136-X007T データシート(PDF) 3 Page - Vishay Siliconix

部品番号 6N136-X007T
部品情報  High Speed Optocoupler, 1 MBd, Photodiode with Transistor Output
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  VISHAY [Vishay Siliconix]
ホームページ  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

6N136-X007T データシート(HTML) 3 Page - Vishay Siliconix

  6N136-X007T Datasheet HTML 1Page - Vishay Siliconix 6N136-X007T Datasheet HTML 2Page - Vishay Siliconix 6N136-X007T Datasheet HTML 3Page - Vishay Siliconix 6N136-X007T Datasheet HTML 4Page - Vishay Siliconix 6N136-X007T Datasheet HTML 5Page - Vishay Siliconix 6N136-X007T Datasheet HTML 6Page - Vishay Siliconix 6N136-X007T Datasheet HTML 7Page - Vishay Siliconix 6N136-X007T Datasheet HTML 8Page - Vishay Siliconix 6N136-X007T Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
6N135, 6N136
www.vishay.com
Vishay Semiconductors
Rev. 1.9, 02-Nov-15
3
Document Number: 83604
For technical questions, contact: optocoupleranswers@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Note
• As per IEC 60747-5-5, § 7.4.3.8.2, this optocoupler is suitable for “safe electrical insulation” only within the safety ratings. Compliance with
the safety ratings shall be ensured by means of protective circuits.
CURRENT TRANSFER RATIO (Tamb = 25 °C, unless otherwise specified)
PARAMETER
TEST CONDITION
PART
SYMBOL
MIN.
TYP.
MAX.
UNIT
Current transfer
ratio
IF = 16 mA, VO = 0.4 V, VCC = 4.5 V
6N135
CTR
7
16
-
%
6N136
CTR
19
35
-
%
IF = 16 mA, VO = 0.5 V, VCC = 4.5 V
6N135
CTR
5
-
-
%
6N136
CTR
15
-
-
%
SWITCHING CHARACTERISTICS (Tamb = 25 °C, unless otherwise specified)
PARAMETER
TEST CONDITION
PART
SYMBOL
MIN.
TYP.
MAX.
UNIT
High to low
IF = 16 mA, VCC = 5 V, RL = 4.1 k
Ω
6N135
tPHL
-0.3
1.5
μs
IF = 16 mA, VCC = 5 V, RL = 1.9 k
Ω
6N136
tPHL
-0.2
0.8
μs
Low to high
IF = 16 mA, VCC = 5 V, RL = 4.1 k
Ω
6N135
tPLH
-0.3
1.5
μs
IF = 16 mA, VCC = 5 V, RL = 1.9 k
Ω
6N136
tPLH
-0.2
0.8
μs
COMMON MODE TRANSIENT IMMUNITY (Tamb = 25 °C, unless otherwise specified)
PARAMETER
TEST CONDITION
PART
SYMBOL
MIN.
TYP.
MAX.
UNIT
High
IF = 0 mA, VCM = 10 VP-P, VCC = 5 V, RL = 4.1 k
Ω
6N135
|CMH|
-
1000
-
V/μs
IF = 0 mA, VCM = 10 VP-P, VCC = 5 V, RL = 1.9 k
Ω
6N136
|CMH|
-
1000
-
V/μs
Low
IF = 16 mA, VCM = 10 VP-P, VCC = 5 V, RL = 4.1 k
Ω
6N135
|CML|
-
1000
-
V/μs
IF = 16 mA, VCM = 10 VP-P, VCC = 5 V, RL = 1.9 k
Ω
6N136
|CML|
-
1000
-
V/μs
SAFETY AND INSULATION RATINGS
PARAMETER
TEST CONDITION
SYMBOL
VALUE
UNIT
Climatic classification
According to IEC 68 part 1
55 / 100 / 21
Pollution degree
According to DIN VDE 0109
2
Comparative tracking index
Insulation group IIIa
CTI
175
Maximum rated withstanding isolation voltage
According to UL1577, t = 1 min
VISO
5300
VRMS
Maximum transient isolation voltage
According to DIN EN 60747-5-5
VIOTM
8000
Vpeak
Maximum repetitive peak isolation voltage
According to DIN EN 60747-5-5
VIORM
890
Vpeak
Isolation resistance
Tamb = 25 °C, VIO = 500 V
RIO
≥ 1012
Ω
Tamb = 100 °C, VIO = 500 V
RIO
≥ 1011
Ω
Output safety power
PSO
500
mW
Input safety current
ISI
300
mA
Input safety temperature
TS
175
°C
Creepage distance
DIP-8
≥ 7mm
Clearance distance
DIP-8
≥ 7mm
Creepage distance
DIP-8, 400 mil, option 6
≥ 8mm
Clearance distance
DIP-8, 400 mil, option 6
≥ 8mm
Creepage distance
SMD-8, option 7
≥ 8mm
Clearance distance
SMD-8, option 7
≥ 8mm
Creepage distance
SMD-8, option 9
≥ 8mm
Clearance distance
SMD-8, option 9
≥ 8mm
Insulation thickness
DTI
≥ 0.4
mm


同様の部品番号 - 6N136-X007T

メーカー部品番号データシート部品情報
logo
Vishay Siliconix
6N136-X007T VISHAY-6N136-X007T Datasheet
221Kb / 10P
   High Speed Optocoupler, 1 MBd, Photodiode with Transistor Output
01-Jan-2022
More results

同様の説明 - 6N136-X007T

メーカー部品番号データシート部品情報
logo
Vishay Siliconix
6N136 VISHAY-6N136_V01 Datasheet
221Kb / 10P
   High Speed Optocoupler, 1 MBd, Photodiode with Transistor Output
01-Jan-2022
6N1135 VISHAY-6N1135_08 Datasheet
160Kb / 10P
   High Speed Optocoupler, 1 MBd, Photodiode with Transistor Output, 110 °C Rated
Rev. 1.6, 07-May-08
6N1135 VISHAY-6N1135 Datasheet
228Kb / 10P
   High Speed Optocoupler, 1 MBd, Photodiode with Transistor Output, 110 C Rated
Rev. 1.5, 26-Oct-04
SFH6315T VISHAY-SFH6315T Datasheet
224Kb / 8P
   High Speed Optocoupler, 1 MBd, Transistor Output
Rev. 1.3, 20-Nov-03
SFH636 VISHAY-SFH636_V01 Datasheet
202Kb / 11P
   High Speed Optocoupler, 1 MBd, Transistor Output
01-Jan-2022
SFH6136 VISHAY-SFH6136 Datasheet
246Kb / 8P
   High Speed Optocoupler, 1 MBd, Transistor Output
Rev. 1.4, 27-Apr-04
SFH6136 VISHAY-SFH6136_V01 Datasheet
192Kb / 8P
   High Speed Optocoupler, 1 MBd, Transistor Output
01-Jan-2022
SFH6343 VISHAY-SFH6343 Datasheet
168Kb / 10P
   High Speed Optocoupler, 1 MBd, Transistor Output
01-Jan-2022
6N135 VISHAY-6N135_08 Datasheet
148Kb / 8P
   High Speed Optocoupler, 1 MBd, Phtotdiode with Transistor Output
Rev. 1.5, 07-May-08
SFH6325 VISHAY-SFH6325_08 Datasheet
188Kb / 8P
   High Speed Optocoupler, Dual Channel, 1 MBd, Transistor Output
Rev. 1.5, 10-Jan-08
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com