データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

6N137-X006 データシート(PDF) 4 Page - Vishay Siliconix

部品番号 6N137-X006
部品情報  High Speed Optocoupler, Single and Dual, 10 MBd
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  VISHAY [Vishay Siliconix]
ホームページ  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

6N137-X006 データシート(HTML) 4 Page - Vishay Siliconix

  6N137-X006 Datasheet HTML 1Page - Vishay Siliconix 6N137-X006 Datasheet HTML 2Page - Vishay Siliconix 6N137-X006 Datasheet HTML 3Page - Vishay Siliconix 6N137-X006 Datasheet HTML 4Page - Vishay Siliconix 6N137-X006 Datasheet HTML 5Page - Vishay Siliconix 6N137-X006 Datasheet HTML 6Page - Vishay Siliconix 6N137-X006 Datasheet HTML 7Page - Vishay Siliconix 6N137-X006 Datasheet HTML 8Page - Vishay Siliconix 6N137-X006 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
6N137, VO2601, VO2611, VO2630, VO2631, VO4661
www.vishay.com
Vishay Semiconductors
Rev. 2.0, 27-Sep-16
4
Document Number: 84732
For technical questions, contact: optocoupleranswers@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Note
• Minimum and maximum values are testing requirements. Typical values are characteristics of the device and are the result of engineering
evaluation. Typical values are for information only and are not part of the testing requirements.
Notes
• Over recommended temperature (Tamb = -40 °C to +100 °C), VCC = 5 V, IF = 7.5 mA unless otherwise specified. All typicals at Tamb = 25 °C,
VCC = 5 V.
(1) 75 ns applies to the 6N137 only, a JEDEC® registered specification
ELECTRICAL CHARACTERISTICS (Tamb = 25 °C, unless otherwise specified)
PARAMETER
TEST CONDITION
SYMBOL
MIN.
TYP.
MAX.
UNIT
INPUT
Input forward voltage
IF = 10 mA
VF
1.1
1.4
1.7
V
Reverse current
VR = 5 V
IR
-0.01
10
μA
Input capacitance
f = 1 MHz, VF = 0 V
CI
-55
-
pF
OUTPUT
High level supply current
(single channel)
VE = 0.5 V, IF = 0 mA
ICCH
-4.1
7
mA
VE = VCC, IF = 0 mA
ICCH
-3.3
6
mA
High level supply current
(dual channel)
IF = 0 mA
ICCH
-6.5
12
mA
Low level supply current
(single channel)
VE = 0.5 V, IF = 10 mA
ICCL
-4
7
mA
VE = VCC, IF = 10 mA
ICCL
-3.3
6
mA
Low level supply current
(dual channel)
IF = 10 mA
ICCL
-6.5
12
mA
High level output current
VE = 2 V, VCC = 5.5 V, IF = 250 μA
IOH
-
0.002
1
μA
Low level output voltage
VE = 2 V, IF = 5 mA,
IOL (sinking) = 13 mA
VOL
-0.2
0.6
V
Input threshold current
VE = 2 V, VCC = 5.5 V,
IOL (sinking) = 13 mA
ITH
-2.4
5
mA
High level enable current
VE = 2 V
IEH
-
-0.6
-1.6
mA
Low level enable current
VE = 0.5 V
IEL
-
-0.8
-1.6
mA
High level enable voltage
VEH
2-
-
V
Low level enable voltage
VEL
--
0.8
V
SWITCHING CHARACTERISTICS
PARAMETER
TEST CONDITION
SYMBOL
MIN.
TYP.
MAX.
UNIT
Propagation delay time to high
output level
RL = 350
Ω, CL = 15 pF
tPLH
20
48
75 (1)
ns
tPLH
-
-
100
ns
Propagation delay time to low
output level
RL = 350
Ω, CL = 15 pF
tPHL
25
50
75 (1)
ns
tPHL
-
-
100
ns
Pulse width disortion
RL = 350
Ω, CL = 15 pF
|tPHL - tPLH|
-
2.9
35
ns
Propagation delay skew
RL = 350
Ω, CL = 15 pF
tPSK
-
8
40
ns
Output rise time (10 % to 90 %)
RL = 350
Ω, CL = 15 pF
tr
-23
-
ns
Output fall time (90 % to 10 %)
RL = 350
Ω, CL = 15 pF
tf
-7
-
ns
Propagation delay time of
enable from VEH to VEL
RL = 350
Ω, CL = 15 pF,
VEL = 0 V, VEH = 3 V
tELH
-12
-
ns
Propagation delay time of
enable from VEL to VEH
RL = 350
Ω, CL = 15 pF,
VEL = 0 V, VEH = 3 V
tEHL
-11
-
ns


同様の部品番号 - 6N137-X006

メーカー部品番号データシート部品情報
logo
Vishay Siliconix
6N137-X006 VISHAY-6N137-X006 Datasheet
664Kb / 12P
   High Speed Optocoupler, 10 Mbd
Rev. 1.0, 07-Jun-05
6N137-X006 VISHAY-6N137-X006 Datasheet
217Kb / 12P
   High Speed Optocoupler, 10 MBd
Rev. 1.3, 06-Oct-08
6N137-X006 VISHAY-6N137-X006 Datasheet
153Kb / 13P
   High Speed Optocoupler, 10 Mbd
Rev. 1.8, 13-Aug-04
6N137-X006 VISHAY-6N137-X006 Datasheet
250Kb / 16P
   High Speed Optocoupler, Single and Dual, 10 MBd
01-Jan-2022
More results

同様の説明 - 6N137-X006

メーカー部品番号データシート部品情報
logo
Vishay Siliconix
VO2601-X017T VISHAY-VO2601-X017T Datasheet
211Kb / 10P
   High Speed Optocoupler, Single and Dual, 10 MBd
Rev. 1.6, 25-Sep-12
VO2611-X007T VISHAY-VO2611-X007T Datasheet
211Kb / 10P
   High Speed Optocoupler, Single and Dual, 10 MBd
Rev. 1.6, 25-Sep-12
VO4661 VISHAY-VO4661_V01 Datasheet
250Kb / 16P
   High Speed Optocoupler, Single and Dual, 10 MBd
01-Jan-2022
SFH6750 VISHAY-SFH6750_V01 Datasheet
183Kb / 11P
   High Speed Optocoupler, Dual, 10 MBd
01-Jan-2022
VO2630 VISHAY-VO2630 Datasheet
664Kb / 12P
   High Speed Optocoupler, 10 Mbd
Rev. 1.0, 07-Jun-05
6N137 VISHAY-6N137 Datasheet
217Kb / 12P
   High Speed Optocoupler, 10 MBd
Rev. 1.3, 06-Oct-08
6N137A VISHAY-6N137A_V01 Datasheet
209Kb / 10P
   High Speed Optocoupler, 10 MBd
01-Jan-2022
SFH6752 VISHAY-SFH6752 Datasheet
153Kb / 13P
   High Speed Optocoupler, 10 Mbd
Rev. 1.8, 13-Aug-04
6N137A VISHAY-6N137A Datasheet
222Kb / 10P
   High Speed Optocoupler, 10 MBd
Rev. 1.2, 22-May-13
SFH6731 VISHAY-SFH6731_04 Datasheet
184Kb / 11P
   High Speed Optocoupler, Dual, 5 MBd
Rev. 1.5, 26-Oct-04
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com