データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

6N137-X007T データシート(PDF) 3 Page - Vishay Siliconix

部品番号 6N137-X007T
部品情報  High Speed Optocoupler, Single and Dual, 10 MBd
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  VISHAY [Vishay Siliconix]
ホームページ  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

6N137-X007T データシート(HTML) 3 Page - Vishay Siliconix

  6N137-X007T Datasheet HTML 1Page - Vishay Siliconix 6N137-X007T Datasheet HTML 2Page - Vishay Siliconix 6N137-X007T Datasheet HTML 3Page - Vishay Siliconix 6N137-X007T Datasheet HTML 4Page - Vishay Siliconix 6N137-X007T Datasheet HTML 5Page - Vishay Siliconix 6N137-X007T Datasheet HTML 6Page - Vishay Siliconix 6N137-X007T Datasheet HTML 7Page - Vishay Siliconix 6N137-X007T Datasheet HTML 8Page - Vishay Siliconix 6N137-X007T Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
6N137, VO2601, VO2611, VO2630, VO2631, VO4661
www.vishay.com
Vishay Semiconductors
Rev. 2.0, 27-Sep-16
3
Document Number: 84732
For technical questions, contact: optocoupleranswers@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Fig. 1 - Total Power Dissipation vs. Ambient Temperature
(single channel)
Fig. 2 - Total Power Dissipation vs. Ambient Temperature
(dual channel)
Fig. 3 - Forward Current vs. Ambient Temperature
(single channel)
Fig. 4 - Forward Current vs. Ambient Temperature
(dual channel)
0
20
40
60
80
100
025
50
75
100
125
T
amb - Ambient Temperature (°C)
Output
Input
0
20
40
60
80
100
025
50
75
100
125
T
amb - Ambient Temperature (°C)
Output
Input
025
50
75
100
125
T
amb - Ambient Temperature (°C)
0
5
10
15
20
25
30
025
50
75
100
125
T
amb - Ambient Temperature (°C)
0
5
10
15
20
25
30
RECOMMENDED OPERATING CONDITIONS
PARAMETER
TEST CONDITION
SYMBOL
MIN.
MAX.
UNIT
Operating temperature
Tamb
-40
100
°C
Supply voltage
VCC
4.5
5.5
V
Input current low level
IFL
0
250
μA
Input current high level
IFH
515
mA
Logic high enable voltage
VEH
2VCC
V
Logic low enable voltage
VEL
00.8
V
Output pull up resistor
RL
330
4K
Ω
Fanout
RL = 1 k
Ω
N-
5
-


同様の部品番号 - 6N137-X007T

メーカー部品番号データシート部品情報
logo
Vishay Siliconix
6N137-X007T VISHAY-6N137-X007T Datasheet
250Kb / 16P
   High Speed Optocoupler, Single and Dual, 10 MBd
01-Jan-2022
More results

同様の説明 - 6N137-X007T

メーカー部品番号データシート部品情報
logo
Vishay Siliconix
VO2601-X017T VISHAY-VO2601-X017T Datasheet
211Kb / 10P
   High Speed Optocoupler, Single and Dual, 10 MBd
Rev. 1.6, 25-Sep-12
VO2611-X007T VISHAY-VO2611-X007T Datasheet
211Kb / 10P
   High Speed Optocoupler, Single and Dual, 10 MBd
Rev. 1.6, 25-Sep-12
VO4661 VISHAY-VO4661_V01 Datasheet
250Kb / 16P
   High Speed Optocoupler, Single and Dual, 10 MBd
01-Jan-2022
SFH6750 VISHAY-SFH6750_V01 Datasheet
183Kb / 11P
   High Speed Optocoupler, Dual, 10 MBd
01-Jan-2022
VO2630 VISHAY-VO2630 Datasheet
664Kb / 12P
   High Speed Optocoupler, 10 Mbd
Rev. 1.0, 07-Jun-05
6N137 VISHAY-6N137 Datasheet
217Kb / 12P
   High Speed Optocoupler, 10 MBd
Rev. 1.3, 06-Oct-08
6N137A VISHAY-6N137A_V01 Datasheet
209Kb / 10P
   High Speed Optocoupler, 10 MBd
01-Jan-2022
SFH6752 VISHAY-SFH6752 Datasheet
153Kb / 13P
   High Speed Optocoupler, 10 Mbd
Rev. 1.8, 13-Aug-04
6N137A VISHAY-6N137A Datasheet
222Kb / 10P
   High Speed Optocoupler, 10 MBd
Rev. 1.2, 22-May-13
SFH6731 VISHAY-SFH6731_04 Datasheet
184Kb / 11P
   High Speed Optocoupler, Dual, 5 MBd
Rev. 1.5, 26-Oct-04
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com