データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

KSB1151 データシート(PDF) 2 Page - Jiangsu Changjiang Electronics Technology Co., Ltd

部品番号 KSB1151
部品情報  TO-126 Plastic-Encapsulate Transistors
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  JIANGSU [Jiangsu Changjiang Electronics Technology Co., Ltd]
ホームページ  http://www.cj-elec.com/en/
Logo JIANGSU - Jiangsu Changjiang Electronics Technology Co., Ltd

KSB1151 データシート(HTML) 2 Page - Jiangsu Changjiang Electronics Technology Co., Ltd

  KSB1151 Datasheet HTML 1Page - Jiangsu Changjiang Electronics Technology Co., Ltd KSB1151 Datasheet HTML 2Page - Jiangsu Changjiang Electronics Technology Co., Ltd KSB1151 Datasheet HTML 3Page - Jiangsu Changjiang Electronics Technology Co., Ltd KSB1151 Datasheet HTML 4Page - Jiangsu Changjiang Electronics Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Parameter
Symbol
Test
conditions
Min
Typ
Max
Unit
Collector-base breakdown voltage
V(BR)CBO
IC=-100µA,IE=0
-60
V
Collector-emitter breakdown voltage
V(BR)CEO
IC=-1mA,IB=0
-60
V
Emitter-base breakdown voltage
V(BR)EBO
IE=-100µA,IC=0
-7
V
Collector cut-off current
ICBO
VCB=-50V,IE=0
-10
μA
Emitter cut-off current
IEBO
VEB=-7V,IC=0
-10
μA
hFE(1)
VCE=-1V, IC=-2A
100
400
hFE(2)
VCE=-1V, IC=-0.1A
60
DC current gain
hFE(3)
VCE=-2V, IC=-5A
50
Collector-emitter saturation voltage
VCE(sat)
IC=-2A,IB=-0.2A
-0.3
V
Base-emitter saturation voltage
VBE(sat)
IC=-2A,IB=-0.2A
-1.2
V
CLASSIFICATION OF hFE(1)
RANK
O
Y
G
RANGE
100-200
160-320
200-400
(/(&75,&$/&+$5$&7(5,67,&6
a
T =25
unless otherwise specified
www.cj-elec.com
2
D,Aug,2017


同様の部品番号 - KSB1151

メーカー部品番号データシート部品情報
logo
Samsung semiconductor
KSB1151 SAMSUNG-KSB1151 Datasheet
160Kb / 5P
   PNP (LOW COLLECTOR SATURATION VOLTAGE LARGE CURRENT)
logo
Fairchild Semiconductor
KSB1151 FAIRCHILD-KSB1151 Datasheet
50Kb / 5P
   Low Collector-Emitter Saturation Voltage Large Collector Current
KSB1151 FAIRCHILD-KSB1151 Datasheet
55Kb / 5P
   Low Collector-Emitter Saturation Voltage
logo
Nanjing International G...
KSB1151 DGNJDZ-KSB1151 Datasheet
1Mb / 4P
   TO-126 Plastic-Encapsulate Transistors
KSB1151-TU DGNJDZ-KSB1151-TU Datasheet
1Mb / 4P
   TO-126 Plastic-Encapsulate Transistors
More results

同様の説明 - KSB1151

メーカー部品番号データシート部品情報
logo
Jiangsu Changjiang Elec...
MJE170 JIANGSU-MJE170 Datasheet
919Kb / 4P
   TO-126 Plastic-Encapsulate Transistors
2SB1167 JIANGSU-2SB1167 Datasheet
1Mb / 4P
   TO-126 Plastic-Encapsulate Transistors
2SC2314 JIANGSU-2SC2314 Datasheet
971Kb / 3P
   TO-126 Plastic-Encapsulate Transistors
BD138 JIANGSU-BD138 Datasheet
1Mb / 4P
   TO-126 Plastic-Encapsulate Transistors
BD233 JIANGSU-BD233 Datasheet
285Kb / 3P
   TO-126 Plastic-Encapsulate Transistors
BD433 JIANGSU-BD433 Datasheet
939Kb / 3P
   TO-126 Plastic-Encapsulate Transistors
2SD669AL JIANGSU-2SD669AL Datasheet
1Mb / 4P
   TO-126 Plastic-Encapsulate Transistors
3DA882 JIANGSU-3DA882 Datasheet
954Kb / 3P
   TO-126 Plastic-Encapsulate Transistors
logo
Nanjing International G...
MJE13003 DGNJDZ-MJE13003 Datasheet
171Kb / 1P
   TO-126 Plastic-Encapsulate Transistors
D882 DGNJDZ-D882 Datasheet
397Kb / 2P
   TO-126 Plastic-Encapsulate Transistors
BD439 DGNJDZ-BD439 Datasheet
2Mb / 5P
   TO-126 Plastic-Encapsulate Transistors
More results


Html Pages

1 2 3 4


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com