データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AD7312L データシート(PDF) 7 Page - List of Unclassifed Manufacturers

部品番号 AD7312L
部品情報  1/4 to 1/11 Duty VFD Controller/Driver & Standby Master/Slave
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ETC [List of Unclassifed Manufacturers]
ホームページ  
Logo ETC - List of Unclassifed Manufacturers

AD7312L データシート(HTML) 7 Page - List of Unclassifed Manufacturers

Back Button AD7312L Datasheet HTML 3Page - List of Unclassifed Manufacturers AD7312L Datasheet HTML 4Page - List of Unclassifed Manufacturers AD7312L Datasheet HTML 5Page - List of Unclassifed Manufacturers AD7312L Datasheet HTML 6Page - List of Unclassifed Manufacturers AD7312L Datasheet HTML 7Page - List of Unclassifed Manufacturers AD7312L Datasheet HTML 8Page - List of Unclassifed Manufacturers AD7312L Datasheet HTML 9Page - List of Unclassifed Manufacturers AD7312L Datasheet HTML 10Page - List of Unclassifed Manufacturers AD7312L Datasheet HTML 11Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
AD7312
1/4 to 1/11 Duty VFD Controller/Driver & Standby Master/Slave (Preliminary)
Anachip Corp.
www.anachip.com.tw
Rev. A2 Dec 29, 2003
7/12
(2)Key Scanning and Display Timing
On cycle of key scanning consists of one frame, and data in a 6× 4 matrix is stored in RAM.
1/16
TDISP
1 frame = TDISP× (n+1)
TDISP 500μs
SEG Output
Grid1
Grid2
Grid3
Gridn
DIG1
DIG2
DIG3
DIGn
Key scan data
DIG1
12 3 4 5 6
Switching characteristic waveforms
fosc
50%
OSC
tTHZ
tTZH
STB
CLK
DIN
DOUT
Sn/Gn
90%
10%
PWCLK
PWCLK
tHOLD
tSETUP
tPLZ
PWSTB
tCLK-STB
tPZL


同様の部品番号 - AD7312L

メーカー部品番号データシート部品情報
logo
Analog Devices
AD7314 AD-AD7314 Datasheet
97Kb / 8P
   Low-Voltage, 10-Bit Digital Temperature Sensor in 8-Lead uSOIC
REV. 0
AD7314 AD-AD7314 Datasheet
164Kb / 8P
   Low Voltage, 10-Bit Digital Temperature Sensor in 8-Lead MSOP
REV. A
AD7314 AD-AD7314 Datasheet
194Kb / 9P
   10-Bit Digital Temperature Sensor
AD7314ARM AD-AD7314ARM Datasheet
97Kb / 8P
   Low-Voltage, 10-Bit Digital Temperature Sensor in 8-Lead uSOIC
REV. 0
AD7314ARM AD-AD7314ARM Datasheet
164Kb / 8P
   Low Voltage, 10-Bit Digital Temperature Sensor in 8-Lead MSOP
REV. A
More results

同様の説明 - AD7312L

メーカー部品番号データシート部品情報
logo
STMicroelectronics
STM86312 STMICROELECTRONICS-STM86312_06 Datasheet
327Kb / 24P
   1/4 to 1/11-duty VFD controller/driver
logo
List of Unclassifed Man...
AD16312 ETC-AD16312 Datasheet
184Kb / 11P
   1/4- TO 1/11-DUTY VFD CONTROLLER/DRIVER
logo
STMicroelectronics
STM86312 STMICROELECTRONICS-STM86312 Datasheet
434Kb / 16P
   1/4 TO 1/11-DUTY VFD CONTROLLER/DRIVER
logo
List of Unclassifed Man...
AD6312 ETC-AD6312 Datasheet
226Kb / 13P
   1/4- to 1/11 Duty VFD Controller/Driver
TP6312 ETC2-TP6312 Datasheet
497Kb / 9P
   1/4 TO 1/11-DUTY VFD CONTROLLER/DRIVER
logo
NEC
UPD16312 NEC-UPD16312 Datasheet
143Kb / 20P
   1/4- to 1/11-DUTY FIPTM VFD CONTROLLER/DRIVER
logo
Silan Microelectronics ...
SC16312 SILAN-SC16312 Datasheet
164Kb / 12P
   1/4 to 1/11 DUTY FIP(VFD) CONTROLLER/DRIVER
logo
Renesas Technology Corp
PD16312 RENESAS-PD16312_15 Datasheet
336Kb / 25P
   1/4- to 1/11-DUTY FIPTM (VFD) CONTROLLER/DRIVER
logo
Holtek Semiconductor In...
HT16512 HOLTEK-HT16512 Datasheet
128Kb / 12P
   1/4 to 1/11 Duty VFD Controller
HT16512 HOLTEK-HT16512_05 Datasheet
195Kb / 10P
   1/4 to 1/11 Duty VFD Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com