データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

GS8672D38BGE-400I データシート(PDF) 9 Page - GSI Technology

部品番号 GS8672D38BGE-400I
部品情報  JEDEC-standard package
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  GSI [GSI Technology]
ホームページ  http://www.gsitechnology.com
Logo GSI - GSI Technology

GS8672D38BGE-400I データシート(HTML) 9 Page - GSI Technology

Back Button GS8672D38BGE-400I Datasheet HTML 5Page - GSI Technology GS8672D38BGE-400I Datasheet HTML 6Page - GSI Technology GS8672D38BGE-400I Datasheet HTML 7Page - GSI Technology GS8672D38BGE-400I Datasheet HTML 8Page - GSI Technology GS8672D38BGE-400I Datasheet HTML 9Page - GSI Technology GS8672D38BGE-400I Datasheet HTML 10Page - GSI Technology GS8672D38BGE-400I Datasheet HTML 11Page - GSI Technology GS8672D38BGE-400I Datasheet HTML 12Page - GSI Technology GS8672D38BGE-400I Datasheet HTML 13Page - GSI Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 30 page
background image
Separate I/O SigmaQuad II+ B4 ECCRAM Truth Table
Previous
Operation
A
R
W
Current
Operation
D
D
D
D
Q
Q
Q
Q
K
(tn-1)
K
(tn)
K
(tn)
K
(tn)
K
(tn)
K
(tn+1)
K
(tn+1½)
K
(tn+2)
K
(tn+2½)
K
(tn+2½)
K
(tn+3)
K
(tn+3½)
K
(tn+4)
Deselect
X
1
1
Deselect
X
X
Hi-Z/0
Hi-Z/0
Write
X
1
X
Deselect
D2
D3
Hi-Z/0
Hi-Z/0
Read
X
X
1
Deselect
X
X
Q2
Q3
Deselect
V
1
0
Write
D0
D1
D2
D3
Hi-Z/0
Hi-Z/0
Deselect
V
0
X
Read
X
X
Q0
Q1
Q2
Q3
Read
V
X
0
Write
D0
D1
D2
D3
Q2
Q3
Write
V
0
X
Read
D2
D3
Q0
Q1
Q2
Q3
Notes:
1. “1” = input “high”; “0” = input “low”; “V” = input “valid”; “X” = input “don’t care”
2. “—” indicates that the input requirement or output state is determined by the next operation.
3. Q0, Q1, Q2, and Q3 indicate the first, second, third, and fourth pieces of output data transferred during Read operations.
4. D0, D1, D2, and D3 indicate the first, second, third, and fourth pieces of input data transferred during Write operations.
5. Users should not clock in metastable addresses.
6. When On-Die Termination is disabled (ODT = 0), Q drivers are disabled (i.e., Q pins are tri-stated) for one cycle in response to NOP and
Write commands, 2.5 cycles after the command is sampled, except when preceded by a Read command.
7. When On-Die Termination is enabled (ODT = 1), Q drivers are enabled Low (i.e., Q pins are driven Low) for one cycle in response to NOP
and Write commands, 2.5 cycles after the command is sampled, except when preceded by a Read command. This is done so that the ASIC/
Controller can enable On-Die Termination on its data inputs without having to cope with the termination pulling tri-stated data inputs to VDDQ/
2 (i.e., to the switch point of the data input receivers).
GS8672D20/38BE-633/550/500/450/400
Specifications cited are subject to change without notice. For latest documentation see http://www.gsitechnology.com.
Rev: 1.03c 8/2017
9/30
© 2011, GSI Technology


同様の部品番号 - GS8672D38BGE-400I

メーカー部品番号データシート部品情報
logo
GSI Technology
GS8672D38BGE-400 GSI-GS8672D38BGE-400 Datasheet
483Kb / 30P
   72Mb SigmaQuad-IITM72Mb SigmaQuad-IITM
More results

同様の説明 - GS8672D38BGE-400I

メーカー部品番号データシート部品情報
logo
GSI Technology
GS8672D20BE-633 GSI-GS8672D20BE-633 Datasheet
483Kb / 30P
   JEDEC-standard package
GS8672D20BGE-450 GSI-GS8672D20BGE-450 Datasheet
483Kb / 30P
   JEDEC-standard package
GS8672Q20BGE-500I GSI-GS8672Q20BGE-500I Datasheet
457Kb / 28P
   JEDEC-standard package
GS8672D20BE-633I GSI-GS8672D20BE-633I Datasheet
483Kb / 30P
   JEDEC-standard package
GS8672D38BGE-500I GSI-GS8672D38BGE-500I Datasheet
483Kb / 30P
   JEDEC-standard package
GS8342DT20BGD-400I GSI-GS8342DT20BGD-400I Datasheet
524Kb / 30P
   JEDEC-standard pinout and package
GS8662D38BGD-350I GSI-GS8662D38BGD-350I Datasheet
556Kb / 33P
   JEDEC-standard pinout and package
GS8662Q07BD-333 GSI-GS8662Q07BD-333 Datasheet
502Kb / 28P
   JEDEC-standard pinout and package
GS8662Q37BGD-333 GSI-GS8662Q37BGD-333 Datasheet
502Kb / 28P
   JEDEC-standard pinout and package
GS8342DT10BD-300 GSI-GS8342DT10BD-300 Datasheet
507Kb / 29P
   JEDEC-standard pinout and package
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com