データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

PZTA94 データシート(PDF) 4 Page - Jiangsu Changjiang Electronics Technology Co., Ltd

部品番号 PZTA94
部品情報  SOT-223 Plastic-Encapsulate Transistors
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  JIANGSU [Jiangsu Changjiang Electronics Technology Co., Ltd]
ホームページ  http://www.cj-elec.com/en/
Logo JIANGSU - Jiangsu Changjiang Electronics Technology Co., Ltd

PZTA94 データシート(HTML) 4 Page - Jiangsu Changjiang Electronics Technology Co., Ltd

  PZTA94 Datasheet HTML 1Page - Jiangsu Changjiang Electronics Technology Co., Ltd PZTA94 Datasheet HTML 2Page - Jiangsu Changjiang Electronics Technology Co., Ltd PZTA94 Datasheet HTML 3Page - Jiangsu Changjiang Electronics Technology Co., Ltd PZTA94 Datasheet HTML 4Page - Jiangsu Changjiang Electronics Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Trailer Tape
Leader Tape
51±1 Empty Pockets
51±1 Empty Pockets
Components
SOT-223 Embossed Carrier Tape
SOT-223 Tape Leader and Trailer
SOT-223 Reel
Pkg type
SOT-223
Dimensions are in millimeter
A
B
C
d
E
F
P0
P
P1
W
6.765
7.335
1.88
Ø1.50
1.75
5.50
4.00
8.00
2.00
12.00
Packaging Description:
SOT-223 parts are shipped in tape. The carrier
tape is made from a dissipative (carbon filled)
polycarbonate resin. The cover tape is a multilayer
film (Heat Activated Adhesive in nature) primarily
composed of polyester film, adhesive layer, sealant,
and anti-static sprayed agent. These reeled parts in
standard option are shipped with 2,500 units per 13"
or 33.0cm diameter reel. The reels are clear in color
and is made of polystyrene plastic (anti-static
coated).
P
P0
P1
A
A
A
A
A-A
C
A
REEL
Reel Size
Box
Box Size(mm)
Carton
Carton Size(mm)
G.W.(kg)
2,500 pcs
13 inch
2,500 pcs
336×336×48
20,000 pcs
445×355×365
D
W1
W2
Reel Option
13''Dia
Dimensions are in millimeter
D
D1
D2
G
H
I
W1
W2
Ø330.00
100.00
13.00
R151.00
R56.00
R6.50
12.40
17.60
I
SOT-223 Tape and Reel
www.cj-elec.com
4
E,Jan,2017


同様の部品番号 - PZTA94

メーカー部品番号データシート部品情報
logo
Weitron Technology
PZTA94 WEITRON-PZTA94 Datasheet
185Kb / 4P
   High-Voltage PNP Transistor Surface Mount
logo
SeCoS Halbleitertechnol...
PZTA94 SECOS-PZTA94 Datasheet
973Kb / 2P
   Epitaxial Planar Transistor
logo
Unisonic Technologies
PZTA94 UTC-PZTA94 Datasheet
111Kb / 3P
   HIGH VOLTAGE TRANSISTOR
logo
GUANGDONG HOTTECH INDUS...
PZTA94 HOTTECH-PZTA94 Datasheet
193Kb / 2P
   Plastic-Encapsulate Transistors
logo
Micro Commercial Compon...
PZTA94 MCC-PZTA94 Datasheet
518Kb / 2P
   PNP Plastic-Encapsulate Transistors
More results

同様の説明 - PZTA94

メーカー部品番号データシート部品情報
logo
Jiangsu Changjiang Elec...
PZT2907A JIANGSU-PZT2907A Datasheet
1Mb / 4P
   SOT-223 Plastic-Encapsulate Transistors
logo
Nanjing International G...
PZT3906 DGNJDZ-PZT3906 Datasheet
1Mb / 4P
   SOT-223 Plastic-Encapsulate Transistors
PZT4403 DGNJDZ-PZT4403 Datasheet
1Mb / 4P
   SOT-223 Plastic-Encapsulate Transistors
PZTA56 DGNJDZ-PZTA56 Datasheet
1Mb / 4P
   SOT-223 Plastic-Encapsulate Transistors
BCP54 DGNJDZ-BCP54 Datasheet
1Mb / 4P
   SOT-223 Plastic-Encapsulate Transistors
CZT5551 DGNJDZ-CZT5551 Datasheet
1Mb / 4P
   SOT-223 Plastic-Encapsulate Transistors
logo
Jiangsu Changjiang Elec...
BCP69 JIANGSU-BCP69 Datasheet
1,017Kb / 3P
   SOT-223 Plastic-Encapsulate Transistors
logo
Nanjing International G...
CZT32C DGNJDZ-CZT32C Datasheet
1Mb / 4P
   SOT-223 Plastic-Encapsulate Transistors
BCP56 DGNJDZ-BCP56 Datasheet
1Mb / 4P
   SOT-223 Plastic-Encapsulate Transistors
PZTA06 DGNJDZ-PZTA06 Datasheet
1Mb / 4P
   SOT-223 Plastic-Encapsulate Transistors
More results


Html Pages

1 2 3 4


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com