データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SMZJ3792A データシート(PDF) 1 Page - Vishay Siliconix

部品番号 SMZJ3792A
部品情報  Surface Mount Zener Diodes
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  VISHAY [Vishay Siliconix]
ホームページ  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SMZJ3792A データシート(HTML) 1 Page - Vishay Siliconix

  SMZJ3792A Datasheet HTML 1Page - Vishay Siliconix SMZJ3792A Datasheet HTML 2Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SMZJ3788 thru SMZJ3809B
Vishay Semiconductors
formerly General Semiconductor
Document Number 88402
www.vishay.com
01-Aug-02
1
Surface Mount Zener Diodes
Zener Voltage 9.1 to 68V
Steady State Power 1.5W
Maximum Electrical Characteristics Operating Junction and Storage Temperature Range: TJ, TSTG: –55°C to +150°C
Device
Nominal Zener
Test
Max. Zener Impedance
Max. Reverse
Max. Zener
Part Number
Marking
Voltage
Current
Leakage Current
Current
Current
Code
VZ at IZT
IZT
ZZT at IZT
ZZK at IZK
IR at VR
IZM
(V)
(mA)
(
Ω)(Ω)
(mA)
(
µA)
(V)
(mA)
SMZJ3788A,B
VK,L
9.1
41.2
4.0
1000
0.50
50
7.0
140
SMZJ3789A,B
WA,B
10
37.5
5.0
1000
0.25
50
7.6
125
SMZJ3790A,B
WC,D
11
34.1
6.0
650
0.25
10
8.4
115
SMZJ3791A,B
WE,F
12
31.2
7.0
550
0.25
5.0
9.1
105
SMZJ3792A,B
WG,H
13
28.8
7.5
550
0.25
5.0
9.9
98
SMZJ3793A,B
WI,J
15
25.0
9.0
600
0.25
5.0
11.4
85
SMZJ3794A,B
WK,L
16
23.4
10.0
600
0.25
5.0
12.2
80
SMZJ3795A,B
XA,B
18
20.8
12.0
650
0.25
5.0
13.7
70
SMZJ3796A,B
XC,D
20
18.7
14.0
650
0.25
5.0
15.2
62
SMZJ3797A,B
XE,F
22
17.0
17.5
650
0.25
5.0
16.7
56
SMZJ3798A,B
XG,H
24
15.6
19.0
700
0.25
5.0
18.2
51
SMZJ3799A,B
XI,J
27
13.9
23.0
700
0.25
5.0
20.6
46
Notes: (1) Standard voltage tolerance is ±20%, suffix “A” denotes ±10% and suffix “B” denotes ±5%
(2) Maximum steady state power dissipation is 1.5W at TL = 75°C (See Fig. 1)
0.180 (4.57)
0.160 (4.06)
0.012 (0.305)
0.006 (0.152)
0.008
(0.203)
Max.
0.220 (5.59)
0.205 (5.21)
0.060 (1.52)
0.030 (0.76)
0.155 (3.94)
0.130 (3.30)
0.086 (2.20)
0.077 (1.95)
0.096 (2.44)
0.084 (2.13)
Cathode Band
Dimensions in inches
and (millimeters)
DO-214AA (SMBJ-Bend)
Features
• Plastic package has Underwriters Laboratory
Flammability Classificaion 94V-0
• For surface mounted applications
• Glass passivated chip junction
• Low Zener impedance
• Low regulation factor
• High temperature soldering guaranteed:
250°C/10 seconds at terminals
• Contact local sales office for gull-wing
(SMZG prefix) lead form (DO-215AA)
Mechanical Data
Case: JEDEC DO-214AA molded plastic over glass
passivated junction
Terminals: Solder plated, solderable per MIL-STD-750,
Method 2026
Polarity: Band denotes cathode
Mounting Position: Any
Weight: 0.003 oz., 0.093 g
Packaging Codes – Options (Antistatic):
51 – 2K per Bulk box, 20K/carton
52 – 750 per 7" plastic Reel (12mm tape), 15K/carton
5B – 3.2K per 13" plastic Reel (12mm tape), 32K/carton
0.106 MAX
(2.69 MAX)
0.050 MIN
(1.27 MIN)
0.220 REF
0.083 MIN
(2.10 MIN)
Mounting Pad Layout
Extended
Voltage
Range


同様の部品番号 - SMZJ3792A

メーカー部品番号データシート部品情報
logo
General Semiconductor
SMZJ3792A GE-SMZJ3792A Datasheet
47Kb / 2P
   SURFACE MOUNT ZENER DIODE
logo
Vishay Siliconix
SMZJ3792A VISHAY-SMZJ3792A Datasheet
104Kb / 4P
   Surface Mount Power Voltage-Regulating Diodes
Revision: 22-Oct-08
logo
Guangdong Juxing Electr...
SMZJ3792A JUXING-SMZJ3792A Datasheet
595Kb / 2P
   Surface Mount Zener Diodes
More results

同様の説明 - SMZJ3792A

メーカー部品番号データシート部品情報
logo
Comchip Technology
CZRW5221 COMCHIP-CZRW5221 Datasheet
77Kb / 4P
   Surface Mount Zener Diodes
CZRL47 COMCHIP-CZRL47 Datasheet
62Kb / 3P
   Surface Mount Zener Diodes
CZRB5926 COMCHIP-CZRB5926 Datasheet
73Kb / 3P
   Surface Mount Zener Diodes
logo
Formosa MS
MM3Z FORMOSA-MM3Z Datasheet
543Kb / 5P
   Surface Mount Zener Diodes
logo
Pan Jit International I...
BZM55-C2V4 PANJIT-BZM55-C2V4 Datasheet
75Kb / 3P
   SURFACE MOUNT ZENER DIODES
GLZ2.0 PANJIT-GLZ2.0 Datasheet
111Kb / 4P
   SURFACE MOUNT ZENER DIODES
GLZJ2.0 PANJIT-GLZJ2.0 Datasheet
151Kb / 5P
   SURFACE MOUNT ZENER DIODES
GMZJ2.0 PANJIT-GMZJ2.0 Datasheet
159Kb / 5P
   SURFACE MOUNT ZENER DIODES
logo
Weitron Technology
BZT52C2V4 WEITRON-BZT52C2V4 Datasheet
106Kb / 3P
   Surface Mount Zener Diodes
ZS4728A WEITRON-ZS4728A Datasheet
337Kb / 3P
   Surface Mount Zener Diodes
ZMM55C WEITRON-ZMM55C Datasheet
332Kb / 4P
   Surface Mount Zener Diodes
More results


Html Pages

1 2


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com