データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

GS81302DT20AGD-633 データシート(PDF) 4 Page - GSI Technology

部品番号 GS81302DT20AGD-633
部品情報  Dual Double Data Rate interface
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  GSI [GSI Technology]
ホームページ  http://www.gsitechnology.com
Logo GSI - GSI Technology

GS81302DT20AGD-633 データシート(HTML) 4 Page - GSI Technology

  GS81302DT20AGD-633 Datasheet HTML 1Page - GSI Technology GS81302DT20AGD-633 Datasheet HTML 2Page - GSI Technology GS81302DT20AGD-633 Datasheet HTML 3Page - GSI Technology GS81302DT20AGD-633 Datasheet HTML 4Page - GSI Technology GS81302DT20AGD-633 Datasheet HTML 5Page - GSI Technology GS81302DT20AGD-633 Datasheet HTML 6Page - GSI Technology GS81302DT20AGD-633 Datasheet HTML 7Page - GSI Technology GS81302DT20AGD-633 Datasheet HTML 8Page - GSI Technology GS81302DT20AGD-633 Datasheet HTML 9Page - GSI Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 26 page
background image
Pin Description Table
Symbol
Description
Type
Comments
SA
Synchronous Address Inputs
Input
R
Synchronous Read
Input
Active Low
W
Synchronous Write
Input
Active Low
BW0–BW3
Synchronous Byte Writes
Input
Active Low
K
Input Clock
Input
Active High
K
Input Clock
Input
Active Low
TMS
Test Mode Select
Input
TDI
Test Data Input
Input
TCK
Test Clock Input
Input
TDO
Test Data Output
Output
VREF
HSTL Input Reference Voltage
Input
ZQ
Output Impedance Matching Input
Input
Qn
Synchronous Data Outputs
Output
Dn
Synchronous Data Inputs
Input
Doff
Disable PLL when low
Input
Active Low
CQ
Output Echo Clock
Output
CQ
Output Echo Clock
Output
VDD
Power Supply
Supply
1.8 V Nominal
VDDQ
Isolated Output Buffer Supply
Supply
1.5 V or 1.8 V Nominal
VSS
Power Supply: Ground
Supply
QVLD
Q Valid Output
Output
ODT
On-Die Termination
Input
Low = Low Impedance Range
High/Float = High Impedance Range
NC
No Connect
Notes:
1. NC = Not Connected to die or any other pin
2. When ZQ pin is directly connected to VDDQ, output impedance is set to minimum value and it cannot be connected to ground or left
unconnected.
3. K and K cannot be set to VREF voltage.
Specifications cited are subject to change without notice. For latest documentation see http://www.gsitechnology.com.
Rev: 1.00a 5/2017
4/26
© 2017, GSI Technology
GS81302DT20/38AGD-633/550/500/450
Preliminary


同様の部品番号 - GS81302DT20AGD-633

メーカー部品番号データシート部品情報
logo
GSI Technology
GS81302DT20AGD-633I GSI-GS81302DT20AGD-633I Datasheet
452Kb / 26P
   Dual Double Data Rate interface
More results

同様の説明 - GS81302DT20AGD-633

メーカー部品番号データシート部品情報
logo
GSI Technology
GS81302Q07GE-318I GSI-GS81302Q07GE-318I Datasheet
487Kb / 28P
   Dual Double Data Rate interface
GS8662DT20BD-500 GSI-GS8662DT20BD-500 Datasheet
556Kb / 33P
   Dual Double Data Rate interface
GS8662D38BGD-350 GSI-GS8662D38BGD-350 Datasheet
556Kb / 33P
   Dual Double Data Rate interface
GS81302D38AGD-500I GSI-GS81302D38AGD-500I Datasheet
446Kb / 26P
   Dual Double Data Rate interface
GS8342DT06BD-550I GSI-GS8342DT06BD-550I Datasheet
524Kb / 30P
   Dual Double Data Rate interface
GS8342DT20BGD-550 GSI-GS8342DT20BGD-550 Datasheet
524Kb / 30P
   Dual Double Data Rate interface
GS8672D19BGE-333 GSI-GS8672D19BGE-333 Datasheet
483Kb / 28P
   Dual Double Data Rate interface
GS81302DT06E-350I GSI-GS81302DT06E-350I Datasheet
515Kb / 31P
   Dual Double Data Rate interface
GS81302DT19E-450 GSI-GS81302DT19E-450 Datasheet
513Kb / 30P
   Dual Double Data Rate interface
GS8662D06BD-350 GSI-GS8662D06BD-350 Datasheet
556Kb / 33P
   Dual Double Data Rate interface
GS81302D06GE-450I GSI-GS81302D06GE-450I Datasheet
515Kb / 31P
   Dual Double Data Rate interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com