データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MPXV5010GP データシート(PDF) 62 Page - Motorola, Inc

部品番号 MPXV5010GP
部品情報  Sensor
Download  670 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MOTOROLA [Motorola, Inc]
ホームページ  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MPXV5010GP データシート(HTML) 62 Page - Motorola, Inc

Back Button MPXV5010GP Datasheet HTML 58Page - Motorola, Inc MPXV5010GP Datasheet HTML 59Page - Motorola, Inc MPXV5010GP Datasheet HTML 60Page - Motorola, Inc MPXV5010GP Datasheet HTML 61Page - Motorola, Inc MPXV5010GP Datasheet HTML 62Page - Motorola, Inc MPXV5010GP Datasheet HTML 63Page - Motorola, Inc MPXV5010GP Datasheet HTML 64Page - Motorola, Inc MPXV5010GP Datasheet HTML 65Page - Motorola, Inc MPXV5010GP Datasheet HTML 66Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 670 page
background image
MMA1250D
2–26
Motorola Sensor Device Data
www.motorola.com/semiconductors
OPERATING CHARACTERISTICS
(Unless otherwise noted: –40
°C v TA v +105°C, 4.75 v VDD v 5.25, Acceleration = 0g, Loaded output(1))
Characteristic
Symbol
Min
Typ
Max
Unit
Operating Range(2)
Supply Voltage(3)
Supply Current
Operating Temperature Range
Acceleration Range
VDD
IDD
TA
gFS
4.75
1.1
*40
5.00
2.1
5
5.25
3.0
+105
V
mA
°C
g
Output Signal
Zero g (TA = 25°C, VDD = 5.0 V)(4)
Zero g (VDD = 5.0 V)
Sensitivity (TA = 25°C, VDD = 5.0 V)(5)
Sensitivity (VDD = 5.0 V)
Bandwidth Response
Nonlinearity
VOFF
VOFF
S
S
f –3dB
NLOUT
2.25
2.0
380
370
42.5
*1.0
2.5
2.5
400
400
50
2.75
3.0
420
430.1
57.5
+1.0
V
V
mV/g
mV/g
Hz
% FSO
Noise
RMS (0.1 Hz – 1.0 kHz)
Spectral Density (RMS, 0.1 Hz – 1.0 kHz)(6)
nRMS
nSD
2.0
700
4.0
mVrms
µg/√Hz
Self–Test
Output Response (VDD = 5.0 V)
Input Low
Input High
Input Loading(7)
Response Time(8)
DVST
VIL
VIH
IIN
tST
1.0
VSS
0.7 VDD
*50
1.25
*125
10
1.5
0.3 VDD
VDD
*300
25
V
V
V
µA
ms
Status(12)(13)
Output Low (Iload = 100 µA)
Output High (Iload = –100 µA)
VOL
VOH
VDD *0.8
0.4
V
V
Output Stage Performance
Electrical Saturation Recovery Time(9)
Full Scale Output Range (IOUT = –200 µA)
Capacitive Load Drive(10)
Output Impedance
tDELAY
VFSO
CL
ZO
VSS+0.25
50
2.0
VDD*0.25
100
ms
V
pF
Mechanical Characteristics
Transverse Sensitivity(11)
VXZ,YZ
5.0
% FSO
NOTES:
1. For a loaded output the measurements are observed after an RC filter consisting of a 1 k
Ω resistor and a 0.1 µF capacitor to ground.
2. These limits define the range of operation for which the part will meet specification.
3. Within the supply range of 4.75 and 5.25 volts, the device operates as a fully calibrated linear accelerometer. Beyond these supply limits
the device may operate as a linear device but is not guaranteed to be in calibration.
4. The device can measure both + and
* acceleration. With no input acceleration the output is at midsupply. For positive acceleration the output
will increase above VDD/2 and for negative acceleration the output will decrease below VDD/2.
5. Sensitivity limits apply to 0 Hz acceleration.
6. At clock frequency
^ 35 kHz.
7. The digital input pin has an internal pull–down current source to prevent inadvertent self test initiation due to external board level leakages.
8. Time for the output to reach 90% of its final value after a self–test is initiated.
9. Time for amplifiers to recover after an acceleration signal causing them to saturate.
10. Preserves phase margin (60
°) to guarantee output amplifier stability.
11. A measure of the device’s ability to reject an acceleration applied 90
° from the true axis of sensitivity.
12. The Status pin output is not valid following power–up until at least one rising edge has been applied to the self–test pin. The Status pin is
high whenever the self–test input is high.
13. The Status pin output latches high if the EPROM parity changes to odd. The Status pin can be reset by a rising edge on self–test, unless
a fault condition continues to exist.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com


同様の部品番号 - MPXV5010GP

メーカー部品番号データシート部品情報
logo
Freescale Semiconductor...
MPXV5010GP FREESCALE-MPXV5010GP Datasheet
443Kb / 18P
   Integrated Silicon Pressure Sensor On-Chip Signal Conditioned, Temperature Compensated and Calibrated
MPXV5010GP FREESCALE-MPXV5010GP Datasheet
462Kb / 23P
   Integrated Silicon Pressure Sensor On-Chip Signal Conditioned, Temperature Compensated and Calibrated
logo
NXP Semiconductors
MPXV5010GP NXP-MPXV5010GP Datasheet
561Kb / 24P
   Integrated Silicon Pressure Sensor On-Chip Signal Conditioned, Temperature Compensated and Calibrated
Rev 13, 10/2012
More results

同様の説明 - MPXV5010GP

メーカー部品番号データシート部品情報
logo
Epson Company
TSU EPSON-TSU Datasheet
448Kb / 2P
   SENSOR QUARTZ PRESSURE SENSOR
logo
Epson ToYoCom
TSU-20G EPSONTOYOCOM-TSU-20G Datasheet
448Kb / 2P
   SENSOR QUARTZ PRESSURE SENSOR
logo
Roithner LaserTechnik G...
QL85H6S-ABC ROITHNER-QL85H6S-ABC Datasheet
242Kb / 5P
   sensor
logo
HOPE Microelectronics C...
TH10 HOPE-TH10 Datasheet
651Kb / 15P
   SENSOR
logo
Murata Manufacturing Co...
IML-0688 MURATA-IML-0688 Datasheet
185Kb / 2P
   Sensor
PKGS-45TAV-R MURATA-PKGS-45TAV-R_17 Datasheet
205Kb / 3P
   Sensor
IML-0638 MURATA-IML-0638_17 Datasheet
185Kb / 2P
   Sensor
IML-0650 MURATA-IML-0650_17 Datasheet
181Kb / 2P
   Sensor
IRA-S410ST03 MURATA-IRA-S410ST03_17 Datasheet
219Kb / 3P
   Sensor
PKGS-00LDP1-R MURATA-PKGS-00LDP1-R_17 Datasheet
201Kb / 3P
   Sensor
logo
Roithner LaserTechnik G...
QL78I6S ROITHNER-QL78I6S Datasheet
369Kb / 3P
   sensor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com