データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

GS82582D37GE-333I データシート(PDF) 7 Page - GSI Technology

部品番号 GS82582D37GE-333I
部品情報  JEDEC-standard pinout and package
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  GSI [GSI Technology]
ホームページ  http://www.gsitechnology.com
Logo GSI - GSI Technology

GS82582D37GE-333I データシート(HTML) 7 Page - GSI Technology

Back Button GS82582D37GE-333I Datasheet HTML 3Page - GSI Technology GS82582D37GE-333I Datasheet HTML 4Page - GSI Technology GS82582D37GE-333I Datasheet HTML 5Page - GSI Technology GS82582D37GE-333I Datasheet HTML 6Page - GSI Technology GS82582D37GE-333I Datasheet HTML 7Page - GSI Technology GS82582D37GE-333I Datasheet HTML 8Page - GSI Technology GS82582D37GE-333I Datasheet HTML 9Page - GSI Technology GS82582D37GE-333I Datasheet HTML 10Page - GSI Technology GS82582D37GE-333I Datasheet HTML 11Page - GSI Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 26 page
background image
Separate I/O SigmaQuad II+ B4 SRAM Truth Table
Previous
Operation
A
R
W
Current
Operation
D
D
D
D
Q
Q
Q
Q
K
(tn-1)
K
(tn)
K
(tn)
K
(tn)
K
(tn)
K
(tn+1)
K
(tn+1½)
K
(tn+2)
K
(tn+2½)
K
(tn+2)
K
(tn+2½)
K
(tn+3)
K
(tn+3½)
Deselect
X
1
1
Deselect
X
X
Hi-Z
Hi-Z
Write
X
1
X
Deselect
D2
D3
Hi-Z
Hi-Z
Read
X
X
1
Deselect
X
X
Q2
Q3
Deselect
V
1
0
Write
D0
D1
D2
D3
Hi-Z
Hi-Z
Deselect
V
0
X
Read
X
X
Q0
Q1
Q2
Q3
Read
V
X
0
Write
D0
D1
D2
D3
Q2
Q3
Write
V
0
X
Read
D2
D3
Q0
Q1
Q2
Q3
Notes:
1. “1” = input “high”; “0” = input “low”; “V” = input “valid”; “X” = input “don’t care”
2. “—” indicates that the input requirement or output state is determined by the next operation.
3. Q0, Q1, Q2, and Q3 indicate the first, second, third, and fourth pieces of output data transferred during Read operations.
4. D0, D1, D2, and D3 indicate the first, second, third, and fourth pieces of input data transferred during Write operations.
5. Users should not clock in metastable addresses.
GS82582D19/37GE-450/400/375/333
Specifications cited are subject to change without notice. For latest documentation see http://www.gsitechnology.com.
Rev: 1.04 4/2016
7/26
© 2012, GSI Technology


同様の部品番号 - GS82582D37GE-333I

メーカー部品番号データシート部品情報
logo
GSI Technology
GS82582D37GE-333 GSI-GS82582D37GE-333 Datasheet
443Kb / 26P
   288Mb SigmaQuad-IITM Burst of 4 SRAM
More results

同様の説明 - GS82582D37GE-333I

メーカー部品番号データシート部品情報
logo
GSI Technology
GS8342DT38BD-550 GSI-GS8342DT38BD-550 Datasheet
524Kb / 30P
   JEDEC-standard pinout and package
GS8342QT37BD-300I GSI-GS8342QT37BD-300I Datasheet
503Kb / 29P
   JEDEC-standard pinout and package
GS8662Q37BD-333I GSI-GS8662Q37BD-333I Datasheet
502Kb / 28P
   JEDEC-standard pinout and package
GS8662QT19BGD-357 GSI-GS8662QT19BGD-357 Datasheet
501Kb / 28P
   JEDEC-standard pinout and package
GS81302DT10GE-350 GSI-GS81302DT10GE-350 Datasheet
513Kb / 30P
   JEDEC-standard pinout and package
GS82582D37GE-400I GSI-GS82582D37GE-400I Datasheet
443Kb / 26P
   JEDEC-standard pinout and package
GS81302DT10E-350I GSI-GS81302DT10E-350I Datasheet
513Kb / 30P
   JEDEC-standard pinout and package
GS81302DT37AGD-450 GSI-GS81302DT37AGD-450 Datasheet
436Kb / 25P
   JEDEC-standard pinout and package
GS81302Q10GE-250I GSI-GS81302Q10GE-250I Datasheet
487Kb / 28P
   JEDEC-standard pinout and package
GS82582Q37GE-333I GSI-GS82582Q37GE-333I Datasheet
436Kb / 25P
   JEDEC-standard pinout and package
GS8182D19BGD-333I GSI-GS8182D19BGD-333I Datasheet
554Kb / 27P
   JEDEC-standard pinout and package
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com