データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TSC2300 データシート(PDF) 4 Page - Texas Instruments

部品番号 TSC2300
部品情報  PROGRAMMABLE TOUCH SCREEN CONTROLLER WITH AUDIO CODEC
Download  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI - Texas Instruments

TSC2300 データシート(HTML) 4 Page - Texas Instruments

  TSC2300 Datasheet HTML 1Page - Texas Instruments TSC2300 Datasheet HTML 2Page - Texas Instruments TSC2300 Datasheet HTML 3Page - Texas Instruments TSC2300 Datasheet HTML 4Page - Texas Instruments TSC2300 Datasheet HTML 5Page - Texas Instruments TSC2300 Datasheet HTML 6Page - Texas Instruments TSC2300 Datasheet HTML 7Page - Texas Instruments TSC2300 Datasheet HTML 8Page - Texas Instruments TSC2300 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 81 page
background image
www.ti.com
TSC2300
SLAS372 — NOVEMBER 2002
ELECTRICAL CHARACTERISTICS
At 25
°C, HPV
DD = AVDD = DVDD = +3.3 V, VREF = External 2.5 V, unless otherwise noted.
TSC2300
PARAMETER
CONDITIONS
UNITS
MIN
TYP
MAX
AUXILARY ANALOG INPUTS
Input voltage range
0
+VREFIN
V
Input capacitance
25
ρF
Input leakage current
1
µA
BATTERY MONITOR INPUT
Input voltage range
0.5
6.0
V
Input capacitance
25
ρF
Input leakage current
±1
µA
TEMPERATURE MEASUREMENT
Temperature range
-40
+85
°C
Temperature resolution
0.3
°C
Accuracy
±2
°C
TOUCH SCREEN A/D CONVERTER
Resolution
Programmable: 8-, 10-,12-Bits
12
Bits
No missing codes
12-bit resolution
10
Bits
Integral linearity
±6
LSB
Offset error
±6
LSB
Gain error
±6
LSB
µV
Noise
<300
RMS
AUDIO CODEC
Sampling frequency
48
kHz
AUDIO I/O
0.15*
Audio in
Line, Mic inputs
0.65* AVDD
V
AVDD
0.15*
Audio out
Line outputs
0.65* AVDD
V
AVDD
ADC performance measured using
AUDIO ADC
Fs=48 KHz
Signal-to-noise ratio, A-weighted
1 kHz input
80
88
dB
Total harmonic distortion
1 kHz, -0.5 dB input
-70
-60
dB
0.18*
Full-scale input voltage
Vrms
AVDD
Transition band
0.45Fs
0.55Fs
Hz
Stop band
0.55Fs
127Fs
Hz
Stop band rejection
70dB
DAC performance measured at Line
AUDIO DAC
Outputs using Fs=48 KHz
0.18*
Full-scale output voltage
Vrms
AVDD
Signal-to-noise ratio, A-weighted
1 kHz input
98
dB
Total harmonic distortion
1 kHz, 0 dB input
-100
dB
Frequency response
20
0.45Fs
Hz
Transition band
0.45Fs
0.55Fs
Hz
Stop band
0.55Fs
3.5Fs
Hz
Stop band rejection
65
dB
4


同様の部品番号 - TSC2300

メーカー部品番号データシート部品情報
logo
Texas Instruments
TSC2301 TI-TSC2301 Datasheet
1Mb / 92P
[Old version datasheet]   PROGRAMMABLE TOUCH SCREEN CONTROLLER WITH STEREO AUDIO CODEC
TSC2301 TI1-TSC2301 Datasheet
1Mb / 94P
[Old version datasheet]   PROGRAMMABLE TOUCH SCREEN CONTROLLER
TSC2301IGQZ TI-TSC2301IGQZ Datasheet
1Mb / 92P
[Old version datasheet]   PROGRAMMABLE TOUCH SCREEN CONTROLLER WITH STEREO AUDIO CODEC
TSC2301IGQZR TI-TSC2301IGQZR Datasheet
1Mb / 92P
[Old version datasheet]   PROGRAMMABLE TOUCH SCREEN CONTROLLER WITH STEREO AUDIO CODEC
TSC2301IPAG TI-TSC2301IPAG Datasheet
1Mb / 92P
[Old version datasheet]   PROGRAMMABLE TOUCH SCREEN CONTROLLER WITH STEREO AUDIO CODEC
More results

同様の説明 - TSC2300

メーカー部品番号データシート部品情報
logo
Burr-Brown (TI)
TSC2302 BURR-BROWN-TSC2302 Datasheet
1Mb / 81P
   PROGRAMMABLE TOUCH SCREEN CONTROLLER WITH STEREO AUDIO CODEC
logo
Texas Instruments
TSC2301 TI-TSC2301 Datasheet
1Mb / 92P
[Old version datasheet]   PROGRAMMABLE TOUCH SCREEN CONTROLLER WITH STEREO AUDIO CODEC
logo
Asahi Kasei Microsystem...
AK4533 AKM-AK4533 Datasheet
455Kb / 40P
   Audio Codec with Touch Screen Controller
logo
Texas Instruments
TSC2100 TI-TSC2100 Datasheet
717Kb / 71P
[Old version datasheet]   PROGRAMMABLE TOUCH SCREEN CONTROLLER WITH INTEGRATED STEREO AUDIO CODEC AND HEADPHONE/SPEAKER AMPLIFIER
logo
NXP Semiconductors
UCB1400BE PHILIPS-UCB1400BE Datasheet
674Kb / 63P
   Audio codec with touch screen controller and power management monitor
Rev. 02-21 June 2002
logo
Texas Instruments
TSC2301 TI1-TSC2301_15 Datasheet
1Mb / 94P
[Old version datasheet]   PROGRAMMABLE TOUCH SCREEN CONTROLLER
TSC2100 TI1-TSC2100_16 Datasheet
1Mb / 77P
[Old version datasheet]   PROGRAMMABLE TOUCH SCREEN CONTROLLER WITH INTEGRATED
TSC2101 TI-TSC2101_08 Datasheet
1Mb / 95P
[Old version datasheet]   AUDIO CODEC WITH INTEGRATED HEADPHONE, SPEAKER AMPLIFIER AND TOUCH SCREEN CONTROLLER
TSC2111 TI-TSC2111 Datasheet
1Mb / 99P
[Old version datasheet]   AUDIO CODEC WITH INTERGRATED HEADPHONE, SPEAKER AMPLIFIER AND TOUCH SCREEN CONTROLLER
TSC2101 TI-TSC2101_07 Datasheet
1Mb / 93P
[Old version datasheet]   AUDIO CODEC WITH INTEGRATED HEADPHONE, SPEAKER AMPLIFIER AND TOUCH SCREEN CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com