データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AM4426N データシート(PDF) 1 Page - Analog Power

部品番号 AM4426N
部品情報  N-Channel 20-V (D-S) MOSFET
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ANALOGPOWER [Analog Power]
ホームページ  http://www.analogpowerinc.com/index.html
Logo ANALOGPOWER - Analog Power

AM4426N データシート(HTML) 1 Page - Analog Power

  AM4426N Datasheet HTML 1Page - Analog Power AM4426N Datasheet HTML 2Page - Analog Power AM4426N Datasheet HTML 3Page - Analog Power AM4426N Datasheet HTML 4Page - Analog Power AM4426N Datasheet HTML 5Page - Analog Power  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Analog Power
AM4426N
N-Channel 20-V (D-S) MOSFET
VDS (V)
ID (A)
16
12
Symbol
Limit
Units
VDS
20
VGS
±8
Continuous Drain Current
a
TA=25°C
ID
16
IDM
60
IS
3.6
A
TA=25°C
2.1
TA=70°C
1.3
TJ, Tstg
-55 to 150
°C
Symbol
Maximum
Units
RθJA
62.5
RθJC
110
Notes
a.
Surface Mounted on 1” x 1” FR4 Board.
b.
Pulse width limited by maximum junction temperature
A
Maximum Junction-to-Ambient
a
Maximum Junction-to-Case
Power Dissipation
a
PD
W
Gate-Source Voltage
PRODUCT SUMMARY
20
rDS(on) (mΩ)
5.5 @ VGS = 4.5V
7 @ VGS = 2.5V
Pulsed Drain Current
b
Continuous Source Current (Diode Conduction)
a
THERMAL RESISTANCE RATINGS
°C/W
Parameter
Operating Junction and Storage Temperature Range
ABSOLUTE MAXIMUM RATINGS (TA = 25°C UNLESS OTHERWISE NOTED)
V
Parameter
Drain-Source Voltage
Key Features:
• Low rDS(on) trench technology
• Low thermal impedance
• Fast switching speed
Typical Applications:
• Load Switches
• DC/DC Conversion
• Motor Drives
SO-8
© Preliminary
1
Publication Order Number:
DS_AM4426N_1A


同様の部品番号 - AM4426N

メーカー部品番号データシート部品情報
logo
Analog Microelectronics
AM442 AME-AM442 Datasheet
138Kb / 9P
   STROM-WANDLER-IC
logo
VBsemi Electronics Co.,...
AM4420M8R VBSEMI-AM4420M8R Datasheet
1,007Kb / 9P
   N-Channel 30-V (D-S) MOSFET
AM4420M8VR VBSEMI-AM4420M8VR Datasheet
1,007Kb / 9P
   N-Channel 30-V (D-S) MOSFET
logo
Analog Power
AM4420N ANALOGPOWER-AM4420N Datasheet
342Kb / 5P
   N-Channel 20-V (D-S) MOSFET
AM4421P ANALOGPOWER-AM4421P Datasheet
423Kb / 5P
   P-Channel 20-V (D-S) MOSFET
More results

同様の説明 - AM4426N

メーカー部品番号データシート部品情報
logo
DinTek Semiconductor Co...
DTS2300S DINTEK-DTS2300S Datasheet
327Kb / 7P
   N-Channel 20 V (D-S) MOSFET
logo
Vishay Siliconix
SI4158DY VISHAY-SI4158DY Datasheet
188Kb / 9P
   N-Channel 20-V (D-S) MOSFET
Rev. A, 17-Nov-08
logo
Analog Power
AM7320N ANALOGPOWER-AM7320N Datasheet
79Kb / 3P
   N-Channel 20-V (D-S) MOSFET
AM2312N ANALOGPOWER-AM2312N Datasheet
317Kb / 5P
   N-Channel 20-V (D-S) MOSFET
AM7422NA ANALOGPOWER-AM7422NA Datasheet
348Kb / 5P
   N-Channel 20-V (D-S) MOSFET
logo
Vishay Siliconix
SI2374DS VISHAY-SI2374DS Datasheet
258Kb / 10P
   N-Channel 20 V (D-S) MOSFET
Rev. A, 14-Apr-14
SI8406DB VISHAY-SI8406DB Datasheet
151Kb / 10P
   N-Channel 20 V (D-S) MOSFET
Rev. A, 30-Apr-12
SI1056X VISHAY-SI1056X_10 Datasheet
123Kb / 8P
   N-Channel 20 V (D-S) MOSFET
Rev. D, 08-Nov-10
TN0201K VISHAY-TN0201K_06 Datasheet
202Kb / 4P
   N-Channel 20-V (D-S) MOSFET
Rev. B, 20-Feb-06
SI4426DY VISHAY-SI4426DY Datasheet
65Kb / 4P
   N-Channel 20-V (D-S) MOSFET
Rev. B, 15-May-00
SI1410EDH VISHAY-SI1410EDH Datasheet
49Kb / 5P
   N-Channel 20-V (D-S) MOSFET
Rev. D, 31-Oct-05
More results


Html Pages

1 2 3 4 5


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com