データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

PZT882J-Y データシート(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

部品番号 PZT882J-Y
部品情報  3A, 40V NPN Silicon Medium Power Transistor
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SECOS [SeCoS Halbleitertechnologie GmbH]
ホームページ  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

PZT882J-Y データシート(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  PZT882J-Y Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH PZT882J-Y Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Elektronische Bauelemente
PZT882J
3A, 40V
NPN Silicon Medium Power Transistor
25-Jan-2017 Rev. B
Page 1 of 2
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
D882
RoHS Compliant Product
A suffix of “-C” specifies halogen & lead-free
FEATURES
Low collector-emitter saturation voltage
CLASSIFICATION OF hFE
Product-Rank
PZT882J-O
PZT882J-Y
PZT882J-GR
Range
100~200
160~320
200~400
MARKING
PACKAGE INFORMATION
Package
MPQ
Leader Size
SOT-223
2.5K
13 inch
ABSOLUTE MAXIMUM RATINGS (T
A=25°C unless otherwise specified)
Parameter
Symbol
Rating
Unit
Collector-Base Voltage
VCBO
40
V
Collector-Emitter Voltage
VCEO
30
V
Emitter-Base Voltage
VEBO
6
V
Collector Current-Continuous
IC
3
A
Collector Dissipation
PC
1.25
W
Junction and Storage Temperature
TJ, TSTG
-55~150
°C
ELECTRICAL CHARACTERISTICS (T
A=25°C unless otherwise specified)
Parameter
Symbol
Min.
Typ.
Max.
Unit
Test Condition
Collector-Base Breakdown Voltage
V(BR)CBO
40
-
-
V
IC=100µA, IE=0
Collector-Emitter Breakdown Voltage
V(BR)CEO
30
-
-
V
IC=10mA, IB=0
Emitter-Base Breakdown Voltage
V(BR)EBO
6
-
-
V
IE=100µA, IC=0
Collector Cut-Off Current
ICBO
-
-
1
µ
A
VCB=40V, IE=0
Collector Cut-Off Current
ICEO
-
-
10
µ
A
VCE=30V, IB=0
Emitter Cut-Off Current
IEBO
-
-
1
µ
A
VEB=6V, IC=0
100
-
400
VCE=2V, IC=1A
DC Current Gain
hFE
32
-
-
VCE=2V, IC=100mA
Collector-Emitter Saturation Voltage
VCE(sat)
-
-
0.5
V
IC=2A, IB=200mA
Base-Emitter Saturation Voltage
VBE(sat)
-
-
1.5
V
IC=2A, IB=200mA
Transition Frequency
fT
-
50
-
MHz
VCE=5V, IC=100mA, f=10MHz
Top View
1
2
3
4
A
M
B
D
L
K
F
G
H
J
E
C
SOT-223
Millimeter
Millimeter
REF.
Min.
Max.
REF.
Min.
Max.
A
5.90
6.70
G
-
0.18
B
6.70
7.30
H
2.00 REF.
C
3.30
3.80
J
0.20
0.40
D
1.42
1.90
K
1.10 REF.
E
4.45
4.75
L
2.30 REF.
F
0.60
0.85
M
2.80
3.20


同様の部品番号 - PZT882J-Y

メーカー部品番号データシート部品情報
logo
SeCoS Halbleitertechnol...
PZT882J-Y-C SECOS-PZT882J-Y-C Datasheet
309Kb / 2P
   NPN Silicon Medium Power Transistor
More results

同様の説明 - PZT882J-Y

メーカー部品番号データシート部品情報
logo
Diodes Incorporated
ZXTN25040DZ DIODES-ZXTN25040DZ Datasheet
766Kb / 8P
   40V, SOT89, NPN medium power transistor
logo
Zetex Semiconductors
ZXTN25040DFH ZETEX-ZXTN25040DFH Datasheet
397Kb / 6P
   40V, SOT23, NPN medium power transistor
logo
Diodes Incorporated
ZXTN25040DFH DIODES-ZXTN25040DFH Datasheet
404Kb / 6P
   40V, SOT23, NPN medium power transistor
logo
Zetex Semiconductors
ZXTN25040DZ ZETEX-ZXTN25040DZ Datasheet
758Kb / 8P
   40V, SOT89, NPN medium power transistor
logo
Diodes Incorporated
FMMT491ATA DIODES-FMMT491ATA Datasheet
210Kb / 7P
   40V NPN SILICON PLANAR MEDIUM POWER TRANSISTOR IN SOT23
FCX491A DIODES-FCX491A Datasheet
342Kb / 7P
   40V NPN SILICON PLANAR MEDIUM POWER TRANSISTOR IN SOT89
FCX491A DIODES-FCX491A_15 Datasheet
256Kb / 7P
   40V NPN SILICON PLANAR MEDIUM POWER TRANSISTOR IN SOT89
FMMT491A DIODES-FMMT491A_15 Datasheet
210Kb / 7P
   40V NPN SILICON PLANAR MEDIUM POWER TRANSISTOR IN SOT23
FZT1051A DIODES-FZT1051A_15 Datasheet
817Kb / 7P
   40V NPN MEDIUM POWER HIGH GAIN TRANSISTOR
FZT491A DIODES-FZT491A_15 Datasheet
728Kb / 7P
   40V NPN MEDIUM POWER TRANSISTOR IN SOT223
More results


Html Pages

1 2


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com