データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SLZ9V1 データシート(PDF) 3 Page - SeCoS Halbleitertechnologie GmbH

部品番号 SLZ9V1
部品情報  500 mW, SOD-80 Glass Zener Voltage Regulators
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SECOS [SeCoS Halbleitertechnologie GmbH]
ホームページ  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

SLZ9V1 データシート(HTML) 3 Page - SeCoS Halbleitertechnologie GmbH

  SLZ9V1 Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH SLZ9V1 Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH SLZ9V1 Datasheet HTML 3Page - SeCoS Halbleitertechnologie GmbH SLZ9V1 Datasheet HTML 4Page - SeCoS Halbleitertechnologie GmbH SLZ9V1 Datasheet HTML 5Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
SLZXXX Series
500 mW,
SOD-80
Glass Zener Voltage Regulators
Elektronische Bauelemente
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
27-Jul-2011 Rev. A
Page 3 of 5
ELECTRICAL CHARACTERISTICS(TA=25°C unless otherwise specified)
Type Number
Class
Zener Voltage Range
1
Maximum Zener
Impedance
2
Maximum Reverse
Leakage Current
1
VZ@ IZT
IZT
ZZT @ IZT
ZZK @ IZK
IZK
IR@ VR
VR
Min(V)
Max(V)
mA
mA
µA
V
SLZ8V2
A
7.53
7.92
20
6.6
95
0.5
0.30
5.0
B
7.78
8.19
C
8.03
8.45
SLZ9V1
A
8.29
8.73
20
6.6
95
0.5
0.30
6.0
B
8.57
9.01
C
8.83
9.3
SLZ10V
A
9.12
9.59
20
6.6
95
0.5
0.11
7.0
B
9.41
9.9
C
9.7
10.2
SLZ11V
A
10.18
10.71
10
8.5
95
0.5
0.133
8.0
B
10.5
11.05
C
10.82
11.38
SLZ12V
A
11.13
11.71
10
9.5
95
0.5
0.133
9.0
B
11.44
12.03
C
11.74
12.35
SLZ13V
A
12.11
12.75
10
11.4
95
0.5
0.133
10
B
12.55
13.21
C
12.99
13.66
SLZ15V
A
13.44
14.13
10
13.3
95
0.5
0.133
11
B
13.89
14.62
C
14.35
15.09
SLZ16V
A
14.8
15.57
10
15.2
132
0.5
0.133
12
B
15.25
16.04
C
15.69
16.51
SLZ18V
A
16.22
17.06
10
19.4
123
0.5
0.133
13
B
16.82
17.7
C
17.42
18.33
SLZ20V
A
18.02
18.96
10
23.5
170
0.5
0.133
15
B
18.63
19.59
C
19.23
20.22
D
19.72
20.72
SLZ22V
A
20.15
21.2
5
25.6
170
0.5
0.133
17
B
20.64
21.71
C
21.08
22.17
D
21.52
22.63


同様の部品番号 - SLZ9V1

メーカー部品番号データシート部品情報
logo
KOA Speer Electronics, ...
SLZ1LTE20L0D KOA-SLZ1LTE20L0D Datasheet
284Kb / 2P
   surface mount molded current sense resistors
SLZ1LTE20L0F KOA-SLZ1LTE20L0F Datasheet
284Kb / 2P
   surface mount molded current sense resistors
SLZ1LTE20L0G KOA-SLZ1LTE20L0G Datasheet
284Kb / 2P
   surface mount molded current sense resistors
SLZ1LTE20L0H KOA-SLZ1LTE20L0H Datasheet
284Kb / 2P
   surface mount molded current sense resistors
SLZ1TTE20L0D KOA-SLZ1TTE20L0D Datasheet
284Kb / 2P
   surface mount molded current sense resistors
More results

同様の説明 - SLZ9V1

メーカー部品番号データシート部品情報
logo
SeCoS Halbleitertechnol...
BZV55C SECOS-BZV55C Datasheet
215Kb / 3P
   500 mW Sealed Glass Zener Voltage Regulators
BZV55B SECOS-BZV55B Datasheet
215Kb / 3P
   500 mW Sealed Glass Zener Voltage Regulators
logo
ON Semiconductor
SZMMSZ3V0T1G ONSEMI-SZMMSZ3V0T1G Datasheet
157Kb / 6P
   Zener Voltage Regulators 500 mW SOD??23 Surface Mount
January, 2012 ??Rev. 11
MMSZ4678T1 ONSEMI-MMSZ4678T1_05 Datasheet
74Kb / 6P
   Zener Voltage Regulators 500 mW SOD??23 Surface Mount
August, 2005 ??Rev. 7
MMSZ8V2ET1G ONSEMI-MMSZ8V2ET1G Datasheet
159Kb / 6P
   Zener Voltage Regulators 500 mW SOD??23 Surface Mount
January, 2012 ??Rev. 7
MMSZ5221ET1 ONSEMI-MMSZ5221ET1 Datasheet
79Kb / 6P
   Zener Voltage Regulators 500 mW SOD??23 Surface Mount
March, 2006 ??Rev. 6
MMSZ4690T3G ONSEMI-MMSZ4690T3G Datasheet
150Kb / 6P
   Zener Voltage Regulators 500 mW SOD??23 Surface Mount
February, 2012 ??Rev. 9
MMSZ2V4T1 ONSEMI-MMSZ2V4T1_06 Datasheet
77Kb / 7P
   Zener Voltage Regulators 500 mW SOD??23 Surface Mount
Juanuary, 2006 ??Rev. 9
MMSZXXXET1G ONSEMI-MMSZXXXET1G Datasheet
157Kb / 6P
   Zener Voltage Regulators 500 mW SOD-123 Surface Mount
January, 2012 - Rev. 7
SZMMSZ5238BT1G ONSEMI-SZMMSZ5238BT1G Datasheet
130Kb / 7P
   Zener Voltage Regulators 500 mW SOD??23 Surface Mount
October, 2012 ??Rev. 12
More results


Html Pages

1 2 3 4 5


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com