データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SMA5934B データシート(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

部品番号 SMA5934B
部品情報  1.5 Watts Surface Mount Zener Diode
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SECOS [SeCoS Halbleitertechnologie GmbH]
ホームページ  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

SMA5934B データシート(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  SMA5934B Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH SMA5934B Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH SMA5934B Datasheet HTML 3Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Elektronische Bauelemente
SMA59xxB Series
Voltage 6.2 V ~ 200 V
1.5 Watts Surface Mount Zener Diode
24-Apr-2013 Rev. E
Page 1 of 3
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
RoHS Compliant Product
A suffix of “-C” specifies halogen & lead-free
FEATURES
Glass passivated chip
Low leakage
Built-in strain relief
Low inductance
High peak reverse power dissipation
Lead (Pb)-free component
For use in stabilizing and clipping circuits with high
power rating
MECHANICAL DATA
Case:SMA
Epoxy:UL 94V-0 rate flame retardant
Polarity:Laser band denotes cathode end
Weight:0.062 grams (Approximately)
PACKAGE INFORMATION
Package
MPQ
Leader Size
SMA
5K
13’ inch
MAXIMUM RATINGS (TA=25°C unless otherwise noted)
PARAMETER
SYMBOL
VALUE
UNITS
DC Power Dissipation @TL=75°C
1
PD
1.5
W
Maximum Forward Voltage @ IF=200mA
VF
1.5
V
Junction Temperature Range
TJ
-55 ~ + 150
°C
Storage Temperature Range
TSTG
-55 ~ + 150
°C
Notes:
1. TL = Lead temperature at 3/8” (9.5mm) from body.
SMA
A
B
E
G
D
F
C
H
Millimeter
Millimeter
REF.
Min.
Max.
REF.
Min.
Max.
A
1.24
1.65
E
-
0.203
B
3.99
4.60
F
4.80
5.28
C
2.50
2.90
G
0.76
1.52
D
1.98
2.44
H
0.15
0.305


同様の部品番号 - SMA5934B

メーカー部品番号データシート部品情報
logo
SeCoS Halbleitertechnol...
SMA5934B SECOS-SMA5934B Datasheet
317Kb / 4P
   1.5 Watts Surface Mount Zener Diode
logo
Weitron Technology
SMA5934B WEITRON-SMA5934B Datasheet
416Kb / 3P
   Surface Mount Zener Diodes
logo
PACELEADER INDUSTRIAL
SMA5934B PACELEADER-SMA5934B Datasheet
361Kb / 3P
   SURFACE MOUNT ZENER TYPE
logo
Formosa MS
SMA5934B FORMOSA-SMA5934B Datasheet
990Kb / 3P
   SURFACE MOUNT ZENER DIODES 1.5 WATTS
logo
Yangzhou yangjie electr...
SMA5934B YANGJIE-SMA5934B Datasheet
403Kb / 4P
   Thyristor Surge Suppressors
More results

同様の説明 - SMA5934B

メーカー部品番号データシート部品情報
logo
SeCoS Halbleitertechnol...
SMA59XXB SECOS-SMA59XXB_15 Datasheet
264Kb / 3P
   1.5 Watts Surface Mount Zener Diode
SMB59XXB SECOS-SMB59XXB_15 Datasheet
238Kb / 3P
   1.5 Watts Surface Mount Zener Diode
SMA5921 SECOS-SMA5921 Datasheet
317Kb / 4P
   1.5 Watts Surface Mount Zener Diode
SMB59XXB SECOS-SMB59XXB Datasheet
238Kb / 3P
   1.5 Watts Surface Mount Zener Diode
logo
Taiwan Semiconductor Co...
1SMA5926 TSC-1SMA5926_1 Datasheet
336Kb / 4P
   1.5 Watts Surface Mount Silicon Zener Diode
logo
SUNMATE electronic Co.,...
1SMA5913B SUNMATE-1SMA5913B Datasheet
325Kb / 2P
   1.5 Watts Surface Mount Zener Diodes
logo
Formosa MS
SMA5921B FORMOSA-SMA5921B Datasheet
990Kb / 3P
   SURFACE MOUNT ZENER DIODES 1.5 WATTS
logo
First Components Intern...
1SMA5921B FCI-1SMA5921B Datasheet
1Mb / 3P
   1.5 WATTS Surface Mount Zener Diode Polarity: cathode band
logo
Taiwan Semiconductor Co...
1SMA5926 TSC-1SMA5926_11 Datasheet
134Kb / 4P
   1.5 Watts Surface Mount Silicon Zener Diodes
logo
SeCoS Halbleitertechnol...
SMB5920B SECOS-SMB5920B Datasheet
238Kb / 3P
   VOLTAGE 6.2 V ~ 200 V 1.5 Watts Surface Mount Zener Diode
More results


Html Pages

1 2 3


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com