データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SSA70N90J データシート(PDF) 2 Page - SeCoS Halbleitertechnologie GmbH

部品番号 SSA70N90J
部品情報  N-Ch Enhancement Mode Power MOSFET
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SECOS [SeCoS Halbleitertechnologie GmbH]
ホームページ  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

SSA70N90J データシート(HTML) 2 Page - SeCoS Halbleitertechnologie GmbH

  SSA70N90J Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH SSA70N90J Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH SSA70N90J Datasheet HTML 3Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Elektronische Bauelemente
SSA70N90J
90A, 70V, RDS(ON) 7.5 m
N-Ch Enhancement Mode Power MOSFET
15-Feb-2016 Rev. A
Page 2 of 3
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
ELECTRICAL CHARACTERISTICS (T
A=25°C unless otherwise specified)
Parameter
Symbol
Min.
Typ.
Max.
Unit
Test Condition
Static Characteristics
Drain-Source Breakdown Voltage
V(BR)DSS
70
-
-
V
VGS=0, ID=250µA
Zero Gate Voltage Drain Current
IDSS
-
-
1
µA
VDS=70V, VGS=0
Gate-Body Leakage Current
IGSS
-
-
±100
nA
VDS=0V, VGS= ±20V
Gate-Threshold Voltage
3
VGS(th)
2
-
4
V
VDS=VGS, ID=250µA
Static Drain-Source On-Resistance
3
RDS(ON)
-
-
7.5
m
VGS=10V, ID=40A
Forward Transconductance
3
gFS
-
60
-
S
VDS=5V, ID=40A
Diode Forward Voltage
3
VSD
-
-
1.2
V
VGS=0, IS=20A
Dynamic Characteristics
Input Capacitance
Ciss
-
4871
-
Output Capacitance
Coss
-
630.6
-
Reverse Transfer Capacitance
Crss
-
410.3
-
pF
VDS=15V
VGS=0
f=1MHz
Gate Resistance
Rg
-
0.63
-
VDS=VGS=0, f=1MHz
Switching Characteristics
Total Gate Charge
Qg
-
85.7
-
Gate-Source Charge
Qgs
-
23.2
-
Gate-Drain Charge
Qgd
-
31.2
-
nC
VDS=48V
VGS=10V
ID=84A
Turn-on Delay Time
Td(on)
-
36.1
-
Rise Time
Tr
-
54.3
-
Turn-off Delay Time
Td(off)
-
85.2
-
Fall Time
Tf
-
37.3
-
nS
VDS=30V
VGS=10V
RGEN=10
ID=42A
Body Diode Reverse Recovery Time
3
TRR
-
-
88.3
A
IF=84A, dl/dt=100A/µs
Body Diode Reverse Recovery Charge
3
QRR
-
-
65.9
A
IF=84A, dl/dt=100A/µs
Notes:
1.
Repetitive rating: The pulse width is limited by the junction temperature.
2.
The surface of the device is mounted on a FR4 board, t≦10s.
3.
Pulse test:Pulse width≦300µs, duty cycle≦2%.
4.
EAS condition: VDD=37.5V, L=0.5mH, RG=25 , starting TJ=25°C.


同様の部品番号 - SSA70N90J

メーカー部品番号データシート部品情報
logo
Mitsumi Electronics, Co...
SSA MITSUMI-SSA Datasheet
111Kb / 2P
   Self Return Slide Switches
logo
Bedford Opto Technology...
SSA-005 BOT-SSA-005 Datasheet
35Kb / 2P
   Miniature Opto Array
SSA-005-2 BOT-SSA-005-2 Datasheet
37Kb / 2P
   Miniature IR Array
SSA-005E BOT-SSA-005E Datasheet
37Kb / 2P
   Miniature IR Array
SSA-009 BOT-SSA-009 Datasheet
36Kb / 2P
   3mm LED Linear Array
More results

同様の説明 - SSA70N90J

メーカー部品番号データシート部品情報
logo
SeCoS Halbleitertechnol...
SSRF03N80SL SECOS-SSRF03N80SL Datasheet
600Kb / 5P
   N-Ch Enhancement Mode Power MOSFET
SMS6001 SECOS-SMS6001 Datasheet
662Kb / 4P
   N-Ch Enhancement Mode Power MOSFET
SSM01N60SL SECOS-SSM01N60SL Datasheet
557Kb / 5P
   N-Ch Enhancement Mode Power MOSFET
SSRF08N70SL SECOS-SSRF08N70SL Datasheet
472Kb / 5P
   N-Ch Enhancement Mode Power MOSFET
SSU07N65SL SECOS-SSU07N65SL Datasheet
568Kb / 5P
   N-Ch Enhancement Mode Power MOSFET
SSPS924NE SECOS-SSPS924NE Datasheet
630Kb / 4P
   N-Ch Enhancement Mode Power MOSFET
SSD30N15 SECOS-SSD30N15_15 Datasheet
445Kb / 4P
   N-Ch Enhancement Mode Power MOSFET
SSD40N04 SECOS-SSD40N04_15 Datasheet
386Kb / 4P
   N-Ch Enhancement Mode Power MOSFET
SSD50N10 SECOS-SSD50N10_15 Datasheet
574Kb / 4P
   N-Ch Enhancement Mode Power MOSFET
SSD60N04 SECOS-SSD60N04_15 Datasheet
151Kb / 2P
   N-Ch Enhancement Mode Power MOSFET
SSPS922NE SECOS-SSPS922NE_15 Datasheet
538Kb / 4P
   N-Ch Enhancement Mode Power MOSFET
More results


Html Pages

1 2 3


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com