データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TSHF6410 データシート(PDF) 3 Page - Vishay Siliconix

部品番号 TSHF6410
部品情報  High Speed Infrared Emitting Diode
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  VISHAY [Vishay Siliconix]
ホームページ  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TSHF6410 データシート(HTML) 3 Page - Vishay Siliconix

  TSHF6410 Datasheet HTML 1Page - Vishay Siliconix TSHF6410 Datasheet HTML 2Page - Vishay Siliconix TSHF6410 Datasheet HTML 3Page - Vishay Siliconix TSHF6410 Datasheet HTML 4Page - Vishay Siliconix TSHF6410 Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
TSHF6410
www.vishay.com
Vishay Semiconductors
Rev. 1.3, 23-Aug-11
3
Document Number: 81832
For technical questions, contact: emittertechsupport@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
BASIC CHARACTERISTICS (Tamb = 25 °C, unless otherwise specified)
Fig. 2 - Pulse Forward Current vs. Pulse Duration
Fig. 3 - Forward Current vs. Forward Voltage
Fig. 4 - Radiant Intensity vs. Forward Current
Fig. 5 - Radiant Power vs. Forward Current
Fig. 6 - Relative Radiant Power vs. Wavelength
Fig. 7 - Relative Radiant Intensity vs. Angular Displacement
100
1000
0.01
0.1
1
10
100
tp -Pulse Duration (ms)
16031
t
p/T = 0.01
0.05
0.2
0.5
0.1
0.02
T
amb < 50 °C
18873
1000
100
10
1
VF - Forward Voltage (V)
02
4
t
p = 100 µs
t
p/T = 0.001
13
0.1
1
10
100
1000
1
10
100
1000
18220
IF - Forward Current (mA)
0.1
1
10
100
1000
110
100
1000
16971
IF - Forward Current (mA)
800
900
λ - Wavelength (nm)
1000
20082
0
0.25
0.5
0.75
1.0
1.25
94 8883
0.6
0.9
0.8
30°
10°
20°
40°
50°
60°
70°
80°
0.7
1.0
0
0.2
0.4


同様の部品番号 - TSHF6410

メーカー部品番号データシート部品情報
logo
Vishay Siliconix
TSHF6410 VISHAY-TSHF6410 Datasheet
109Kb / 5P
   High Speed Infrared Emitting Diode, RoHS Compliant, 890 nm, GaAlAs Double Hetero
Rev. 1.1, 04-Sep-08
TSHF6410 VISHAY-TSHF6410 Datasheet
111Kb / 5P
   High Speed Infrared Emitting Diode, 890 nm, GaAlAs Double Hetero
Rev. 1.2, 25-Jun-09
TSHF6410 VISHAY-TSHF6410 Datasheet
113Kb / 5P
   High Speed Infrared Emitting Diode, 890 nm, GaAlAs Double Hetero
01-Jan-2022
TSHF6410 VISHAY-TSHF6410 Datasheet
113Kb / 5P
   High Speed Infrared Emitting Diode, 890 nm, GaAlAs Double Hetero
01-Jan-2023
TSHF6410 VISHAY-TSHF6410_09 Datasheet
111Kb / 5P
   High Speed Infrared Emitting Diode, 890 nm, GaAlAs Double Hetero
Rev. 1.2, 25-Jun-09
More results

同様の説明 - TSHF6410

メーカー部品番号データシート部品情報
logo
Sharp Corporation
GL496 SHARP-GL496 Datasheet
35Kb / 4P
   High Speed Infrared Emitting Diode
logo
Vishay Siliconix
VSMG3700 VISHAY-VSMG3700_13 Datasheet
132Kb / 6P
   High Speed Infrared Emitting Diode
Rev. 1.5, 24-Sep-13
TSHG8400 VISHAY-TSHG8400_13 Datasheet
106Kb / 5P
   High Speed Infrared Emitting Diode
Rev. 1.4, 03-Sep-13
TSHG5210 VISHAY-TSHG5210_11 Datasheet
109Kb / 5P
   High Speed Infrared Emitting Diode
VSMF4710 VISHAY-VSMF4710_13 Datasheet
131Kb / 6P
   High Speed Infrared Emitting Diode
Rev. 1.4, 25-Sep-13
VSMF9700X01 VISHAY-VSMF9700X01 Datasheet
134Kb / 6P
   High Speed Infrared Emitting Diode
Rev. 1.9, 24-Jul-14
logo
Sharp Corporation
GL550 SHARP-GL550 Datasheet
38Kb / 4P
   High Speed Infrared Emitting Diode
logo
Vishay Siliconix
VSMF4720 VISHAY-VSMF4720_13 Datasheet
132Kb / 6P
   High Speed Infrared Emitting Diode
Rev. 1.2, 25-Sep-13
VSMY3850 VISHAY-VSMY3850_13 Datasheet
130Kb / 6P
   High Speed Infrared Emitting Diode
Rev. 1.5, 24-Sep-13
VSMF970011X01 VISHAY-VSMF970011X01 Datasheet
142Kb / 6P
   High Speed Infrared Emitting Diode, 890 nm
Rev. 1.0, 16-Feb-15
More results


Html Pages

1 2 3 4 5


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com