データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

IC-SM2L データシート(PDF) 4 Page - IC-Haus GmbH

部品番号 IC-SM2L
部品情報  LINEAR AMR SENSOR
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ICHAUS [IC-Haus GmbH]
ホームページ  http://www.ichaus.biz
Logo ICHAUS - IC-Haus GmbH

IC-SM2L データシート(HTML) 4 Page - IC-Haus GmbH

  IC-SM2L Datasheet HTML 1Page - IC-Haus GmbH IC-SM2L Datasheet HTML 2Page - IC-Haus GmbH IC-SM2L Datasheet HTML 3Page - IC-Haus GmbH IC-SM2L Datasheet HTML 4Page - IC-Haus GmbH IC-SM2L Datasheet HTML 5Page - IC-Haus GmbH IC-SM2L Datasheet HTML 6Page - IC-Haus GmbH IC-SM2L Datasheet HTML 7Page - IC-Haus GmbH IC-SM2L Datasheet HTML 8Page - IC-Haus GmbH  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
iC-SM2L
LINEAR AMR SENSOR (2 mm)
Rev C1, Page 4/8
ABSOLUTE MAXIMUM RATINGS
These ratings do not imply operating conditions; functional operation is not guaranteed. Beyond these ratings device damage may occur.
Item
Symbol
Parameter
Conditions
Unit
No.
Min.
Max.
G001 V()
Voltage at VB
-10
10
V
G002 V()
Voltage at PSIN, NSIN, PCOS, NCOS
-10
10
V
G003 I()
Current in VB
-11
11
mA
G004 I()
Current in PSIN, NSIN, PCOS, NCOS
-11
11
mA
G005 Tj
Junction Temperature
-40
125
°C
G006 Ts
Chip Storage Temperature
-40
125
°C
THERMAL DATA
Operating conditions: VB = 5V ±10 %
Item
Symbol
Parameter
Conditions
Unit
No.
Min.
Typ.
Max.
T01 Ta
Operating Ambient Temperature Range package LGA SM2C
- standard temperature range
-20
90
°C
- option ET: extended temperature range
-40
125
°C
T02 Ts
Storage Temperature Range
package LGA SM2C
-40
125
°C
T03 Tl
Soldering Peak Temperature
package LGA SM2C
tpk < 20 s, convection reflow
260
°C
tpk < 20 s, vapour phase
230
°C
TOL (time on label) 8 h; please refer to
customer information file No. 7 for details
All voltages are referenced to ground unless otherwise stated.
All currents flowing into the device pins are positive; all currents flowing out of the device pins are negative.


同様の部品番号 - IC-SM2L

メーカー部品番号データシート部品情報
logo
IC-Haus GmbH
IC-SM2L ICHAUS-IC-SM2L Datasheet
140Kb / 5P
   LINEAR AMR SENSOR (2 mm)
IC-SM2LCHIP ICHAUS-IC-SM2LCHIP Datasheet
140Kb / 5P
   LINEAR AMR SENSOR (2 mm)
More results

同様の説明 - IC-SM2L

メーカー部品番号データシート部品情報
logo
IC-Haus GmbH
IC-SM5L ICHAUS-IC-SM5L_14 Datasheet
330Kb / 7P
   LINEAR AMR SENSOR
IC-SM5L ICHAUS-IC-SM5L Datasheet
135Kb / 5P
   LINEAR AMR SENSOR (5 mm)
IC-SM2L ICHAUS-IC-SM2L Datasheet
140Kb / 5P
   LINEAR AMR SENSOR (2 mm)
logo
American Electronic Com...
AMR3001 AEC-AMR3001 Datasheet
439Kb / 4P
   AMR Angle Sensor
logo
TE Connectivity Ltd
MS32 TEC-MS32 Datasheet
287Kb / 6P
   AMR Switching-Sensor
logo
MultiDimension Technolo...
AMR3013P MULTIDIMENSION-AMR3013P Datasheet
643Kb / 4P
   AMR3013P AMR Angle Sensor
Ver. 1.2
logo
TE Connectivity Ltd
KMT36H TEC-KMT36H Datasheet
221Kb / 7P
   AMR Sensor with 360째 capability
KMT32B TEC-KMT32B Datasheet
307Kb / 6P
   AMR Sensor with 180째 period
logo
MultiDimension Technolo...
AMR3008 MULTIDIMENSION-AMR3008 Datasheet
665Kb / 8P
   Dual Axis AMR Magnetic Angle Sensor
Version 2.0.1
AMR3003 MULTIDIMENSION-AMR3003 Datasheet
664Kb / 8P
   Dual Axis AMR Magnetic Angle Sensor
Version 2.0.1
More results


Html Pages

1 2 3 4 5 6 7 8


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com