データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

IC-SM5L データシート(PDF) 6 Page - IC-Haus GmbH

部品番号 IC-SM5L
部品情報  LINEAR AMR SENSOR
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ICHAUS [IC-Haus GmbH]
ホームページ  http://www.ichaus.biz
Logo ICHAUS - IC-Haus GmbH

IC-SM5L データシート(HTML) 6 Page - IC-Haus GmbH

  IC-SM5L_14 Datasheet HTML 1Page - IC-Haus GmbH IC-SM5L_14 Datasheet HTML 2Page - IC-Haus GmbH IC-SM5L_14 Datasheet HTML 3Page - IC-Haus GmbH IC-SM5L_14 Datasheet HTML 4Page - IC-Haus GmbH IC-SM5L_14 Datasheet HTML 5Page - IC-Haus GmbH IC-SM5L_14 Datasheet HTML 6Page - IC-Haus GmbH IC-SM5L_14 Datasheet HTML 7Page - IC-Haus GmbH  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
iC-SM5L
LINEAR AMR SENSOR (5 mm)
Rev B2, Page 6/7
APPLICATION INFORMATION: Handling
Figure 2: Handling instruction: NOT OK.
Figure 3: Handling instruction: OK.
REVISION HISTORY
Rel
Rel.Date
Chapter
Modification
Page
B1
14-07-04
Datasheet replaces former iC-SM5L datasheet release A3 and package datasheet LGA
SM2C release A2.
all
Rel
Rel.Date
Chapter
Modification
Page
B2
14-10-14
All package Figures updated
1 - 3
iC-Haus expressly reserves the right to change its products and/or specifications. An info letter gives details as to any amendments and additions made to the
relevant current specifications on our internet website www.ichaus.de/infoletter; this letter is generated automatically and shall be sent to registered users by
email.
Copying – even as an excerpt – is only permitted with iC-Haus’ approval in writing and precise reference to source.
iC-Haus does not warrant the accuracy, completeness or timeliness of the specification and does not assume liability for any errors or omissions in these
materials.
The data specified is intended solely for the purpose of product description. No representations or warranties, either express or implied, of merchantability, fitness
for a particular purpose or of any other nature are made hereunder with respect to information/specification or the products to which information refers and no
guarantee with respect to compliance to the intended use is given. In particular, this also applies to the stated possible applications or areas of applications of
the product.
iC-Haus products are not designed for and must not be used in connection with any applications where the failure of such products would reasonably be expected
to result in significant personal injury or death (Safety-Critical Applications) without iC-Haus’ specific written consent. Safety-Critical Applications include, without
limitation, life support devices and systems. iC-Haus products are not designed nor intended for use in military or aerospace applications or environments or in
automotive applications unless specifically designated for such use by iC-Haus.
iC-Haus conveys no patent, copyright, mask work right or other trade mark right to this product. iC-Haus assumes no liability for any patent and/or other trade
mark rights of a third party resulting from processing or handling of the product and/or any other use of the product.


同様の部品番号 - IC-SM5L_14

メーカー部品番号データシート部品情報
logo
IC-Haus GmbH
IC-SM5LCHIP ICHAUS-IC-SM5LCHIP Datasheet
135Kb / 5P
   LINEAR AMR SENSOR (5 mm)
More results

同様の説明 - IC-SM5L_14

メーカー部品番号データシート部品情報
logo
IC-Haus GmbH
IC-SM2L ICHAUS-IC-SM2L_14 Datasheet
439Kb / 8P
   LINEAR AMR SENSOR
IC-SM5L ICHAUS-IC-SM5L Datasheet
135Kb / 5P
   LINEAR AMR SENSOR (5 mm)
IC-SM2L ICHAUS-IC-SM2L Datasheet
140Kb / 5P
   LINEAR AMR SENSOR (2 mm)
logo
American Electronic Com...
AMR3001 AEC-AMR3001 Datasheet
439Kb / 4P
   AMR Angle Sensor
logo
TE Connectivity Ltd
MS32 TEC-MS32 Datasheet
287Kb / 6P
   AMR Switching-Sensor
logo
MultiDimension Technolo...
AMR3013P MULTIDIMENSION-AMR3013P Datasheet
643Kb / 4P
   AMR3013P AMR Angle Sensor
Ver. 1.2
logo
TE Connectivity Ltd
KMT36H TEC-KMT36H Datasheet
221Kb / 7P
   AMR Sensor with 360째 capability
KMT32B TEC-KMT32B Datasheet
307Kb / 6P
   AMR Sensor with 180째 period
logo
MultiDimension Technolo...
AMR3008 MULTIDIMENSION-AMR3008 Datasheet
665Kb / 8P
   Dual Axis AMR Magnetic Angle Sensor
Version 2.0.1
AMR3003 MULTIDIMENSION-AMR3003 Datasheet
664Kb / 8P
   Dual Axis AMR Magnetic Angle Sensor
Version 2.0.1
More results


Html Pages

1 2 3 4 5 6 7


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com