データシートサーチシステム |
|
GS82582Q20GE-400 データシート(PDF) 7 Page - GSI Technology |
|
GS82582Q20GE-400 データシート(HTML) 7 Page - GSI Technology |
7 / 25 page Separate I/O SigmaQuad-II B2 SigmaQuad-II SRAM Read Truth Table A R Output Next State Q Q K (tn) K (tn) K (tn) K (tn+2) K (tn+2½) X 1 Deselect Hi-Z Hi-Z V 0 Read Q0 Q1 Notes: 1. X = Don’t Care, 1 = High, 0 = Low, V = Valid. 2. R is evaluated on the rising edge of K. 3. Q0 and Q1 are the first and second data output transfers in a read. Separate I/O SigmaQuad-II B2 SigmaQuad-II SRAM Write Truth Table A W BWn BWn Input Next State D D K (tn + ½) K (tn) K (tn) K (tn + ½) K K (tn), (tn + ½) K (tn) K (tn + ½) V 0 0 0 Write Byte Dx0, Write Byte Dx1 D0 D1 V 0 0 1 Write Byte Dx0, Write Abort Byte Dx1 D0 X V 0 1 0 Write Abort Byte Dx0, Write Byte Dx1 X D1 X 0 1 1 Write Abort Byte Dx0, Write Abort Byte Dx1 X X X 1 X X Deselect X X Notes: 1. X = Don’t Care, H = High, L = Low, V = Valid. 2. W is evaluated on the rising edge of K. 3. D0 and D1 are the first and second data input transfers in a write. 4. BWn represents any of the Byte Write Enable inputs (BW0, BW1, etc.). GS82582Q20/38GE-500/450/400/375 Specifications cited are subject to change without notice. For latest documentation see http://www.gsitechnology.com. Rev: 1.04 4/2016 7/25 © 2012, GSI Technology |
同様の部品番号 - GS82582Q20GE-400 |
|
同様の説明 - GS82582Q20GE-400 |