データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

GS82582Q38GE-400I データシート(PDF) 10 Page - GSI Technology

部品番号 GS82582Q38GE-400I
部品情報  288Mb SigmaQuad-II Burst of 2 SRAM
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  GSI [GSI Technology]
ホームページ  http://www.gsitechnology.com
Logo GSI - GSI Technology

GS82582Q38GE-400I データシート(HTML) 10 Page - GSI Technology

Back Button GS82582Q38GE-400I Datasheet HTML 6Page - GSI Technology GS82582Q38GE-400I Datasheet HTML 7Page - GSI Technology GS82582Q38GE-400I Datasheet HTML 8Page - GSI Technology GS82582Q38GE-400I Datasheet HTML 9Page - GSI Technology GS82582Q38GE-400I Datasheet HTML 10Page - GSI Technology GS82582Q38GE-400I Datasheet HTML 11Page - GSI Technology GS82582Q38GE-400I Datasheet HTML 12Page - GSI Technology GS82582Q38GE-400I Datasheet HTML 13Page - GSI Technology GS82582Q38GE-400I Datasheet HTML 14Page - GSI Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 25 page
background image
Thermal Impedance
Package
Test PCB
Substrate
JA (C°/W)
Airflow = 0 m/s
 JA (C°/W)
Airflow = 1 m/s
 JA (C°/W)
Airflow = 2 m/s
JB (C°/W)
 JC (C°/W)
165 BGA
4-layer
16.10
13.69
12.73
6.54
2.08
Notes:
1. Thermal Impedance data is based on a number of of samples from mulitple lots and should be viewed as a typical number.
2. Please refer to JEDEC standard JESD51-6.
3. The characteristics of the test fixture PCB influence reported thermal characteristics of the device. Be advised that a good thermal path to
the PCB can result in cooling or heating of the RAM depending on PCB temperature.
HSTL I/O DC Input Characteristics
Parameter
Symbol
Min
Max
Units
Notes
Input Reference Voltage
VREF
VDDQ /2 – 0.05
VDDQ /2 + 0.05
V
Input High Voltage
VIH1
VREF + 0.1
VDDQ + 0.3
V
1
Input Low Voltage
VIL1
–0.3
VREF – 0.1
V
1
Input High Voltage
VIH2
0.7 * VDDQ
VDDQ + 0.3
V
2,3
Input Low Voltage
VIL2
–0.3
0.3 * VDDQ
V
2,3
Notes:
1. Parameters apply to K, K, SA, D, R, W, BW during normal operation and JTAG boundary scan testing.
2. Parameters apply to Doff, ODT during normal operation and JTAG boundary scan testing.
3. Parameters apply to ZQ during JTAG boundary scan testing only.
GS82582Q20/38GE-500/450/400/375
Specifications cited are subject to change without notice. For latest documentation see http://www.gsitechnology.com.
Rev: 1.04 4/2016
10/25
© 2012, GSI Technology
HSTL I/O AC Input Characteristics
Parameter
Symbol
Min
Max
Units
Notes
Input Reference Voltage
VREF
VDDQ /2 – 0.08
VDDQ /2 + 0.08
V
Input High Voltage
VIH1
VREF + 0.2
VDDQ + 0.5
V
1,2,3
Input Low Voltage
VIL1
–0.5
VREF – 0.2
V
1,2,3
Input High Voltage
VIH2
VDDQ – 0.2
VDDQ + 0.5
V
4,5
Input Low Voltage
VIL2
–0.5
0.2
V
4,5
Notes:
1. VIH(MAX) and VIL(MIN) apply for pulse widths less than one-quarter of the cycle time.
2. Input rise and fall times must be a minimum of 1 V/ns, and within 10% of each other.
3. Parameters apply to K, K, SA, D, R, W, BW during normal operation and JTAG boundary scan testing.
4. Parameters apply to Doff, ODT during normal operation and JTAG boundary scan testing.
5. Parameters apply to ZQ during JTAG boundary scan testing only.


同様の部品番号 - GS82582Q38GE-400I

メーカー部品番号データシート部品情報
logo
GSI Technology
GS82582Q38GE-400I GSI-GS82582Q38GE-400I Datasheet
436Kb / 25P
   JEDEC-standard pinout and package
GS82582Q38GE-400I GSI-GS82582Q38GE-400I Datasheet
436Kb / 25P
   288Mb SigmaQuad-II Burst of 2 SRAM
More results

同様の説明 - GS82582Q38GE-400I

メーカー部品番号データシート部品情報
logo
GSI Technology
GS82582Q20GE-500I GSI-GS82582Q20GE-500I Datasheet
436Kb / 25P
   288Mb SigmaQuad-II Burst of 2 SRAM
GS82582Q19GE-400 GSI-GS82582Q19GE-400 Datasheet
436Kb / 25P
   288Mb SigmaQuad-IITM Burst of 2 SRAM
GS82582Q37GE-300 GSI-GS82582Q37GE-300 Datasheet
436Kb / 25P
   288Mb SigmaQuad-IITM Burst of 2 SRAM
GS82582QT19GE-400I GSI-GS82582QT19GE-400I Datasheet
325Kb / 26P
   288Mb SigmaQuad-IITM Burst of 2 SRAM
GS82582Q19GE-400I GSI-GS82582Q19GE-400I Datasheet
436Kb / 25P
   288Mb SigmaQuad-IITM Burst of 2 SRAM
GS82582Q37GE-400 GSI-GS82582Q37GE-400 Datasheet
436Kb / 25P
   288Mb SigmaQuad-IITM Burst of 2 SRAM
GS82582QT20GE-450I GSI-GS82582QT20GE-450I Datasheet
325Kb / 26P
   288Mb SigmaQuad-IITM Burst of 2 SRAM
GS82582Q19GE-333 GSI-GS82582Q19GE-333 Datasheet
436Kb / 25P
   288Mb SigmaQuad-IITM Burst of 2 SRAM
GS82582Q20GE-400 GSI-GS82582Q20GE-400 Datasheet
436Kb / 25P
   288Mb SigmaQuad-IITM Burst of 2 SRAM
GS82582Q19GE-300I GSI-GS82582Q19GE-300I Datasheet
436Kb / 25P
   288Mb SigmaQuad-IITM Burst of 2 SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com