データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

STP1117SXX データシート(PDF) 5 Page - SeCoS Halbleitertechnologie GmbH

部品番号 STP1117SXX
部品情報  1.0A Low Dropout Positive Adjustable or Fixed-Mode Regulator
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SECOS [SeCoS Halbleitertechnologie GmbH]
ホームページ  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

STP1117SXX データシート(HTML) 5 Page - SeCoS Halbleitertechnologie GmbH

  STP1117SXX Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH STP1117SXX Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH STP1117SXX Datasheet HTML 3Page - SeCoS Halbleitertechnologie GmbH STP1117SXX Datasheet HTML 4Page - SeCoS Halbleitertechnologie GmbH STP1117SXX Datasheet HTML 5Page - SeCoS Halbleitertechnologie GmbH STP1117SXX Datasheet HTML 6Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
Elektronische Bauelemente
STP1117Sxx Series
1.0A Low Dropout Positive
Adjustable or Fixed-Mode Regulator
27-Jun-2017 Rev. B
Page 5 of 6
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
TYPICAL CHARACTERISTICS


同様の部品番号 - STP1117SXX

メーカー部品番号データシート部品情報
logo
STMicroelectronics
STP110N10F7 STMICROELECTRONICS-STP110N10F7 Datasheet
1Mb / 16P
   N-channel 100 V, 5.1 m廓 typ., 110 A, STripFET??VII DeepGATE?? Power MOSFETs in TO-220FP and TO-220 packages
July 2013 Rev 2
logo
Inchange Semiconductor ...
STP110N10F7 ISC-STP110N10F7 Datasheet
319Kb / 2P
   isc N-Channel MOSFET Transistor
logo
SHENZHEN DOINGTER SEMIC...
STP110N10F7 DOINGTER-STP110N10F7 Datasheet
1Mb / 5P
   N-Channel MOSFET uses advanced SGT technology
logo
STMicroelectronics
STP110N55F6 STMICROELECTRONICS-STP110N55F6 Datasheet
409Kb / 11P
   N-channel 55 V, 4.3 m, 110 A TO-220 STripFET VI DeepGATE Power MOSFET
STP110N7F6 STMICROELECTRONICS-STP110N7F6 Datasheet
650Kb / 13P
   N-channel 68 V, 0.0055 Ω typ., 110 A, STripFET™ F6 Power MOSFET in a TO-220 package
October 2016
More results

同様の説明 - STP1117SXX

メーカー部品番号データシート部品情報
logo
SeCoS Halbleitertechnol...
SJA1117B SECOS-SJA1117B Datasheet
220Kb / 3P
   1.0A Low Dropout Positive Adjustable or Fixed-Mode Regulator
logo
Anachip Corp
AP1084 ANACHIP-AP1084 Datasheet
197Kb / 10P
   5A Low Dropout Positive Adjustable or Fixed-Mode Regulator
AP1116 ANACHIP-AP1116 Datasheet
140Kb / 5P
   0.5A Low Dropout Positive Adjustable or Fixed-Mode Regulator
logo
E-Tech Electronics LTD
GL1116 ETL-GL1116 Datasheet
251Kb / 4P
   0.6A Low Dropout Positive Adjustable or Fixed-Mode Regulator
GU1085 ETL-GU1085 Datasheet
260Kb / 4P
   3A Low Dropout Positive Adjustable or Fixed-Mode Regulator
logo
Zhaoxingwei Electronics...
LY6117 ZHAOXINGWEI-LY6117 Datasheet
111Kb / 2P
   1A Low Dropout Positive Adjustable or Fixed-Mode Regulator
logo
Tiger Electronic Co.,Lt...
LMT1117 TGS-LMT1117 Datasheet
306Kb / 3P
   1A Low Dropout Positive Adjustable or Fixed-Mode Regulator
logo
E-Tech Electronics LTD
GU1084 ETL-GU1084 Datasheet
319Kb / 4P
   5A Low Dropout Positive Adjustable or Fixed-Mode Regulator
logo
GTM CORPORATION
G1117A GTM-G1117A Datasheet
253Kb / 4P
   1A Low Dropout Positive Adjustable or Fixed-Mode Regulator
GJ1084 GTM-GJ1084 Datasheet
248Kb / 4P
   5A Low Dropout Positive Adjustable or Fixed-Mode Regulator
More results


Html Pages

1 2 3 4 5 6


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com