データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SML-E12V8W データシート(PDF) 9 Page - Rohm

部品番号 SML-E12V8W
部品情報  Original device technology enables high brightness
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ROHM [Rohm]
ホームページ  http://www.rohm.com
Logo ROHM - Rohm

SML-E12V8W データシート(HTML) 9 Page - Rohm

Back Button SML-E12V8W Datasheet HTML 5Page - Rohm SML-E12V8W Datasheet HTML 6Page - Rohm SML-E12V8W Datasheet HTML 7Page - Rohm SML-E12V8W Datasheet HTML 8Page - Rohm SML-E12V8W Datasheet HTML 9Page - Rohm SML-E12V8W Datasheet HTML 10Page - Rohm SML-E12V8W Datasheet HTML 11Page - Rohm SML-E12V8W Datasheet HTML 12Page - Rohm SML-E12V8W Datasheet HTML 13Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
    
[Data Sheet]
3.Others
3-1.Surrounding Gas
Notice that if it is stored under the condition of acid gas (chlorine gas, sulfured gas) or
alkali gas (ammonia), it may result in low soldering ability (caused by the change in quality of
the plating surface ) or optical characteristics changes (light intensity, chrominance) and change
in quality of cause die bonding (Ag-paste) materials. All of the above will function failure of
Therefore, please pay attention to the storage environment for mounted product (concern the
3-2.Electrostatic Damage
The product is part of semiconductor and electrostatic sensitive, there’s high possibility to be damaged
by the electrostatic discharge. Please take appropriate measures to avoid the static electricity from
human body and earthing of production equipment. The resistance values of electrostatic discharge
(actual values) vary with products, therefore, please call our Sales staffs for inquiries.
3-3. Electromagnetic Wave
Applications with strong electromagnetic wave such as, IH cooker, will influence the reliability of LED,
therefore please evaluate before using it.
the products.
generated gas of the surrounding parts of the products and the atmospheric environment).
[SML-E1x series]
________________________________________________________
www.rohm.com
©2016 ROHM Co., Ltd. All rights reserved
9/11
2017.5 - Rev.005


同様の部品番号 - SML-E12V8W

メーカー部品番号データシート部品情報
logo
Rohm
SML-E12V8W ROHM-SML-E12V8W Datasheet
113Kb / 3P
   Standard Type
SML-E12V8W ROHM-SML-E12V8W Datasheet
1Mb / 4P
   EXCELEDTM series
SML-E12V8W ROHM-SML-E12V8W Datasheet
1Mb / 4P
   EXCELEDTM series Compact, Thin size (1.6횞0.8mm, t=0.36mm)
SML-E12V8W ROHM-SML-E12V8W Datasheet
1Mb / 4P
   SML-E1 Series
SML-E12V8W ROHM-SML-E12V8W Datasheet
572Kb / 12P
   Original device technology enables high brightness and high reliability
2017.3 - Rev.004
More results

同様の説明 - SML-E12V8W

メーカー部品番号データシート部品情報
logo
Rohm
SML-D13VW ROHM-SML-D13VW Datasheet
491Kb / 11P
   Original device technology enables high brightness
SML-D14VW ROHM-SML-D14VW Datasheet
650Kb / 11P
   Original device technology enables high brightness
SML-51 ROHM-SML-51_11 Datasheet
1Mb / 4P
   Original device technology enables high brightness
SML-D11YW ROHM-SML-D11YW Datasheet
619Kb / 11P
   Original device technology enables high brightness
SML-D12V8W ROHM-SML-D12V8W Datasheet
537Kb / 11P
   Original device technology enables high brightness
SML-D15VW ROHM-SML-D15VW Datasheet
720Kb / 10P
   Original device technology enables high brightness
SML-D12Y3W ROHM-SML-D12Y3W Datasheet
555Kb / 11P
   Original device technology enables high brightness and high reliability
SML-D14 ROHM-SML-D14 Datasheet
442Kb / 8P
   Original device technology enables high brightness and high reliability
SML-E1X ROHM-SML-E1X Datasheet
572Kb / 12P
   Original device technology enables high brightness and high reliability
2017.3 - Rev.004
SML-51VW ROHM-SML-51VW Datasheet
167Kb / 3P
   Original device technology enables high brightness and high reliability
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com