データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SML-E12U8W データシート(PDF) 8 Page - Rohm

部品番号 SML-E12U8W
部品情報  Original device technology enables high brightness
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ROHM [Rohm]
ホームページ  http://www.rohm.com
Logo ROHM - Rohm

SML-E12U8W データシート(HTML) 8 Page - Rohm

Back Button SML-E12U8W Datasheet HTML 4Page - Rohm SML-E12U8W Datasheet HTML 5Page - Rohm SML-E12U8W Datasheet HTML 6Page - Rohm SML-E12U8W Datasheet HTML 7Page - Rohm SML-E12U8W Datasheet HTML 8Page - Rohm SML-E12U8W Datasheet HTML 9Page - Rohm SML-E12U8W Datasheet HTML 10Page - Rohm SML-E12U8W Datasheet HTML 11Page - Rohm SML-E12U8W Datasheet HTML 12Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
    
[Data Sheet]
1.Storage
If the product is heated during the reflow under the condition of hygroscopic state,
it may vaporize and expand which will influence the performance of the product.
Therefore, the package is waterproof. Please use the product following the conditions:
・Using Conditions
・Baking
Bake the product in case of below:
①The expiration date is passed.
②The color of indicator (silica gel) turned from blue to colorless or from green to pink.
・Baking Conditions
2.Application Methods
2-1.Precaution for Drive System and Off Mode
Design the circuit without the electric load exceeding the ABSOLUTE MAXIMUM RATING that
please do not apply voltage neither forward nor reverse. Especially, for the products with the
Ag-paste used in the die bonding, there’s high possibility to cause electro migration and result
2-2.Derating
 The Derating Characteristics are based on the lifetime of luminous intensity and assumption
of degradation & color change of sealing resin or reflector. About its reliability,
2-3.Operation Life Span
There’s possibility for intensity of light drop according to working conditions and environments
(applied current, surrounding temperature and humidity, corrosive gases), please call our Sales
①Longtime intensity of light life
②On mode all the time
2-4.Applied Stress on Product
No resin hardening agent such as filler is used in the sealing resin of the product.
Therefore, please pay attention to the overstress on it which may influence its reliability.
2-5.Usage
The Product is LED. We are not responsible for the usage as the diode such as Protection Chip,
Expiration Date
Remark
①Before using 5〜30℃
30〜70%RH
Within 1 year
from Receiving
Storage with waterproof package
please evaluate its using conditions and environment and use it after confirmed there is no problem.
Humidity
・Bake products in reel.
・Reel and embossed tape are easy to be deformed when baking,
Rectifier, Switching and so on.
Please storing in the airtight container
[SML-E1x series]
■Precaution (Surface Mount Device)
②After opening
package
5〜30℃ Below 70%RH
Within 168h
with our desiccant (silica gel)
(Even if the product is within the expiration date.)
60±3℃
12〜24h
Below 20%RH
Remark
so please try not to apply stress on it.
・Recommend bake once.
applies on the products. If drive by constant voltage, it may cause current deviation of the LED and
result in deviation of luminous intensity, so we recommend to drive by constant current.
(Deviation of VF Value will cause deviation of current in LED.) Furthermore, for off mode,
in function failure.
Temperature
Time
staffs for inquiries about the concerned application below.
Classification Temperature
Humidity
________________________________________________________
www.rohm.com
©2016 ROHM Co., Ltd. All rights reserved
8/11
2017.5 - Rev.005


同様の部品番号 - SML-E12U8W

メーカー部品番号データシート部品情報
logo
Rohm
SML-E12U8W ROHM-SML-E12U8W Datasheet
113Kb / 3P
   Standard Type
SML-E12U8W ROHM-SML-E12U8W Datasheet
1Mb / 4P
   EXCELEDTM series
SML-E12U8W ROHM-SML-E12U8W Datasheet
1Mb / 4P
   EXCELEDTM series Compact, Thin size (1.6횞0.8mm, t=0.36mm)
SML-E12U8W ROHM-SML-E12U8W Datasheet
1Mb / 4P
   SML-E1 Series
SML-E12U8W ROHM-SML-E12U8W Datasheet
572Kb / 12P
   Original device technology enables high brightness and high reliability
2017.3 - Rev.004
More results

同様の説明 - SML-E12U8W

メーカー部品番号データシート部品情報
logo
Rohm
SML-D13VW ROHM-SML-D13VW Datasheet
491Kb / 11P
   Original device technology enables high brightness
SML-D14VW ROHM-SML-D14VW Datasheet
650Kb / 11P
   Original device technology enables high brightness
SML-51 ROHM-SML-51_11 Datasheet
1Mb / 4P
   Original device technology enables high brightness
SML-D11YW ROHM-SML-D11YW Datasheet
619Kb / 11P
   Original device technology enables high brightness
SML-D12V8W ROHM-SML-D12V8W Datasheet
537Kb / 11P
   Original device technology enables high brightness
SML-D15VW ROHM-SML-D15VW Datasheet
720Kb / 10P
   Original device technology enables high brightness
SML-D12Y3W ROHM-SML-D12Y3W Datasheet
555Kb / 11P
   Original device technology enables high brightness and high reliability
SML-D14 ROHM-SML-D14 Datasheet
442Kb / 8P
   Original device technology enables high brightness and high reliability
SML-E1X ROHM-SML-E1X Datasheet
572Kb / 12P
   Original device technology enables high brightness and high reliability
2017.3 - Rev.004
SML-51VW ROHM-SML-51VW Datasheet
167Kb / 3P
   Original device technology enables high brightness and high reliability
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com